Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MSU2052C25 Datasheet(PDF) 8 Page - Mosel Vitelic, Corp

Part # MSU2052C25
Description  low working voltage 16 MHz ROM less MCU
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOSEL [Mosel Vitelic, Corp]
Direct Link  http://www.moselvitelic.com
Logo MOSEL - Mosel Vitelic, Corp

MSU2052C25 Datasheet(HTML) 8 Page - Mosel Vitelic, Corp

Back Button MSU2052C25 Datasheet HTML 4Page - Mosel Vitelic, Corp MSU2052C25 Datasheet HTML 5Page - Mosel Vitelic, Corp MSU2052C25 Datasheet HTML 6Page - Mosel Vitelic, Corp MSU2052C25 Datasheet HTML 7Page - Mosel Vitelic, Corp MSU2052C25 Datasheet HTML 8Page - Mosel Vitelic, Corp MSU2052C25 Datasheet HTML 9Page - Mosel Vitelic, Corp MSU2052C25 Datasheet HTML 10Page - Mosel Vitelic, Corp MSU2052C25 Datasheet HTML 11Page - Mosel Vitelic, Corp MSU2052C25 Datasheet HTML 12Page - Mosel Vitelic, Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 21 page
background image
8
Rev. 1.0 February 1998
MOSEL VITELIC
MSU2052/U2032
DC Characteristics
(16/25/40 MHz, typical operating conditons, valid for U20x2C series)
Symbol
V ILX
V ILE
V ILR
V IHX
V IHE
V IHR
V OLA
V OL0
V OL1
V OHA
V OH0
V OH1
V OH2
I OL0
I IL
I IH
I TL
I LI
R RES
R X
C IO
I CC
Parameter
Input Low Voltage
"
"
Input High Voltage
"
"
Output Low Voltage
"
"
Output High Voltage
"
"
"
"
"
"
"
Output Low Current
Logical 0 Input Current
Logical 1 Input Current
Logic Transition Current
Input Leakage Current
Reset Pulldown Resistance
Crystal feedback Resistance
Pin Capacitance
Power Supply Current
Valid
XTAL1
#EA
RES
XTAL1
#EA
RES
ALE, #PSEN
ports 0,3
ports 1,2
ALE, #PSEN
port 0
ports 1,3
port 2
ports 0,3
ports 1,2,3
port 0
ports 1,2,3
port 0
RES
XTAL1,2
Vdd
Vdd
Vdd
Min.
Typ.
Max
Unit
V
V
V
V
V
V
mV
mV
mV
V
V
V
V
V
V
V
V
mA
uA
uA
uA
uA
Kohm
Kohm
pF
mA
mA
uA
Test Conditions
I OL = 3.2 mA
I OL = 3.2 mA
I OL = 1.6 mA
I OH = -60 uA
I OH = -10 uA
I OH = -800 uA
I OH = -80 uA
I OH = -60 uA
I OH = -10 uA
I OH = -60 uA
I OH = -10 uA
V OL = 0.45V, note 1
V in = 0.45 V
V in = 5.0 V
V in = 2.0 V
0.45V < Vin < Vcc
Freq=1MHz, Ta=25 ¢J
Active mode, 16 MHz
Idle mode, 16MHz
Power down mode
-0.5
0
-0.5
70%Vcc
20%Vcc+0.9
70%Vcc
2.4
90%Vcc
2.4
90%Vcc
2.4
90%Vcc
2.4
90%Vcc
50
90
18
5
3
10
20%Vcc-0.1
20%Vcc-0.3
20%Vcc-0.1
Vcc+0.5
Vcc+0.5
Vcc+0.5
450
450
450
-50
1.5
-650
10
150
330
10
8
5
45
note 1 : no more than 80 mA I OLs for all 16-bit ports 0 & 3 output pins.


Similar Part No. - MSU2052C25

ManufacturerPart #DatasheetDescription
logo
Mosel Vitelic, Corp
MSU2051 MOSEL-MSU2051 Datasheet
119Kb / 21P
   low working voltage 16 MHz ROM less MCU
MSU2051C16 MOSEL-MSU2051C16 Datasheet
119Kb / 21P
   low working voltage 16 MHz ROM less MCU
MSU2051C25 MOSEL-MSU2051C25 Datasheet
119Kb / 21P
   low working voltage 16 MHz ROM less MCU
MSU2051C40 MOSEL-MSU2051C40 Datasheet
119Kb / 21P
   low working voltage 16 MHz ROM less MCU
MSU2051L16 MOSEL-MSU2051L16 Datasheet
119Kb / 21P
   low working voltage 16 MHz ROM less MCU
More results

Similar Description - MSU2052C25

ManufacturerPart #DatasheetDescription
logo
Mosel Vitelic, Corp
MSU2051 MOSEL-MSU2051 Datasheet
119Kb / 21P
   low working voltage 16 MHz ROM less MCU
logo
Maxim Integrated Produc...
ZLR32300 MAXIM-ZLR32300 Datasheet
618Kb / 103P
   Low-Voltage ROM MCU with Infrared Timers
Rev 0; 5/09
logo
Zilog, Inc.
ZLR32300 ZILOG-ZLR32300 Datasheet
1Mb / 98P
   Z8 Low-Voltage ROM MCU with Infrared Timers
logo
STMicroelectronics
ST10C167 STMICROELECTRONICS-ST10C167 Datasheet
433Kb / 65P
   16-BIT MCU WITH 32K BYTE ROM
ST10R172L-B0 STMICROELECTRONICS-ST10R172L-B0 Datasheet
20Kb / 3P
   16-BIT LOW VOLTAGE ROMLESS MCU
ST10R172L STMICROELECTRONICS-ST10R172L Datasheet
648Kb / 68P
   16-BIT LOW VOLTAGE ROMLESS MCU
logo
Microchip Technology
DM163006 MICROCHIP-DM163006 Datasheet
5Mb / 320P
   High-Performance ROM-less Microcontrollers
10/01/00
logo
List of Unclassifed Man...
XPT8P003A ETC2-XPT8P003A Datasheet
322Kb / 1P
   16 MHz XPT8P 8Bit MCU
logo
STMicroelectronics
ST9291 STMICROELECTRONICS-ST9291 Datasheet
170Kb / 20P
   16-48K ROM HCMOS MCU WITH ON SCREEN DISPLAY AND VOLTAGE TUNINGOUTPUT
ST10R272L-B0 STMICROELECTRONICS-ST10R272L-B0 Datasheet
24Kb / 4P
   16-BIT ROMLESS LOW VOLTAGE MCU WITH MAC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com