Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX9224ETI+ Datasheet(PDF) 11 Page - Maxim Integrated Products

Part # MAX9224ETI+
Description  22-Bit, Low-Power, 5MHz to 10MHz Serializer and Deserializer Chipsets
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX9224ETI+ Datasheet(HTML) 11 Page - Maxim Integrated Products

Back Button MAX9224ETI+ Datasheet HTML 5Page - Maxim Integrated Products MAX9224ETI+ Datasheet HTML 6Page - Maxim Integrated Products MAX9224ETI+ Datasheet HTML 7Page - Maxim Integrated Products MAX9224ETI+ Datasheet HTML 8Page - Maxim Integrated Products MAX9224ETI+ Datasheet HTML 9Page - Maxim Integrated Products MAX9224ETI+ Datasheet HTML 10Page - Maxim Integrated Products MAX9224ETI+ Datasheet HTML 11Page - Maxim Integrated Products MAX9224ETI+ Datasheet HTML 12Page - Maxim Integrated Products MAX9224ETI+ Datasheet HTML 13Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
Flex Cable, PC Board Interconnect,
and Connectors
Interconnect for LCDS typically has a differential imped-
ance of 110
Ω. Use interconnect and connectors that have
matched differential impedance to minimize impedance
discontinuities.
Board Layout and Supply Bypassing
Separate the logic and LCDS signals to prevent
crosstalk. A PC board or flex with separate layers for
power, ground, and signals is recommended.
Bypass each VDD and VDDO pin with high-frequency,
surface-mount ceramic 0.1µF and 0.01µF capacitors in
parallel as close to the device as possible, with the
smallest value capacitor closest to the supply pin.
ESD Protection
The MAX9223/MAX9224 LCDS inputs and outputs
(SDO+/SDO-, SDI+/SDI-) are rated for ±15kV ESD pro-
tection using the Human Body Model. The Human Body
Model discharge components are CS = 100pF and RD =
1.5k
Ω (Figure 7).
Chip Information
PROCESS: CMOS
22-Bit, Low-Power, 5MHz to 10MHz
Serializer and Deserializer Chipset
______________________________________________________________________________________
11
4096
HIGH
IN POWER-
DOWN
LOW
PCLKIN
DIN_
DATA TRANSFER
PCLKOUT
DOUT_
LOW
HIGH
PWRDN
12
1
1
N
N
DON'T CARE
tPWRDN
POWER-
DOWN
DON'T CARE
POWER-UP AND LINK
SYNCHRONIZATION
IN POWER-
DOWN
Figure 6. MAX9223/MAX9224 Power-Up/Power-Down Sequence
CS
100pF
STORAGE
CAPACITOR
HIGH-
VOLTAGE
DC
SOURCE
DEVICE
UNDER
TEST
CHARGE-CURRENT-
LIMIT RESISTOR
DISCHARGE
RESISTANCE
1M
RD
1.5k
Figure 7. Human Body Model ESD Test Circuit


Similar Part No. - MAX9224ETI+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9224ETI++ MAXIM-MAX9224ETI+ Datasheet
238Kb / 15P
   22-Bit, Low-Power, 5MHz to 10MHz Serializer and Deserializer Chipsets
2007
More results

Similar Description - MAX9224ETI+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9223 MAXIM-MAX9223_V01 Datasheet
238Kb / 15P
   22-Bit, Low-Power, 5MHz to 10MHz Serializer and Deserializer Chipsets
2007
MAX9225 MAXIM-MAX9225 Datasheet
167Kb / 15P
   10-Bit, Low-Power, 10MHz-to-20MHz Serializer and Deserializer Chipset
Rev 1; 12/07
logo
Fairchild Semiconductor
FIN24AC FAIRCHILD-FIN24AC_07 Datasheet
389Kb / 25P
   22-Bit Bi-Directional Serializer/Deserializer
FIN224AC FAIRCHILD-FIN224AC_08 Datasheet
1Mb / 19P
   22-Bit Bi-Directional Serializer/Deserializer
FIN224AC FAIRCHILD-FIN224AC_11 Datasheet
1Mb / 19P
   22-Bit Bi-Directional Serializer/Deserializer
FIN224C FAIRCHILD-FIN224C Datasheet
765Kb / 9P
   24-Bit Low-Power Serializer/Deserializer
FIN224AC_0611 FAIRCHILD-FIN224AC_0611 Datasheet
497Kb / 23P
   uSerDes 22-Bit Bi-Directional Serializer/Deserializer
FIN224AC FAIRCHILD-FIN224AC Datasheet
539Kb / 23P
   USerDes 22-Bit Bi-Directional Serializer/Deserializer
FIN24AC FAIRCHILD-FIN24AC Datasheet
708Kb / 21P
   USerDesTM 22-Bit Bi-Directional Serializer/Deserializer
FIN324C FAIRCHILD-FIN324C_08 Datasheet
930Kb / 19P
   24-Bit Ultra-Low Power Serializer / Deserializer Supporting Single and Dual Displays
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com