Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MRF6S18060NBR1 Datasheet(PDF) 8 Page - Freescale Semiconductor, Inc

Part # MRF6S18060NBR1
Description  RF Power Field Effect Transistors
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MRF6S18060NBR1 Datasheet(HTML) 8 Page - Freescale Semiconductor, Inc

Back Button MRF6S18060NBR1 Datasheet HTML 4Page - Freescale Semiconductor, Inc MRF6S18060NBR1 Datasheet HTML 5Page - Freescale Semiconductor, Inc MRF6S18060NBR1 Datasheet HTML 6Page - Freescale Semiconductor, Inc MRF6S18060NBR1 Datasheet HTML 7Page - Freescale Semiconductor, Inc MRF6S18060NBR1 Datasheet HTML 8Page - Freescale Semiconductor, Inc MRF6S18060NBR1 Datasheet HTML 9Page - Freescale Semiconductor, Inc MRF6S18060NBR1 Datasheet HTML 10Page - Freescale Semiconductor, Inc MRF6S18060NBR1 Datasheet HTML 11Page - Freescale Semiconductor, Inc MRF6S18060NBR1 Datasheet HTML 12Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
8
RF Device Data
Freescale Semiconductor
MRF6S18060NR1 MRF6S18060NBR1
TYPICAL CHARACTERISTICS
210
1.E+09
90
TJ, JUNCTION TEMPERATURE (°C)
This above graph displays calculated MTTF in hours x ampere2
drain current. Life tests at elevated temperatures have correlated to
better than
±10% of the theoretical prediction for metal failure. Divide
MTTF factor by ID2 for MTTF in a particular application.
100 110 120 130 140 150 160 170 180
1.E+08
1.E+06
1.E+07
Figure 13. MTTF Factor versus Junction Temperature
200
190
GSM TEST SIGNAL
Figure 14. EDGE Spectrum
−10
−20
−30
−40
−50
−60
−70
−80
−90
−100
200 kHz
Span 2 MHz
Center 1.96 GHz
−110
400 kHz
600 kHz
400 kHz
600 kHz
Reference Power
VBW = 30 kHz
Sweep Time = 70 ms
RBW = 30 kHz


Similar Part No. - MRF6S18060NBR1

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MRF6S18060NBR1 FREESCALE-MRF6S18060NBR1 Datasheet
768Kb / 21P
   RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
More results

Similar Description - MRF6S18060NBR1

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MRF19045R3 MOTOROLA-MRF19045R3 Datasheet
326Kb / 12P
   RF POWER FIELD EFFECT TRANSISTORS
logo
Freescale Semiconductor...
MRF1535NT1 FREESCALE-MRF1535NT1_06 Datasheet
486Kb / 14P
   RF Power Field Effect Transistors
MRF5S9100NR1 FREESCALE-MRF5S9100NR1 Datasheet
525Kb / 16P
   RF Power Field Effect Transistors
MRF7S21170HR3 FREESCALE-MRF7S21170HR3_12 Datasheet
452Kb / 17P
   RF Power Field Effect Transistors
MRF8P18265H FREESCALE-MRF8P18265H Datasheet
616Kb / 14P
   RF Power Field Effect Transistors
MRF8S18210WHS FREESCALE-MRF8S18210WHS Datasheet
756Kb / 18P
   RF Power Field Effect Transistors
MRF6S23140H_V2 FREESCALE-MRF6S23140H_V2 Datasheet
437Kb / 12P
   RF Power Field Effect Transistors
MRF8S8260HR3 FREESCALE-MRF8S8260HR3 Datasheet
581Kb / 14P
   RF Power Field Effect Transistors
logo
Motorola, Inc
MRF373R1 MOTOROLA-MRF373R1 Datasheet
1Mb / 12P
   RF POWER FIELD EFFECT TRANSISTORS
MRF21125 MOTOROLA-MRF21125 Datasheet
381Kb / 12P
   RF POWER FIELD EFFECT TRANSISTORS
MRF9120 MOTOROLA-MRF9120 Datasheet
316Kb / 12P
   RF Power Field Effect Transistors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com