Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX1362 Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX1362
Description  4-Channel, 10-Bit, System Monitors with Programmable Trip Window and SMBus Alert Response
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1362 Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX1362 Datasheet HTML 2Page - Maxim Integrated Products MAX1362 Datasheet HTML 3Page - Maxim Integrated Products MAX1362 Datasheet HTML 4Page - Maxim Integrated Products MAX1362 Datasheet HTML 5Page - Maxim Integrated Products MAX1362 Datasheet HTML 6Page - Maxim Integrated Products MAX1362 Datasheet HTML 7Page - Maxim Integrated Products MAX1362 Datasheet HTML 8Page - Maxim Integrated Products MAX1362 Datasheet HTML 9Page - Maxim Integrated Products MAX1362 Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
Typical Operating Characteristics
(VDD = 3.3V (MAX1361), VDD = 5V (MAX1362), fSCL = 1.7MHz, external clock, fSAMPLE = 94.4ksps, single-ended, unipolar,
TA = +25°C, unless otherwise noted.)
4-Channel, 10-Bit, System Monitor with Programmable
Trip Window and SMBus Alert Response
6
_______________________________________________________________________________________
ELECTRICAL CHARACTERISTICS (continued)
(VDD = 2.7V to 3.6V (MAX1361), VDD = 4.5V to 5.5V (MAX1362), VREF = 2.048V (MAX1361), VREF = 4.096V (MAX1362), CREF =
0.1µF, fSCL = 1.7MHz, TA = TMIN to TMAX, unless otherwise noted. Typical values are at TA = +25°C.)
Note 1:
Devices configured for unipolar single-ended inputs.
Note 2:
Relative accuracy is the deviation of the analog value at any code from its theoretical value after the gain and offset have
been calibrated.
Note 3:
Offset nulled.
Note 4:
Conversion time is defined as the number of clock cycles needed for conversion multiplied by the clock period.
Conversion time does not include acquisition time. SCL is the conversion clock in the external clock mode.
Note 5:
The throughput rate of the I
2C bus is limited to 94.4ksps. The MAX1361/MAX1362 can perform conversions up to 150ksps
in monitor mode when not reading back results on the I
2C bus.
Note 6:
A filter on the SDA and SCL inputs suppresses noise spikes and delays the sampling instant.
Note 7:
The absolute input voltage range for the analog inputs (AIN0–AIN3) is from GND to VDD.
Note 8:
When the internal reference is configured to be available at AIN3/REF (SEL[2:1] = 11), decouple AIN3/REF to GND with a
0.01µF capacitor.
Note 9:
ADC performance is limited by the converter’s noise floor, typically 300µVP-P.
Note 10: Maximum conversion throughput in internal clock mode when the data is not clocked out.
Note 11: For the MAX1361, PSRR is measured as
and for the MAX1362, PSRR is measured as
Note 12: CB = total capacitance of one bus line in pF.
Note 13: fSCLH must meet the minimum clock low time plus the rise/fall times.
Note 14: A master device must provide a data hold time for SDA (referred to VIL of SCL) to bridge the undefined region of SCL’s
falling edge.
VV
VV
V
VV
FS
FS
N
REF
(.
)
( .
)
(.
.
)
55
45
21
55
45
[]× −
VV
V
V
V
VV
FS
FS
N
REF
(.
)
( .
)
(.
.
)
36
27
21
36
27
[]× −
-160
-140
-120
-100
-80
-60
-40
-20
0
010
20304050
FFT PLOT
FREQUENCY (kHz)
fSAMPLE = 94.4ksps
fIN = 10kHz
-0.3
-0.1
-0.2
0.1
0
0.2
0.3
0
1000
DIFFERENTIAL NONLINEARITY
vs. DIGITAL CODE
DIGITAL OUTPUT CODE
400
200
600
800
-0.5
-0.2
-0.3
-0.4
-0.1
0
0.1
0.2
0.3
0.4
0.5
0
400
200
600
800
1000
INTEGRAL NONLINEARITY
vs. DIGITAL CODE
DIGITAL OUTPUT CODE


Similar Part No. - MAX1362

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1362EUB MAXIM-MAX1362EUB Datasheet
384Kb / 24P
   4-Channel, 10-Bit, System Monitors with Programmable Trip Window and SMBus Alert Response
Rev 2; 3/05
MAX1362EUB++ MAXIM-MAX1362EUB+ Datasheet
371Kb / 24P
   4-Channel, 10-Bit, System Monitors with Programmable Trip Window and SMBus Alert Response
2010
MAX1362LEUB MAXIM-MAX1362LEUB Datasheet
384Kb / 24P
   4-Channel, 10-Bit, System Monitors with Programmable Trip Window and SMBus Alert Response
Rev 2; 3/05
MAX1362MEUB MAXIM-MAX1362MEUB Datasheet
384Kb / 24P
   4-Channel, 10-Bit, System Monitors with Programmable Trip Window and SMBus Alert Response
Rev 2; 3/05
MAX1362MEUB++ MAXIM-MAX1362MEUB+ Datasheet
371Kb / 24P
   4-Channel, 10-Bit, System Monitors with Programmable Trip Window and SMBus Alert Response
2010
More results

Similar Description - MAX1362

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1361 MAXIM-MAX1361 Datasheet
384Kb / 24P
   4-Channel, 10-Bit, System Monitors with Programmable Trip Window and SMBus Alert Response
Rev 2; 3/05
MAX1361 MAXIM-MAX1361_V01 Datasheet
371Kb / 24P
   4-Channel, 10-Bit, System Monitors with Programmable Trip Window and SMBus Alert Response
2010
MAX1363 MAXIM-MAX1363 Datasheet
363Kb / 24P
   4-Channel, 12-Bit System Monitors with Programmable Trip Window and SMBus Alert Response
Rev 1; 3/05
MAX1363 MAXIM-MAX1363_V01 Datasheet
273Kb / 25P
   4-Channel, 12-Bit System Monitors with Programmable Trip Window and SMBus Alert Response
2008
logo
ON Semiconductor
ADM1032 ONSEMI-ADM1032_12 Datasheet
237Kb / 18P
   1C Remote and Local System Temperature Monitor Supports SMBus Alert
April, 2012 ??Rev. 12
logo
Maxim Integrated Produc...
MAX1153 MAXIM-MAX1153_10 Datasheet
474Kb / 30P
   Stand-Alone, 10-Channel, 10-Bit System Monitors with Internal Temperature Sensor and VDD Monitor
Rev 1; 6/10
MAX1153 MAXIM-MAX1153 Datasheet
481Kb / 29P
   Stand-Alone, 10-Channel, 10-Bit System Monitors with Internal Temperature Sensor and VDD Monitor
MAX1253 MAXIM-MAX1253 Datasheet
439Kb / 29P
   Stand-Alone, 10-Channel, 12-Bit System Monitors with Internal Temperature Sensor and VDD Monitor
19-2838; Rev 0; 4/03
MAX6650 MAXIM-MAX6650 Datasheet
315Kb / 25P
   Fan-Speed Regulators and Monitors with SMBus/I2C-Compatible Interface
Rev 2; 12/01
MAX6650 MAXIM-MAX6650_14 Datasheet
260Kb / 25P
   Fan-Speed Regulators and Monitors with SMBus/I2C-Compatible Interface
Rev 5; 12/12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com