Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX1361 Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX1361
Description  4-Channel, 10-Bit, System Monitors with Programmable Trip Window and SMBus Alert Response
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1361 Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX1361_06 Datasheet HTML 1Page - Maxim Integrated Products MAX1361_06 Datasheet HTML 2Page - Maxim Integrated Products MAX1361_06 Datasheet HTML 3Page - Maxim Integrated Products MAX1361_06 Datasheet HTML 4Page - Maxim Integrated Products MAX1361_06 Datasheet HTML 5Page - Maxim Integrated Products MAX1361_06 Datasheet HTML 6Page - Maxim Integrated Products MAX1361_06 Datasheet HTML 7Page - Maxim Integrated Products MAX1361_06 Datasheet HTML 8Page - Maxim Integrated Products MAX1361_06 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
4-Channel, 10-Bit, System Monitor with Programmable
Trip Window and SMBus Alert Response
_______________________________________________________________________________________
5
ELECTRICAL CHARACTERISTICS (continued)
(VDD = 2.7V to 3.6V (MAX1361), VDD = 4.5V to 5.5V (MAX1362), VREF = 2.048V (MAX1361), VREF = 4.096V (MAX1362), CREF =
0.1µF, fSCL = 1.7MHz, TA = TMIN to TMAX, unless otherwise noted. Typical values are at TA = +25°C.)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Hold Time for START (S)
Condition
tHD, STA
0.6
µs
Low Period of the SCL Clock
tLOW
1.3
µs
High Period of the SCL Clock
tHIGH
0.6
µs
Setup Time for a Repeated
START Condition (Sr)
tSU, STA
0.6
µs
Data Hold Time
tHD, DAT
0
900
ns
Data Setup Time
tSU, DAT
100
ns
Rise Time of Both SDA and SCL
Signals, Receiving
tR
Measured from 0.3VDD to 0.7VDD
0
300
ns
Fall Time of SDA Transmitting
tF
Measured from 0.3VDD to 0.7VDD
0
300
ns
Setup Time for STOP (P)
Condition
tSU, STO
0.6
µs
Capacitive Load for Each Bus
Line
CB
400
pF
Pulse Width of Spike Suppressed
50
ns
TIMING CHARACTERISTICS FOR HIGH-SPEED MODE (CB = 400pF, Figures 1a, 2) (Note 12)
Serial Clock Frequency
fSCLH
(Note 13)
1.7
MHz
Hold Time, Repeated START
Condition (Sr)
tHD, STA
160
ns
Low Period of the SCL Clock
tLOW
(Note 13)
320
ns
High Period of the SCL Clock
tHIGH
120
ns
Setup Time for a Repeated
START Condition (Sr)
tSU, STA
160
ns
Data Hold Time
tHD, DAT
(Note 14)
0
150
ns
Data Setup Time
tSU, DAT
10
ns
Rise Time of SCL Signal
tRCL
Measured from 0.3VDD to 0.7VDD
20
80
ns
Rise Time of SCL Signal After
Acknowledge Bit
tRCL1
Measured from 0.3VDD to 0.7VDD
20
160
ns
Fall Time of SCL Signal
tFCL
Measured from 0.3VDD to 0.7VDD
20
80
ns
Rise Time of SDA Signal
tRDA
Measured from 0.3VDD to 0.7VDD
20
160
ns
Fall Time of SDA Signal
tFDA
Measured from 0.3VDD to 0.7VDD
20
160
ns
Setup Time for STOP (P)
Condition
tSU, STO
160
ns
Capacitive Load for Each Bus
CB
400
pF
Pulse Width of Spike Suppressed
010
ns


Similar Part No. - MAX1361_06

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1361EUB MAXIM-MAX1361EUB Datasheet
384Kb / 24P
   4-Channel, 10-Bit, System Monitors with Programmable Trip Window and SMBus Alert Response
Rev 2; 3/05
MAX1361LEUB MAXIM-MAX1361LEUB Datasheet
384Kb / 24P
   4-Channel, 10-Bit, System Monitors with Programmable Trip Window and SMBus Alert Response
Rev 2; 3/05
MAX1361MEUB MAXIM-MAX1361MEUB Datasheet
384Kb / 24P
   4-Channel, 10-Bit, System Monitors with Programmable Trip Window and SMBus Alert Response
Rev 2; 3/05
MAX1361 MAXIM-MAX1361_V01 Datasheet
371Kb / 24P
   4-Channel, 10-Bit, System Monitors with Programmable Trip Window and SMBus Alert Response
2010
More results

Similar Description - MAX1361_06

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1361 MAXIM-MAX1361 Datasheet
384Kb / 24P
   4-Channel, 10-Bit, System Monitors with Programmable Trip Window and SMBus Alert Response
Rev 2; 3/05
MAX1361 MAXIM-MAX1361_V01 Datasheet
371Kb / 24P
   4-Channel, 10-Bit, System Monitors with Programmable Trip Window and SMBus Alert Response
2010
MAX1363 MAXIM-MAX1363 Datasheet
363Kb / 24P
   4-Channel, 12-Bit System Monitors with Programmable Trip Window and SMBus Alert Response
Rev 1; 3/05
MAX1363 MAXIM-MAX1363_V01 Datasheet
273Kb / 25P
   4-Channel, 12-Bit System Monitors with Programmable Trip Window and SMBus Alert Response
2008
logo
ON Semiconductor
ADM1032 ONSEMI-ADM1032_12 Datasheet
237Kb / 18P
   1C Remote and Local System Temperature Monitor Supports SMBus Alert
April, 2012 ??Rev. 12
logo
Maxim Integrated Produc...
MAX1153 MAXIM-MAX1153_10 Datasheet
474Kb / 30P
   Stand-Alone, 10-Channel, 10-Bit System Monitors with Internal Temperature Sensor and VDD Monitor
Rev 1; 6/10
MAX1153 MAXIM-MAX1153 Datasheet
481Kb / 29P
   Stand-Alone, 10-Channel, 10-Bit System Monitors with Internal Temperature Sensor and VDD Monitor
MAX1253 MAXIM-MAX1253 Datasheet
439Kb / 29P
   Stand-Alone, 10-Channel, 12-Bit System Monitors with Internal Temperature Sensor and VDD Monitor
19-2838; Rev 0; 4/03
MAX6650 MAXIM-MAX6650 Datasheet
315Kb / 25P
   Fan-Speed Regulators and Monitors with SMBus/I2C-Compatible Interface
Rev 2; 12/01
MAX6650 MAXIM-MAX6650_14 Datasheet
260Kb / 25P
   Fan-Speed Regulators and Monitors with SMBus/I2C-Compatible Interface
Rev 5; 12/12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com