Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX1361 Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # MAX1361
Description  4-Channel, 10-Bit, System Monitors with Programmable Trip Window and SMBus Alert Response
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1361 Datasheet(HTML) 8 Page - Maxim Integrated Products

Back Button MAX1361_06 Datasheet HTML 4Page - Maxim Integrated Products MAX1361_06 Datasheet HTML 5Page - Maxim Integrated Products MAX1361_06 Datasheet HTML 6Page - Maxim Integrated Products MAX1361_06 Datasheet HTML 7Page - Maxim Integrated Products MAX1361_06 Datasheet HTML 8Page - Maxim Integrated Products MAX1361_06 Datasheet HTML 9Page - Maxim Integrated Products MAX1361_06 Datasheet HTML 10Page - Maxim Integrated Products MAX1361_06 Datasheet HTML 11Page - Maxim Integrated Products MAX1361_06 Datasheet HTML 12Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
4-Channel, 10-Bit, System Monitor with Programmable
Trip Window and SMBus Alert Response
8
_______________________________________________________________________________________
PIN
NAME
FUNCTION
1
AIN0
Analog Input
2
AIN1
Analog Input
3
AIN2
Analog Input
4
AIN3/VREF
Analog Input or Reference Input or Output. See Table 3.
5A0
I
2C Address Select Input. Connect to VDD or GND. See Table 1.
6
INT
Active-Low, Open-Drain Interrupt Output
7
SCL
I
2C Clock Input
8
SDA
I
2C Data Input/Output
9
GND
Ground
10
VDD
Positive Supply Voltage. Bypass VDD to GND with a 0.1µF capacitor.
Pin Description
MAX1361/MAX1362
10-BIT
ADC
4:1
MUX
CONTROL
TRIP
THRESHOLDS
I2C
INTERFACE
SDA
SCL
A0
INT
CLK
INT
REF
GND
VDD
AIN0
AIN1
AIN2
AIN3/
REF
Functional Diagram
0
0.3
0.2
0.1
0.4
0.5
0.6
0.7
0.8
0.9
1.0
2.7
3.7
3.2
4.2
4.7
5.2
GAIN ERROR vs. SUPPLY VOLTAGE
VDD (V)
MONITOR-MODE SUPPLY CURRENT
vs. SPEED
SPEED (ksps)
125
100
75
50
25
100
200
300
400
500
600
700
0
0
150
INTERNAL REF
EXTERNAL REF
Typical Operating Characteristics (continued)
(VDD = 3.3V (MAX1361), VDD = 5V (MAX1362), fSCL = 1.7MHz, external clock, fSAMPLE = 94.4ksps, single-ended, unipolar,
TA = +25°C, unless otherwise noted.)


Similar Part No. - MAX1361_06

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1361EUB MAXIM-MAX1361EUB Datasheet
384Kb / 24P
   4-Channel, 10-Bit, System Monitors with Programmable Trip Window and SMBus Alert Response
Rev 2; 3/05
MAX1361LEUB MAXIM-MAX1361LEUB Datasheet
384Kb / 24P
   4-Channel, 10-Bit, System Monitors with Programmable Trip Window and SMBus Alert Response
Rev 2; 3/05
MAX1361MEUB MAXIM-MAX1361MEUB Datasheet
384Kb / 24P
   4-Channel, 10-Bit, System Monitors with Programmable Trip Window and SMBus Alert Response
Rev 2; 3/05
MAX1361 MAXIM-MAX1361_V01 Datasheet
371Kb / 24P
   4-Channel, 10-Bit, System Monitors with Programmable Trip Window and SMBus Alert Response
2010
More results

Similar Description - MAX1361_06

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1361 MAXIM-MAX1361 Datasheet
384Kb / 24P
   4-Channel, 10-Bit, System Monitors with Programmable Trip Window and SMBus Alert Response
Rev 2; 3/05
MAX1361 MAXIM-MAX1361_V01 Datasheet
371Kb / 24P
   4-Channel, 10-Bit, System Monitors with Programmable Trip Window and SMBus Alert Response
2010
MAX1363 MAXIM-MAX1363 Datasheet
363Kb / 24P
   4-Channel, 12-Bit System Monitors with Programmable Trip Window and SMBus Alert Response
Rev 1; 3/05
MAX1363 MAXIM-MAX1363_V01 Datasheet
273Kb / 25P
   4-Channel, 12-Bit System Monitors with Programmable Trip Window and SMBus Alert Response
2008
logo
ON Semiconductor
ADM1032 ONSEMI-ADM1032_12 Datasheet
237Kb / 18P
   1C Remote and Local System Temperature Monitor Supports SMBus Alert
April, 2012 ??Rev. 12
logo
Maxim Integrated Produc...
MAX1153 MAXIM-MAX1153_10 Datasheet
474Kb / 30P
   Stand-Alone, 10-Channel, 10-Bit System Monitors with Internal Temperature Sensor and VDD Monitor
Rev 1; 6/10
MAX1153 MAXIM-MAX1153 Datasheet
481Kb / 29P
   Stand-Alone, 10-Channel, 10-Bit System Monitors with Internal Temperature Sensor and VDD Monitor
MAX1253 MAXIM-MAX1253 Datasheet
439Kb / 29P
   Stand-Alone, 10-Channel, 12-Bit System Monitors with Internal Temperature Sensor and VDD Monitor
19-2838; Rev 0; 4/03
MAX6650 MAXIM-MAX6650 Datasheet
315Kb / 25P
   Fan-Speed Regulators and Monitors with SMBus/I2C-Compatible Interface
Rev 2; 12/01
MAX6650 MAXIM-MAX6650_14 Datasheet
260Kb / 25P
   Fan-Speed Regulators and Monitors with SMBus/I2C-Compatible Interface
Rev 5; 12/12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com