Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KPTF-3216PBVGSURKC Datasheet(PDF) 4 Page - Kingbright Corporation

Part # KPTF-3216PBVGSURKC
Description  3.2mm x 1.6mm FULL-COLOR SURFACE MOUNT LED LAMP
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KINGBRIGHT [Kingbright Corporation]
Direct Link  http://www.us.kingbright.com
Logo KINGBRIGHT - Kingbright Corporation

KPTF-3216PBVGSURKC Datasheet(HTML) 4 Page - Kingbright Corporation

  KPTF-3216PBVGSURKC Datasheet HTML 1Page - Kingbright Corporation KPTF-3216PBVGSURKC Datasheet HTML 2Page - Kingbright Corporation KPTF-3216PBVGSURKC Datasheet HTML 3Page - Kingbright Corporation KPTF-3216PBVGSURKC Datasheet HTML 4Page - Kingbright Corporation KPTF-3216PBVGSURKC Datasheet HTML 5Page - Kingbright Corporation KPTF-3216PBVGSURKC Datasheet HTML 6Page - Kingbright Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
SPEC NO: DSAD0242
REV NO: V.5
DATE: OCT/18/2005
PAGE: 4 OF 6
APPROVED: J. Lu
CHECKED: Allen Liu
DRAWN: Y.L.LI
Green


Similar Part No. - KPTF-3216PBVGSURKC

ManufacturerPart #DatasheetDescription
logo
HK TO-GRACE TECHNOLOGY ...
KPTF-1616RGBC-11 TO-GRACE-KPTF-1616RGBC-11 Datasheet
1,013Kb / 4P
   1.6 x 1.6 mm Full-Color Surface Mount LED
More results

Similar Description - KPTF-3216PBVGSURKC

ManufacturerPart #DatasheetDescription
logo
Kingbright Corporation
APTF3216PBAVGASUK KINGBRIGHT-APTF3216PBAVGASUK Datasheet
234Kb / 7P
   3.2mm x 1.6mm FULL-COLOR SURFACE MOUNT LED LAMP
APTF3216SURKCGKPBAC KINGBRIGHT-APTF3216SURKCGKPBAC Datasheet
254Kb / 7P
   3.2mm x 1.6mm FULL-COLOR SURFACE MOUNT LED LAMP
APTF3216SEEVGAPBAC KINGBRIGHT-APTF3216SEEVGAPBAC Datasheet
254Kb / 7P
   3.2mm x 1.6mm FULL-COLOR SURFACE MOUNT LED LAMP
logo
SunLED Corporation
ZMDKBBA55W-7 SUNLED-ZMDKBBA55W-7 Datasheet
218Kb / 5P
   3.2mm x 1.6mm BI-COLOR SURFACE MOUNT LED LAMP
ZMDKVG55W-7 SUNLED-ZMDKVG55W-7 Datasheet
218Kb / 5P
   3.2mm x 1.6mm BI-COLOR SURFACE MOUNT LED LAMP
logo
LUMEX INC.
SML-LX1206IW-TR LUMEX-SML-LX1206IW-TR Datasheet
161Kb / 2P
   3.2mm X 1.6mm PCB SURFACE MOUNT LED
SML-LXL1206SUGC-TR LUMEX-SML-LXL1206SUGC-TR Datasheet
145Kb / 1P
   3.2mm X 1.6mm PCB SURFACE MOUNT LED
SML-LXL1307SUGC-TR LUMEX-SML-LXL1307SUGC-TR Datasheet
58Kb / 1P
   3.2mm X 1.6mm PCB SURFACE MOUNT LED
OED-CL1307C50-TR LUMEX-OED-CL1307C50-TR Datasheet
64Kb / 1P
   3.2mm X 1.6mm PCB SURFACE MOUNT LED
SML-LX1206SGW-TR LUMEX-SML-LX1206SGW-TR Datasheet
159Kb / 2P
   3.2mm X 1.6mm PCB SURFACE MOUNT LED
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com