Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HM5216805TT-10H Datasheet(PDF) 8 Page - Hitachi Semiconductor

Part # HM5216805TT-10H
Description  16 M LVTTL Interface SDRAM 100 MHz/83 MHz 1-Mword8-bit2-bank/2-Mword4-bit2-bank
Download  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

HM5216805TT-10H Datasheet(HTML) 8 Page - Hitachi Semiconductor

Back Button HM5216805TT-10H Datasheet HTML 4Page - Hitachi Semiconductor HM5216805TT-10H Datasheet HTML 5Page - Hitachi Semiconductor HM5216805TT-10H Datasheet HTML 6Page - Hitachi Semiconductor HM5216805TT-10H Datasheet HTML 7Page - Hitachi Semiconductor HM5216805TT-10H Datasheet HTML 8Page - Hitachi Semiconductor HM5216805TT-10H Datasheet HTML 9Page - Hitachi Semiconductor HM5216805TT-10H Datasheet HTML 10Page - Hitachi Semiconductor HM5216805TT-10H Datasheet HTML 11Page - Hitachi Semiconductor HM5216805TT-10H Datasheet HTML 12Page - Hitachi Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 60 page
background image
HM5216805 Series, HM5216405 Series
8
Block Diagram (HM5216405 Series)
Column address
counter
Column address
buffer
Row address
buffer
Refresh
counter
A0 – A11
A0 – A11
I/O0 – I/O3
Input
buffer
Output
buffer
Control logic &
timing generator
Row decoder
Row decoder
Memory array
Memory array
A0 – A9
Bank 0
Bank 1
2048 row X 1024 column X 4 bit
2048 row X 1024 column X 4 bit


Similar Part No. - HM5216805TT-10H

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
HM5216165 ELPIDA-HM5216165 Datasheet
287Kb / 52P
   16M LVTTL INTERFACE SDRAM (512-kword x 16-bit x 2-bank)
HM5216165TT-10H ELPIDA-HM5216165TT-10H Datasheet
287Kb / 52P
   16M LVTTL INTERFACE SDRAM (512-kword x 16-bit x 2-bank)
HM5216165TT-12 ELPIDA-HM5216165TT-12 Datasheet
287Kb / 52P
   16M LVTTL INTERFACE SDRAM (512-kword x 16-bit x 2-bank)
More results

Similar Description - HM5216805TT-10H

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
HB52D88GB-F ELPIDA-HB52D88GB-F Datasheet
155Kb / 22P
   64 MB Unbuffered SDRAM Micro DIMM 8-Mword 쨈 64-bit, 100 MHz Memory Bus, 1-Bank Module (4 pcs of 8 M 쨈 16 components) PC100 SDRAM
logo
Winbond
W981616BH WINBOND-W981616BH Datasheet
1,015Kb / 40P
   512K 쨈 2 BANKS 쨈 16 BITS SDRAM
logo
Elpida Memory
HM5264165F-75 ELPIDA-HM5264165F-75 Datasheet
514Kb / 65P
   64M LVTTL interface SDRAM 133 MHz/100 MHz 1-Mword 횞 16-bit 횞 4-bank/2-Mword 횞 8-bit 횞 4-bank /4-Mword 횞 4-bit 횞 4-bank PC/133, PC/100 SDRAM
HM5212165FLTD-75 ELPIDA-HM5212165FLTD-75 Datasheet
645Kb / 62P
   128M LVTTL interface SDRAM 133 MHz/100 MHz 2-Mword 횞 16-bit 횞 4-bank/4-Mword 횞 8-bit 횞 4-bank PC/133, PC/100 SDRAM
HM5212165FTD-75 ELPIDA-HM5212165FTD-75 Datasheet
570Kb / 62P
   128M LVTTL interface SDRAM 133 MHz/100 MHz 2-Mword 횞 16-bit 횞 4-bank/4-Mword 횞 8-bit 횞 4-bank PC/133, PC/100 SDRAM
logo
Hitachi Semiconductor
HM5225645F HITACHI-HM5225645F Datasheet
81Kb / 16P
   256M LVTTL interface SDRAM 100 MHz 1-Mword x 64-bit x 4-bank/2-Mword x 32-bit x 4-bank PC/100 SDRAM
HM5212165F HITACHI-HM5212165F Datasheet
859Kb / 63P
   128M LVTTL interface SDRAM 133 MHz/100 MHz 2-Mword X 16-bit X 4-bank/4-Mword X 8-bit X 4-bank PC/133, PC/100 SDRAM
logo
Elpida Memory
HM5116405 ELPIDA-HM5116405 Datasheet
580Kb / 34P
   16 M EDO DRAM (4-Mword 쨈 4-bit) 4 k Refresh/2 k Refresh
HM51W16405 ELPIDA-HM51W16405 Datasheet
625Kb / 35P
   16 M EDO DRAM (4-Mword 쨈 4-bit) 4 k Refresh/2 k Refresh
HM5225165B ELPIDA-HM5225165B Datasheet
462Kb / 63P
   256M LVTTL interface SDRAM 133 MHz/100 MHz 4-Mword 횞 16-bit 횞 4-bank/8-Mword 횞 8-bit 횞 4-bank /16-Mword 횞 4-bit 횞 4-bank PC/133, PC/100 SDRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com