Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ELD-525SURWA Datasheet(PDF) 7 Page - Everlight Electronics Co., Ltd

Part # ELD-525SURWA
Description  0.54 inch Dual Digit Alphanumeric Displays
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

ELD-525SURWA Datasheet(HTML) 7 Page - Everlight Electronics Co., Ltd

  ELD-525SURWA Datasheet HTML 1Page - Everlight Electronics Co., Ltd ELD-525SURWA Datasheet HTML 2Page - Everlight Electronics Co., Ltd ELD-525SURWA Datasheet HTML 3Page - Everlight Electronics Co., Ltd ELD-525SURWA Datasheet HTML 4Page - Everlight Electronics Co., Ltd ELD-525SURWA Datasheet HTML 5Page - Everlight Electronics Co., Ltd ELD-525SURWA Datasheet HTML 6Page - Everlight Electronics Co., Ltd ELD-525SURWA Datasheet HTML 7Page - Everlight Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
EVERLIGHT ELECTRONICS CO.,LTD.
Technical Data Sheet
0.54" Dual Digit Alphanumeric Displays
ELD-525SURWA/S530-A3
█ Packing Quantity Specification
1.20PCS/tube, 36 tubes/box
2.4Boxes/Carton
Label Form Specification
CPN: Customer's Production Number
P/N : Production Number
QTY: Packing Quantity
CAT: Ranks
HUE: Dominant Wavelength
REF: Reference
LOT No: Lot Number
MADE IN CHINA: Production Place
Notes :
1. Above specification may be changed without notice. EVERLIGHT will reserve authority on
material change for above specification.
2. When using this product, please observe the absolute maximum ratings and the instructions
for using outlined in these specification sheets. EVERLIGHT assumes no responsibility for
any damage resulting from use of the product which does not comply with the absolute
maximum ratings and the instructions included in these specification sheets.
3. These specification sheets include materials protected under copyright of EVERLIGHT corporation.
Please don't reproduce or cause anyone to reproduce them without EVERLIGHT'sconsent.
EVERLIGHT ELECTRONICS CO.,LTD.
http : //www.everlight.com
Rev. : 2
Page: 6 of 6
Device Number :CDDD-525-004
Prepared date:2004/06/28
Prepared by: YanLi Zhong
LOT NO:
ELD-286GWB
QTY:
CPN:
PN:
/
HUE:
REF:
CAT:
MADE IN CHINA
EVERLIGHT
D525SURWA/S530-A3
EVERLIGHT ELECTRONICS CO., LTD.
Tel: (020) 84860913 , 84860914
Office: 7c Building ,Lian Hua Port lndustrial District, Lian Hua Shan
Fax: (020) 84860600
Bonded Pricessing, Zone Pan Yu, Guang Zhou, China
http:\\www.everlight.com
RoHS


Similar Part No. - ELD-525SURWA

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
ELD-525SYGWA EVERLIGHT-ELD-525SYGWA Datasheet
140Kb / 6P
   0,54 inch Dual Digit Alphanumeric Displays
ELD-525SYGWA-S530-E2 EVERLIGHT-ELD-525SYGWA-S530-E2 Datasheet
140Kb / 6P
   0,54 inch Dual Digit Alphanumeric Displays
ELD-525SYGWA/S530-E2 EVERLIGHT-ELD-525SYGWA/S530-E2 Datasheet
140Kb / 6P
   0,54 inch Dual Digit Alphanumeric Displays
More results

Similar Description - ELD-525SURWA

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
ELD-526SYGWA-S530-E2 EVERLIGHT-ELD-526SYGWA-S530-E2 Datasheet
149Kb / 6P
   0.54 inch Dual Digit Alphanumeric Displays
ELD-525USOWA EVERLIGHT-ELD-525USOWA Datasheet
141Kb / 6P
   0.54 inch Dual Digit Alphanumeric Displays
ELD-526SURWA EVERLIGHT-ELD-526SURWA Datasheet
166Kb / 7P
   0.54 Dual Digit Alphanumeric Displays
ELD-525USOWA-S530-A3 EVERLIGHT-ELD-525USOWA-S530-A3_10 Datasheet
118Kb / 6P
   0.54" Dual Digit Alphanumeric Displays
logo
Micro Electronics
MANO254A-C MICRO-ELECTRONICS-MANO254A-C Datasheet
87Kb / 2P
   0.54 DUAL DIGIT ALPHANUMERIC DISPLAYS
logo
China Semiconductor Cor...
CSD-5422E CHINASEMI-CSD-5422E Datasheet
176Kb / 5P
   0.54 Inch Dual Digit Alphanumeric Display
CSD-5422B7 CHINASEMI-CSD-5422B7 Datasheet
176Kb / 5P
   0.54 Inch Dual Digit Alphanumeric Display
CSD-5422T9 CHINASEMI-CSD-5422T9 Datasheet
201Kb / 6P
   0.54 Inch Dual Digit Alphanumeric Display
CSD-5422A9 CHINASEMI-CSD-5422A9 Datasheet
176Kb / 5P
   0.54 Inch Dual Digit Alphanumeric Display
CSD-5422G CHINASEMI-CSD-5422G Datasheet
176Kb / 5P
   0.54 Inch Dual Digit Alphanumeric Display
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com