Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EHP-1103-UY01-P01 Datasheet(PDF) 8 Page - Everlight Electronics Co., Ltd

Part # EHP-1103-UY01-P01
Description  High Power Lamp
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

EHP-1103-UY01-P01 Datasheet(HTML) 8 Page - Everlight Electronics Co., Ltd

  EHP-1103-UY01-P01 Datasheet HTML 1Page - Everlight Electronics Co., Ltd EHP-1103-UY01-P01 Datasheet HTML 2Page - Everlight Electronics Co., Ltd EHP-1103-UY01-P01 Datasheet HTML 3Page - Everlight Electronics Co., Ltd EHP-1103-UY01-P01 Datasheet HTML 4Page - Everlight Electronics Co., Ltd EHP-1103-UY01-P01 Datasheet HTML 5Page - Everlight Electronics Co., Ltd EHP-1103-UY01-P01 Datasheet HTML 6Page - Everlight Electronics Co., Ltd EHP-1103-UY01-P01 Datasheet HTML 7Page - Everlight Electronics Co., Ltd EHP-1103-UY01-P01 Datasheet HTML 8Page - Everlight Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
Technical Data Sheet
High Power Lamp
Preliminary
EHP-1103/UY01-P01
Everlight Electronics Co., Ltd.
http\\:www.everlight.com
Rev :
Page: 8 of 8
Device Number :
Prepared date:11-30-2006
Prepared by: Shaohsulu
6. If the emitter is operated, consider using metal heat sink with the lowest possible thermal
resistance. For the thermal performance using a flat heat sink, allow an exposed surface area of
about 25mm
2 at least.
7. Soldering Condition
Careful attention should be paid during soldering. When soldering, leave more then 3mm
from solder joint to case, and soldering beyond the base of the tie bar is recommended.
Avoiding applying any stress to the lead frame while the LEDs are at high temperature
particularly when soldering.
Recommended soldering conditions:
Hand Soldering
DIP Soldering
Temp. at tip of iron
400
Max.
(30W
Max.)
Preheat temp.
100
Max.
(60 sec Max.)
Soldering time
3 sec Max.
Bath temp.
265 Max.
Distance
3mm Min.(From solder
joint to case)
Bath time.
5 sec Max.
Distance
3mm Min.
EVERLIGHT ELECTRONICS CO., LTD.
Tel: 886-2-2267-2000, 2267-9936
Office: No 25, Lane 76, Sec 3, Chung Yang Rd,
Fax: 886-2267-6244, 2267-6189, 2267-6306
Tucheng, Taipei 236, Taiwan, R.O.C
http:\\www.everlight.com


Similar Part No. - EHP-1103-UY01-P01

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
EHP-1103-SUG01-P01 EVERLIGHT-EHP-1103-SUG01-P01 Datasheet
178Kb / 8P
   High Power Lamp
EHP-1103-SUR01-P01 EVERLIGHT-EHP-1103-SUR01-P01 Datasheet
164Kb / 8P
   High Power Lamp
More results

Similar Description - EHP-1103-UY01-P01

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
EHP-5393 EVERLIGHT-EHP-5393 Datasheet
128Kb / 9P
   High Power Lamp
EHP-1103-SUR01-P01 EVERLIGHT-EHP-1103-SUR01-P01 Datasheet
164Kb / 8P
   High Power Lamp
EHP-5393-UT01-P01 EVERLIGHT-EHP-5393-UT01-P01 Datasheet
129Kb / 9P
   High Power Lamp
EHP-5393-SUR01-P01 EVERLIGHT-EHP-5393-SUR01-P01 Datasheet
277Kb / 8P
   High Power Lamp
EHP-1103-SUG01-P01 EVERLIGHT-EHP-1103-SUG01-P01 Datasheet
178Kb / 8P
   High Power Lamp
EHP-1103 EVERLIGHT-EHP-1103 Datasheet
178Kb / 8P
   High Power Lamp
EHP5393 EVERLIGHT-EHP5393 Datasheet
128Kb / 9P
   High Power Lamp
EHP-5393-UY01-P01 EVERLIGHT-EHP-5393-UY01-P01 Datasheet
247Kb / 8P
   High Power Lamp
EHP-5393-SUG01-P01 EVERLIGHT-EHP-5393-SUG01-P01 Datasheet
155Kb / 8P
   High Power Lamp
logo
Ningbo Foryard Optoelec...
FYLP-1W-PGS FORYARD-FYLP-1W-PGS Datasheet
414Kb / 8P
   High Power Led lamp
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com