Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ALS-PT204-6C Datasheet(PDF) 8 Page - Everlight Electronics Co., Ltd

Part # ALS-PT204-6C
Description  3mm DIP Ambient Light Sensor
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

ALS-PT204-6C Datasheet(HTML) 8 Page - Everlight Electronics Co., Ltd

Back Button ALS-PT204-6C Datasheet HTML 2Page - Everlight Electronics Co., Ltd ALS-PT204-6C Datasheet HTML 3Page - Everlight Electronics Co., Ltd ALS-PT204-6C Datasheet HTML 4Page - Everlight Electronics Co., Ltd ALS-PT204-6C Datasheet HTML 5Page - Everlight Electronics Co., Ltd ALS-PT204-6C Datasheet HTML 6Page - Everlight Electronics Co., Ltd ALS-PT204-6C Datasheet HTML 7Page - Everlight Electronics Co., Ltd ALS-PT204-6C Datasheet HTML 8Page - Everlight Electronics Co., Ltd ALS-PT204-6C Datasheet HTML 9Page - Everlight Electronics Co., Ltd ALS-PT204-6C Datasheet HTML 10Page - Everlight Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
Everlight Electronics Co., Ltd.
http:\\www.everlight.com
Document No: DAS-020-005 Rev1.1
Dec. 31, 2007
8
3mm DIP
Ambient Light Sensor
ALS-PT204-6C/L177
Recommended Solder Profile
Notice:
(1) Reflow soldering should not be done more than two times.
(2) When soldering, do not put stress on the devices during heating.
(3) After soldering, do not warp the circuit board.
Soldering Iron
Each terminal is to go to the tip of soldering iron temperature less than 350
℃ for 3
seconds within once in less than the soldering iron capacity 25W. Leave two seconds and
more intervals, and do soldering of each terminal. Be careful because the damage of the
product is often started at the time of the hand solder.


Similar Part No. - ALS-PT204-6C

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
ALS-PT243-3C EVERLIGHT-ALS-PT243-3C Datasheet
365Kb / 11P
   5mm DIP Ambient Light Sensor
ALS-PT243-3C-L177 EVERLIGHT-ALS-PT243-3C-L177 Datasheet
365Kb / 11P
   5mm DIP Ambient Light Sensor
ALS-PT243-3C/L177 EVERLIGHT-ALS-PT243-3C/L177 Datasheet
365Kb / 11P
   5mm DIP Ambient Light Sensor
More results

Similar Description - ALS-PT204-6C

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
EAALSDIC03RDLA0 EVERLIGHT-EAALSDIC03RDLA0 Datasheet
1Mb / 7P
   Ambient Light Sensor ??DIP 3mm T-1
EAALST03RDAA0 EVERLIGHT-EAALST03RDAA0 Datasheet
479Kb / 7P
   Ambient Light Sensor ??DIP 3mm T-1
ALS-PT243-3C EVERLIGHT-ALS-PT243-3C Datasheet
365Kb / 11P
   5mm DIP Ambient Light Sensor
ALS-PDT144-6C-L451 EVERLIGHT-ALS-PDT144-6C-L451 Datasheet
382Kb / 8P
   3mm T-1 Ambient Light Sensor
ALS-PDIC144-6C-L378 EVERLIGHT-ALS-PDIC144-6C-L378 Datasheet
377Kb / 8P
   3mm T-1 Ambient Light Sensor
logo
AMI SEMICONDUCTOR
AMIS-74980X AMI-AMIS-74980X Datasheet
109Kb / 2P
   Ambient Light Sensor
logo
Vishay Siliconix
TEPT5600 VISHAY-TEPT5600 Datasheet
120Kb / 5P
   Ambient Light Sensor
Rev. 1.3, 28-Nov-06
logo
KODENSHI_AUK CORP.
KOE1615 KODENSHI-KOE1615 Datasheet
205Kb / 3P
   Ambient Light Sensor
logo
Vishay Siliconix
TEMD6010FX01 VISHAY-TEMD6010FX01_12 Datasheet
121Kb / 5P
   Ambient Light Sensor
Rev. 1.8, 20-Aug-12
logo
ON Semiconductor
NOA1212 ONSEMI-NOA1212_17 Datasheet
107Kb / 8P
   Ambient Light Sensor
November, 2017 ??Rev. 4
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com