Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PT12864ARS-0 Datasheet(PDF) 10 Page - Powertip Technology

Part # PT12864ARS-0
Description  OUTLINE DIMENSION & BLOCK DIAGRAM
Download  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERTIP [Powertip Technology]
Direct Link  http://www.powertip.com.tw
Logo POWERTIP - Powertip Technology

PT12864ARS-0 Datasheet(HTML) 10 Page - Powertip Technology

Back Button PT12864ARS-0 Datasheet HTML 6Page - Powertip Technology PT12864ARS-0 Datasheet HTML 7Page - Powertip Technology PT12864ARS-0 Datasheet HTML 8Page - Powertip Technology PT12864ARS-0 Datasheet HTML 9Page - Powertip Technology PT12864ARS-0 Datasheet HTML 10Page - Powertip Technology PT12864ARS-0 Datasheet HTML 11Page - Powertip Technology PT12864ARS-0 Datasheet HTML 12Page - Powertip Technology PT12864ARS-0 Datasheet HTML 13Page - Powertip Technology PT12864ARS-0 Datasheet HTML 14Page - Powertip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 65 page
background image
PROFILE
NEWS
TECHNICAL
PRODUCTS
STOCKING
DISTRIBUTOR
SALES
NETWORK
CONTACT
US
Power Supply Reset
The internal reset circuit will be operating properly when the following power supply conditions are
satisfied. If it is not operating properly, please perform the initial setting along with the instruction.
Reset function
Initialization made by internal reset circuit
The HD44780 automatically initializes (resets) when power is supplied (builtin internal reset
circuit).
The following instructions are executed during initialization.
The busy flag (BF) is kept in busy state until initialization ends. (BF=1) The busy
state is 10ms after Vdd reaches 4.5V.
1. Display clear
2. Function set
DL=1:8 bit long interface data
DL=0:4 bit F=0:5 * 7 dots character font
N=1:2 lines
N=0:1 line
3. Display ON/OFF control
D=0:Display OFF C=0:Cursor OFF
B=0:Blink OFF
4. Entry mode set
1/D= 1:+1(increment) S=0:No shift
Note: When the power supply conditions, using internal reset circuit is not satisfied,
the internal reset circuit will not function properly and initialization will not be
performed.Please initialize using the MPU along with the instruction set.
Item
Symbol
Measuring
Condition
Standard Value
Unit
Min.
Typ.
Max.
Power Supply RISE
Time
trse
-----
0.1
-----
10
mS
Power Supply OFF
Time
toff
-----
1
-----
-----
mS
Page 1 of 3
Powertip Technology, Inc.
11/10/2004
http://www.powertipusa.com/ps.htm


Similar Part No. - PT12864ARS-0

ManufacturerPart #DatasheetDescription
logo
P-tec Corporation
PT1280101E-ILMFW-EMC04 P-TEC-PT1280101E-ILMFW-EMC04 Datasheet
2Mb / 33P
   10.1 TFT LCD, Medium Brightness, CTP, Full Viewing Angle
More results

Similar Description - PT12864ARS-0

ManufacturerPart #DatasheetDescription
logo
Powertip Technology
PC1202A POWERTIP-PC1202A Datasheet
82Kb / 1P
   OUTLINE DIMENSION & BLOCK DIAGRAM
PC1602D POWERTIP-PC1602D Datasheet
53Kb / 1P
   OUTLINE DIMENSION & BLOCK DIAGRAM
PC2002-B POWERTIP-PC2002-B Datasheet
78Kb / 1P
   OUTLINE DIMENSION & BLOCK DIAGRAM
PG12232-C POWERTIP-PG12232-C Datasheet
86Kb / 1P
   OUTLINE DIMENSION & BLOCK DIAGRAM
PG240160-B POWERTIP-PG240160-B Datasheet
89Kb / 1P
   OUTLINE DIMENSION & BLOCK DIAGRAM
PG640480-A POWERTIP-PG640480-A Datasheet
109Kb / 1P
   OUTLINE DIMENSION & BLOCK DIAGRAM
PC1602-T POWERTIP-PC1602-T Datasheet
76Kb / 1P
   OUTLINE DIMENSION & BLOCK DIAGRAM
PG12232-A POWERTIP-PG12232-A Datasheet
85Kb / 1P
   OUTLINE DIMENSION & BLOCK DIAGRAM
PG12232-E-33 POWERTIP-PG12232-E-33 Datasheet
51Kb / 1P
   OUTLINE DIMENSION & BLOCK DIAGRAM
PG12864-O POWERTIP-PG12864-O Datasheet
59Kb / 1P
   OUTLINE DIMENSION & BLOCK DIAGRAM
PG320240-M POWERTIP-PG320240-M Datasheet
254Kb / 1P
   OUTLINE DIMENSION & BLOCK DIAGRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com