Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ALS-PT243-3C Datasheet(PDF) 3 Page - Everlight Electronics Co., Ltd

Part # ALS-PT243-3C
Description  5mm DIP Ambient Light Sensor
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

ALS-PT243-3C Datasheet(HTML) 3 Page - Everlight Electronics Co., Ltd

  ALS-PT243-3C Datasheet HTML 1Page - Everlight Electronics Co., Ltd ALS-PT243-3C Datasheet HTML 2Page - Everlight Electronics Co., Ltd ALS-PT243-3C Datasheet HTML 3Page - Everlight Electronics Co., Ltd ALS-PT243-3C Datasheet HTML 4Page - Everlight Electronics Co., Ltd ALS-PT243-3C Datasheet HTML 5Page - Everlight Electronics Co., Ltd ALS-PT243-3C Datasheet HTML 6Page - Everlight Electronics Co., Ltd ALS-PT243-3C Datasheet HTML 7Page - Everlight Electronics Co., Ltd ALS-PT243-3C Datasheet HTML 8Page - Everlight Electronics Co., Ltd ALS-PT243-3C Datasheet HTML 9Page - Everlight Electronics Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
Everlight Electronics Co., Ltd.
http:\\www.everlight.com
Document No: DAS-024-007 Rev1.1
Dec.31, 2007
3
5mm DIP
Ambient Light Sensor
ALS-PT243-3C/L177
Absolute Maximum Ratings (Ta=25℃
℃)
Parameter
Symbol
Rating
Unit
Supply Voltage
[Note1]
Vcc
-0.5~6.0
V
Operating Temperature Range
Topr
-40 ~ +85
°C
Storage Temperature Range
Tstg
-40 ~ +100
°C
Soldering Temperature Range [Note1]
Tsol
260
± 10
°C
Note1: For detail reflow time and the recommended temperature profile, please refer to page 8.
Recommended Operating Conditions (Ta=25℃
℃)
Parameter
Symbol
Min.
Max.
Unit
Operating Temperature
Topr
-40
+85
°C
Supply Voltage
Vcc
2.5
5.5
V
Rankings
Bin
Symbol
Min
Max
Unit
Test Condition
1
5
12
2
12
17
3
IPH(ON)
17
23
μ
μ
μ
μ
A
VCE=5V
Ee=100Lux


Similar Part No. - ALS-PT243-3C

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
ALS-PT204-6C EVERLIGHT-ALS-PT204-6C Datasheet
281Kb / 10P
   3mm DIP Ambient Light Sensor
ALS-PT204-6C-L177 EVERLIGHT-ALS-PT204-6C-L177 Datasheet
281Kb / 10P
   3mm DIP Ambient Light Sensor
ALS-PT204-6C/L177 EVERLIGHT-ALS-PT204-6C/L177 Datasheet
281Kb / 10P
   3mm DIP Ambient Light Sensor
More results

Similar Description - ALS-PT243-3C

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
EAALST05RDMA0 EVERLIGHT-EAALST05RDMA0 Datasheet
366Kb / 7P
   Ambient Light Sensor ??DIP 5mm T-1 3/4
EAALSIC05RDMA0 EVERLIGHT-EAALSIC05RDMA0 Datasheet
197Kb / 7P
   Ambient Light Sensor ??DIP 5mm T-1 3/4
EAALST05RDDA0 EVERLIGHT-EAALST05RDDA0 Datasheet
1Mb / 7P
   Ambient Light Sensor ??DIP 5mm T-1 3/4
EAALSIC05RDMA1 EVERLIGHT-EAALSIC05RDMA1 Datasheet
218Kb / 7P
   Ambient Light Sensor ??DIP 5mm T-1 3/4
ALS-PT204-6C EVERLIGHT-ALS-PT204-6C Datasheet
281Kb / 10P
   3mm DIP Ambient Light Sensor
EAALST05RDMA1 EVERLIGHT-EAALST05RDMA1 Datasheet
887Kb / 8P
   Ambient Light Sensor 5mm T-1
EAALSDIC03RDLA0 EVERLIGHT-EAALSDIC03RDLA0 Datasheet
1Mb / 7P
   Ambient Light Sensor ??DIP 3mm T-1
EAALST03RDAA0 EVERLIGHT-EAALST03RDAA0 Datasheet
479Kb / 7P
   Ambient Light Sensor ??DIP 3mm T-1
ALS-PDT243-3C-L451 EVERLIGHT-ALS-PDT243-3C-L451 Datasheet
336Kb / 8P
   5mm T-1 3/4 Ambient Light Sensor
logo
AMI SEMICONDUCTOR
AMIS-74980X AMI-AMIS-74980X Datasheet
109Kb / 2P
   Ambient Light Sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com