Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CLS15-22C-L213R-TR8 Datasheet(PDF) 5 Page - Everlight Electronics Co., Ltd

Part # CLS15-22C-L213R-TR8
Description  Surface - Mount RGB Color Sensor
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

CLS15-22C-L213R-TR8 Datasheet(HTML) 5 Page - Everlight Electronics Co., Ltd

  CLS15-22C-L213R-TR8 Datasheet HTML 1Page - Everlight Electronics Co., Ltd CLS15-22C-L213R-TR8 Datasheet HTML 2Page - Everlight Electronics Co., Ltd CLS15-22C-L213R-TR8 Datasheet HTML 3Page - Everlight Electronics Co., Ltd CLS15-22C-L213R-TR8 Datasheet HTML 4Page - Everlight Electronics Co., Ltd CLS15-22C-L213R-TR8 Datasheet HTML 5Page - Everlight Electronics Co., Ltd CLS15-22C-L213R-TR8 Datasheet HTML 6Page - Everlight Electronics Co., Ltd CLS15-22C-L213R-TR8 Datasheet HTML 7Page - Everlight Electronics Co., Ltd CLS15-22C-L213R-TR8 Datasheet HTML 8Page - Everlight Electronics Co., Ltd CLS15-22C-L213R-TR8 Datasheet HTML 9Page - Everlight Electronics Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
Everlight Electronics Co., Ltd.
http:\\www.everlight.com
Document No: DCS-015-001 Rev2.0
Nov. 15, 2007
5
Surface - Mount
RGB Color Sensor
CLS15-22C/L213R/TR8
CLS15-22C/L213G/TR8
CLS15-22C/L213B/TR8
1
10
100
1000
10000
1E -4
1E -3
0.01
0.1
1
10
V
R = 5 V ; T a = 2 5
oC
C LS 15-22C /L213R
C LS 15-22C /L213G
C LS 15-22C /L213B
Illum in ance (Lu x)
1
2
3
4
5
6
7
0.00
0.05
0.10
0.15
0.20
White Fluorescent light
Ev = 100Lux
Voltage (V)
C LS 15-22C /L213R /TR 8
C LS 15-22C /L213G/T R 8
C LS 15-22C /L213B/TR 8
-60
-40
-20
0
20
40
60
80
100
0.01
0.1
1
10
100
1000
VR = 10 V
EV = 0 LUX
CLS15-22C/L123B/T R8
CLS15-22C/L123G /T R8
CLS15-22C/L123R/T R8
Temperature (
)
-60
-40
-20
0
20
40
60
80
100
0.01
0.1
1
10
Ev = 100Lux
Temperature (
)
CLS 15-22C/L213R/TR8
CLS 15-22C/L213G/TR8
CLS 15-22C/L213B/TR8
Typical Electro-Optical Characteristics Curves
Fig.1
Dark Current vs. Temperature
Fig.2
Light current vs. Illuminance
(typ.)
(typ.)
Fig.3
Light current vs. Voltage
Fig.4
Light current vs. Temperature
(typ.)
(typ.)
Fig.5
Spectral Response (Blue region)
Fig.6
Spectral Response (Green region)
(typ.)
(typ.)


Similar Part No. - CLS15-22C-L213R-TR8

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
CLS15-22C-L213R-TR8 EVERLIGHT-CLS15-22C-L213R-TR8_15 Datasheet
910Kb / 11P
   RGB Color Light Sensor
More results

Similar Description - CLS15-22C-L213R-TR8

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
EACLSST3227A0 EVERLIGHT-EACLSST3227A0 Datasheet
599Kb / 11P
   RGB Color Light Sensor Surface - Mount
logo
AVAGO TECHNOLOGIES LIMI...
ADJD-S312-CR999 AVAGO-ADJD-S312-CR999 Datasheet
267Kb / 18P
   Miniature Surface-Mount RGB Digital Color Sensor
ADJD-S311-CR999 AVAGO-ADJD-S311-CR999 Datasheet
445Kb / 20P
   Miniature Surface Mount RGB Digital Color Sensor
ADJD-S313-QR999 AVAGO-ADJD-S313-QR999 Datasheet
195Kb / 16P
   Miniature Surface-Mount RGB Digital Color Sensor
ADJD-S371-QR999 AVAGO-ADJD-S371-QR999 Datasheet
352Kb / 23P
   Miniature Surface-Mount RGB Digital Color Sensor Module
logo
List of Unclassifed Man...
E3MC ETC-E3MC Datasheet
674Kb / 26P
   RGB Color Sensor
logo
HK TO-GRACE TECHNOLOGY ...
KPS-5130PD7C TO-GRACE-KPS-5130PD7C Datasheet
677Kb / 4P
   RGB Color Sensor
logo
Kingbright Corporation
APS5130PD7C-P22 KINGBRIGHT-APS5130PD7C-P22 Datasheet
206Kb / 4P
   RGB Color Sensor
logo
AVAGO TECHNOLOGIES LIMI...
HDJD-S822-QR999 AVAGO-HDJD-S822-QR999 Datasheet
274Kb / 11P
   RGB Color Sensor
logo
Everlight Electronics C...
CLS15-22C-L213B-TR8 EVERLIGHT-CLS15-22C-L213B-TR8_15 Datasheet
910Kb / 11P
   RGB Color Light Sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com