Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M36DR432-ZAT Datasheet(PDF) 11 Page - STMicroelectronics

Part # M36DR432-ZAT
Description  32 Mbit 2Mb x16, Dual Bank, Page Flash Memory and 4 Mbit 256K x16 SRAM, Multiple Memory Product
Download  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M36DR432-ZAT Datasheet(HTML) 11 Page - STMicroelectronics

Back Button M36DR432-ZAT Datasheet HTML 7Page - STMicroelectronics M36DR432-ZAT Datasheet HTML 8Page - STMicroelectronics M36DR432-ZAT Datasheet HTML 9Page - STMicroelectronics M36DR432-ZAT Datasheet HTML 10Page - STMicroelectronics M36DR432-ZAT Datasheet HTML 11Page - STMicroelectronics M36DR432-ZAT Datasheet HTML 12Page - STMicroelectronics M36DR432-ZAT Datasheet HTML 13Page - STMicroelectronics M36DR432-ZAT Datasheet HTML 14Page - STMicroelectronics M36DR432-ZAT Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 46 page
background image
11/46
M36DR432C, M36DR432D
INSTRUCTIONS AND COMMANDS
Seventeen instructions are defined (see Table
15), and the internal P/E.C. automatically handles
all timing and verification of the Program and
Erase operations. The Status Register Data Poll-
ing, Toggle, Error bits can be read at any time, dur-
ing programming or erase, to monitor the progress
of the operation.
Instructions, made up of one or more commands
writtenincycles, can begiven to theProgram/
Erase Controller through a Command Interface
(C.I.). The C.I. latches commands written to the
memory. Commands are made of address and
data sequences. Two Coded Cycles unlock the
Command Interface. They are followed by an input
command or a confirmation command. The Coded
Sequence consists of writing the data AAh at the
address 555h during the first cycle and the data
55h at the address 2AAh during the second cycle.
Instructions are composed of up to six cycles. The
first two cycles input a Coded Sequence to the
Command Interface which is common to all in-
structions (see Table 15). The third cycle inputs
the instruction set-up command. Subsequent cy-
cles output the addressed data, Electronic Signa-
ture, Block Protection, Configuration Register
Status or CFI Query for Read operations. In order
to give additional data protection, the instructions
for Block Erase and Bank Erase require further
command inputs. For a Program instruction, the
fourth command cycle inputs the address and data
to be programmed. For a Double Word Program-
ming instruction, the fourth and fifth command cy-
cles
input
the
address
and
data
to
be
programmed. For a Block Erase and Bank Erase
instructions, the fourth and fifth cycles input a fur-
ther Coded Sequence before the Erase confirm
command on the sixth cycle. Any combination of
blocks of the same memory bank can be erased.
Erasure of a memory block may be suspended, in
order to read data from another block or to pro-
gram data in another block, and then resumed.
When power is first applied the command interface
is reset to Read Array.
Command sequencing must be followed exactly.
Any invalid combination of commands will reset
the device to Read Array. The increased number
of cycles has been chosen to ensure maximum
data security.
Table 13. Commands
Read/Reset (RD) Instruction. The
Read/Reset
instruction consists of one write cycle giving the
command F0h. It can be optionally preceded by
the two Coded Cycles. Subsequent read opera-
tions will read the memory array addressed and
output the data read.
CFI Query (RCFI) Instruction. Common
Flash
Interface Query mode is entered writing 98h at ad-
dress 55h. The CFI data structure gives informa-
tion on the device, such as the sectorization, the
command set and some electrical specifications.
Table 18, 19, 20 and 21 show the addresses used
to retrieve each data. The CFI data structure con-
tains also a security area; in this section, a 64 bit
unique security number is written, starting at ad-
dress 80h. This area can be accessed only in read
mode by the final user and there are no ways of
changing the code after it has been written by ST.
Write a read instruction (RD) to return to Read
mode.
Auto Select (AS) Instruction. This instruction uses
two Coded Cycles followed by one write cycle giv-
ing the command 90h to address 555h for com-
mand set-up. A subsequent read will output the
Manufacturer or the Device Code (Electronic Sig-
nature), the Block Protection status or the Config-
uration Register status depending on the levels of
A0 and A1 (see Table 10, 11 and 12). A7-A2 must
be at VIL, while other address input are ignored.
Hex Code
Command
00h
Bypass Reset
10h
Bank Erase Confirm
20h
Unlock Bypass
30h
Block Erase Resume/Confirm
40h
Double Word Program
60h
Block Protect, or
Block Unprotect, or
Block Lock, or
Write Configuration Register
80h
Set-up Erase
90h
Read Electronic Signature, or
Block Protection Status, or
Configuration Register Status
98h
CFI Query
A0h
Program
B0h
Erase Suspend
F0h
Read Array/Reset


Similar Part No. - M36DR432-ZAT

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M36DR432-ZAT STMICROELECTRONICS-M36DR432-ZAT Datasheet
328Kb / 46P
   32 Mbit 2Mb x16, Dual Bank, Page Flash Memory and 4 Mbit 256K x16 SRAM, Multiple Memory Product
More results

Similar Description - M36DR432-ZAT

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M36DR432A STMICROELECTRONICS-M36DR432A Datasheet
328Kb / 46P
   32 Mbit 2Mb x16, Dual Bank, Page Flash Memory and 4 Mbit 256K x16 SRAM, Multiple Memory Product
M36DR432AD STMICROELECTRONICS-M36DR432AD Datasheet
834Kb / 52P
   32 Mbit 2Mb x16, Dual Bank, Page Flash Memory and 4 Mbit 256Kb x16 SRAM, Multiple Memory Product
M36DR232A STMICROELECTRONICS-M36DR232A Datasheet
329Kb / 46P
   32 Mbit 2Mb x16, Dual Bank, Page Flash Memory and 2 Mbit 128K x16 SRAM, Multiple Memory Product
M36W432T STMICROELECTRONICS-M36W432T Datasheet
418Kb / 57P
   32 Mbit 2Mb x16, Boot Block Flash Memory and 4 Mbit 256K x16 SRAM, Multiple Memory Product
M36W432TG STMICROELECTRONICS-M36W432TG Datasheet
439Kb / 66P
   32 Mbit 2Mb x16, Boot Block Flash Memory and 4 Mbit 256Kb x16 SRAM, Multiple Memory Product
M36W832TE STMICROELECTRONICS-M36W832TE Datasheet
897Kb / 64P
   32 Mbit 2Mb x16, Boot Block Flash Memory and 8 Mbit 512Kb x16 SRAM, Multiple Memory Product
M59DR032A STMICROELECTRONICS-M59DR032A Datasheet
270Kb / 38P
   32 Mbit 2Mb x16, Dual Bank, Page Low Voltage Flash Memory
M36WT864TF STMICROELECTRONICS-M36WT864TF Datasheet
624Kb / 92P
   64 Mbit 4Mb x16, Multiple Bank, Burst Flash Memory and 8 Mbit 512K x16 SRAM, Multiple Memory Product
M36W0R5020T0 STMICROELECTRONICS-M36W0R5020T0 Datasheet
184Kb / 26P
   32 Mbit (2Mb x16, Multiple Bank, Burst) Flash Memory and 4 Mbit SRAM, 1.8V Supply Multi-Chip Package
M36W216TI STMICROELECTRONICS-M36W216TI Datasheet
434Kb / 62P
   16 Mbit 1Mb x16, Boot Block Flash Memory and 2 Mbit 128Kb x16 SRAM, Multiple Memory Product
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com