Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CM8562BIS Datasheet(PDF) 3 Page - Champion Microelectronic Corp.

Part # CM8562BIS
Description  1.8A SINK & SOURCE ADJUSTABLE LINEAR REGULATOR
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHAMP [Champion Microelectronic Corp.]
Direct Link  http://www.champion-micro.com
Logo CHAMP - Champion Microelectronic Corp.

CM8562BIS Datasheet(HTML) 3 Page - Champion Microelectronic Corp.

  CM8562BIS Datasheet HTML 1Page - Champion Microelectronic Corp. CM8562BIS Datasheet HTML 2Page - Champion Microelectronic Corp. CM8562BIS Datasheet HTML 3Page - Champion Microelectronic Corp. CM8562BIS Datasheet HTML 4Page - Champion Microelectronic Corp. CM8562BIS Datasheet HTML 5Page - Champion Microelectronic Corp. CM8562BIS Datasheet HTML 6Page - Champion Microelectronic Corp. CM8562BIS Datasheet HTML 7Page - Champion Microelectronic Corp. CM8562BIS Datasheet HTML 8Page - Champion Microelectronic Corp.  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
CM8562B
1.8A SINK & SOURCE ADJUSTABLE LINEAR REGULATOR
2008/04/15 Rev. 1.0
Champion Microelectronic Corporation
Page 3
APPLICATION CIRCUITS
Q1
*
VIN
CSS
1uF
VCCA
VOUT
R1
100k
CIN
470uF
REFEN
VOUT
CVCCA
10uF
8-Pin SOIC Device: with VFB Pin
COUT
200uF
5-Lead TO-252 Device: no VFB Pi
R2
100k
EN
Application Circuit as VTT Termination
CIN
470uF
VIN
VOUT
REFEN
VOUT
CVCCA
10uF
Q1
EN
VCCA
R1 & R2 to fix the Vref,
and Vout will follow Vref
R1
CSS
1uF
R2
COUT
200uF
Application Circuit as Fixed LDO
REFEN
VOUT
R1
R2
CSS
1uF
VOUT
VIN
CIN
470uF
COUT
200uF
R4
R3 & R4 to set VFB, and
Vout range could be
adjusted from 0V to VIN
EN
Q1
R3
CVCCA
10uF
VCCA
Application Circuit as Adjustable LDO


Similar Part No. - CM8562BIS

ManufacturerPart #DatasheetDescription
logo
Champion Microelectroni...
CM8562BIS CHAMP-CM8562BIS Datasheet
232Kb / 8P
   1.8A SINK & SOURCE ADJUSTABLE LINEAR REGULATOR
More results

Similar Description - CM8562BIS

ManufacturerPart #DatasheetDescription
logo
Champion Microelectroni...
CM8562B CHAMP-CM8562B_08 Datasheet
232Kb / 8P
   1.8A SINK & SOURCE ADJUSTABLE LINEAR REGULATOR
CM8562P CHAMP-CM8562P Datasheet
225Kb / 7P
   2A SINK & SOURCE ADJUSTABLE LINEAR REGULATOR
CM8562 CHAMP-CM8562 Datasheet
277Kb / 8P
   2A SINK & SOURCE ADJUSTABLE LINEAR REGULATOR
CM8562A CHAMP-CM8562A Datasheet
225Kb / 7P
   2A SINK & SOURCE ADJUSTABLE LINEAR REGULATOR
logo
Excelliance MOS Corp.
EM5045 EXCELLIANCE-EM5045 Datasheet
1Mb / 8P
   1.8A Sink/Source Bus Termination Regulator
logo
Richtek Technology Corp...
RT9045 RICHTEK-RT9045 Datasheet
180Kb / 11P
   Cost-Effective, 1.8A Sink/Source Bus Termination Regulator
logo
List of Unclassifed Man...
CM8561 ETC-CM8561 Datasheet
119Kb / 5P
   1.5A SINK & SOURCE ADJUSTABLE LINEAR BUS TERMINATOR
CM8562P ETC1-CM8562P Datasheet
168Kb / 5P
   2A SINK & SOURCE ADJUSTABLE LINEAR BUS TERMINATOR
logo
Unisonic Technologies
UR6516B UTC-UR6516B Datasheet
159Kb / 6P
   2A SINK & SOURCE ADJUSTABLE LINEAR BUS TERMINATOR
logo
List of Unclassifed Man...
CM8562 ETC-CM8562 Datasheet
142Kb / 7P
   2A SINK SOURCE ADJUSTABLE LINEAR BUS TERMINATOR
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com