Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IR67-21C-TR8 Datasheet(PDF) 7 Page - Everlight Electronics Co., Ltd

Part # IR67-21C-TR8
Description  Top Infrared LED
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

IR67-21C-TR8 Datasheet(HTML) 7 Page - Everlight Electronics Co., Ltd

Back Button IR67-21C-TR8 Datasheet HTML 2Page - Everlight Electronics Co., Ltd IR67-21C-TR8 Datasheet HTML 3Page - Everlight Electronics Co., Ltd IR67-21C-TR8 Datasheet HTML 4Page - Everlight Electronics Co., Ltd IR67-21C-TR8 Datasheet HTML 5Page - Everlight Electronics Co., Ltd IR67-21C-TR8 Datasheet HTML 6Page - Everlight Electronics Co., Ltd IR67-21C-TR8 Datasheet HTML 7Page - Everlight Electronics Co., Ltd IR67-21C-TR8 Datasheet HTML 8Page - Everlight Electronics Co., Ltd IR67-21C-TR8 Datasheet HTML 9Page - Everlight Electronics Co., Ltd IR67-21C-TR8 Datasheet HTML 10Page - Everlight Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
Everlight Electronics Co., Ltd.
http:\\www.everlight.com
Rev 2
Page: 7 of 10
Device No:DTR-067-037
Prepared date:04-11-2007
Prepared by:Jaine Tsai
IR67-21C/TR8
4.Soldering Iron
Each terminal is to go to the tip of soldering iron temperature less than 280℃ for 3
seconds within once in less than the soldering iron capacity 25W. Leave two seconds and more
intervals, and do soldering of each terminal. Be careful because the damage of the product is often
started at the time of the hand solder.
5.Repairing
Repair should not be done after the LEDs have been soldered. When repairing is
unavoidable, a double-head soldering iron should be used (as below figure). It should be confirmed
beforehand whether the characteristics of the LEDs will or will not be damaged by repairing.


Similar Part No. - IR67-21C-TR8

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
IR67-21C-TR8 EVERLIGHT-IR67-21C-TR8 Datasheet
250Kb / 10P
   Top Infrared LED
IR67-21C-TR8_0708 EVERLIGHT-IR67-21C-TR8_0708 Datasheet
250Kb / 10P
   Top Infrared LED
IR67-21C-TR8 EVERLIGHT-IR67-21C-TR8_15 Datasheet
371Kb / 9P
   Top Infrared LED
More results

Similar Description - IR67-21C-TR8

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
EAIPL3528A0 EVERLIGHT-EAIPL3528A0 Datasheet
627Kb / 9P
   Top Infrared LED
EAIPL3528Z0 EVERLIGHT-EAIPL3528Z0 Datasheet
745Kb / 9P
   Top Infrared LED
HIR67-21C-L11-TR8 EVERLIGHT-HIR67-21C-L11-TR8 Datasheet
183Kb / 10P
   Top Infrared LED
EAIPL3528A2 EVERLIGHT-EAIPL3528A2 Datasheet
559Kb / 9P
   Top Infrared LED
IR67-21C-TR8 EVERLIGHT-IR67-21C-TR8_15 Datasheet
371Kb / 9P
   Top Infrared LED
IR67-21C EVERLIGHT-IR67-21C_06 Datasheet
236Kb / 10P
   Top Infrared LED
IR67-21C-TR10 EVERLIGHT-IR67-21C-TR10 Datasheet
230Kb / 10P
   Top Infrared LED
SIR67-21C-TR8 EVERLIGHT-SIR67-21C-TR8 Datasheet
185Kb / 9P
   Top Infrared LED
IR67-21C-TR8_0708 EVERLIGHT-IR67-21C-TR8_0708 Datasheet
250Kb / 10P
   Top Infrared LED
SIR67-21C-TR8 EVERLIGHT-SIR67-21C-TR8 Datasheet
330Kb / 9P
   Top Infrared LED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com