Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IR42-21C Datasheet(PDF) 8 Page - Everlight Electronics Co., Ltd

Part # IR42-21C
Description  1.8mm Round Subminiature Infrared LED
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

IR42-21C Datasheet(HTML) 8 Page - Everlight Electronics Co., Ltd

Back Button IR42-21C Datasheet HTML 2Page - Everlight Electronics Co., Ltd IR42-21C Datasheet HTML 3Page - Everlight Electronics Co., Ltd IR42-21C Datasheet HTML 4Page - Everlight Electronics Co., Ltd IR42-21C Datasheet HTML 5Page - Everlight Electronics Co., Ltd IR42-21C Datasheet HTML 6Page - Everlight Electronics Co., Ltd IR42-21C Datasheet HTML 7Page - Everlight Electronics Co., Ltd IR42-21C Datasheet HTML 8Page - Everlight Electronics Co., Ltd IR42-21C Datasheet HTML 9Page - Everlight Electronics Co., Ltd IR42-21C Datasheet HTML 10Page - Everlight Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
Everlight Electronics Co., Ltd.
http:\\www.everlight.com
Rev 3
Page: 8 of 10
Device No:DTR-042-001
Prepared date:07-20-2005
Prepared by:Jaine Tsai
IR42-21C/TR8
Reliability Test Item And Condition
The reliability of products shall be satisfied with items listed below.
Confidence level:90%
LTPD:10%
NO. Item
Test Conditions
Test Hours/
Cycles
Sample
Sizes
Failure
Judgement
Criteria
Ac/Re
1
REFLOW Soldering TEMP.:260℃±5℃
5secs
6Mins
22pcs
0/1
2
Temperature Cycle H : +100℃
15mins
5mins
L : -40℃
15mins
50Cycles
22pcs
0/1
3
Thermal Shock
H :+100℃
5mins
10secs
L :-10℃
5mins
50Cycles
22pcs
0/1
4
High Temperature
Storage
TEMP.:+100℃
1000hrs
22pcs
0/1
5
Low Temperature
Storage
TEMP.:-40℃
1000hrs
22pcs
0/1
6
DC Operating Life
IF=20mA
1000hrs
22pcs
0/1
7
High Temperature/
High Humidity
85℃ / 85% R.H
1000hrs
22pcs
IR≧U×2
Ee≦L×0.8
VF≧U×1.2
U:Upper
Specification
Limit
L:Lower
Specification
Limit
0/1


Similar Part No. - IR42-21C

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
IR42-21C ETC-IR42-21C Datasheet
201Kb / 9P
   1.8MM ROUND SUBMINIATURE INFRARED LED
logo
Everlight Electronics C...
IR42-21C-TR8 EVERLIGHT-IR42-21C-TR8 Datasheet
235Kb / 10P
   1.8mm Round Subminiature Infrared LED
IR42-21C-TR8 EVERLIGHT-IR42-21C-TR8_15 Datasheet
219Kb / 9P
   1.8mm Round Subminiature Infrared LED
More results

Similar Description - IR42-21C

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
IR42-21C ETC-IR42-21C Datasheet
201Kb / 9P
   1.8MM ROUND SUBMINIATURE INFRARED LED
logo
Everlight Electronics C...
HIR42-21C EVERLIGHT-HIR42-21C Datasheet
181Kb / 10P
   1.8mm Round Subminiature Infrared LED
IR42-21C-TR8 EVERLIGHT-IR42-21C-TR8_15 Datasheet
219Kb / 9P
   1.8mm Round Subminiature Infrared LED
IR42-21C-TR8 EVERLIGHT-IR42-21C-TR8 Datasheet
235Kb / 10P
   1.8mm Round Subminiature Infrared LED
EAIST3224A1 EVERLIGHT-EAIST3224A1 Datasheet
483Kb / 9P
   1.8mm Round Subminiature Infrared LED
EAIST3224A0 EVERLIGHT-EAIST3224A0 Datasheet
523Kb / 9P
   1.8mm Round Subminiature Infrared LED
BHC-AUW EVERLIGHT-BHC-AUW Datasheet
150Kb / 10P
   1.8mm round Subminiature Chip LED
42-21SYGC EVERLIGHT-42-21SYGC Datasheet
152Kb / 10P
   1.8mm round Subminiature Chip LED
logo
HK TO-GRACE TECHNOLOGY ...
42-21-BHC-AUW-1T TO-GRACE-42-21-BHC-AUW-1T Datasheet
799Kb / 10P
   1.8mm round Subminiature Chip LED
logo
Everlight Electronics C...
42-21A-GHC-YX1Y2N-1T EVERLIGHT-42-21A-GHC-YX1Y2N-1T_11 Datasheet
145Kb / 10P
   1.8mm round Subminiature Chip LED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com