Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

A694B-SYGUY-S530-A3 Datasheet(PDF) 4 Page - Everlight Electronics Co., Ltd

Part # A694B-SYGUY-S530-A3
Description  3.0mm 2pcs Circuit Board Indicator
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

A694B-SYGUY-S530-A3 Datasheet(HTML) 4 Page - Everlight Electronics Co., Ltd

  A694B-SYGUY-S530-A3 Datasheet HTML 1Page - Everlight Electronics Co., Ltd A694B-SYGUY-S530-A3 Datasheet HTML 2Page - Everlight Electronics Co., Ltd A694B-SYGUY-S530-A3 Datasheet HTML 3Page - Everlight Electronics Co., Ltd A694B-SYGUY-S530-A3 Datasheet HTML 4Page - Everlight Electronics Co., Ltd A694B-SYGUY-S530-A3 Datasheet HTML 5Page - Everlight Electronics Co., Ltd A694B-SYGUY-S530-A3 Datasheet HTML 6Page - Everlight Electronics Co., Ltd A694B-SYGUY-S530-A3 Datasheet HTML 7Page - Everlight Electronics Co., Ltd A694B-SYGUY-S530-A3 Datasheet HTML 8Page - Everlight Electronics Co., Ltd A694B-SYGUY-S530-A3 Datasheet HTML 9Page - Everlight Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
EVERLIGHT ELECTRONICS CO.,LTD.
Technical Data Sheet
3.0mm 2pcs Circuit Board Indicator
Electro-Optical Characteristics (Ta=25℃)
Symbol
Min.
Typ.
Max.
Unit
VF
IF=
mA
2.0
2.4
V
IR
VR=5
V
//
10
μA
Iv
IF=
20
mA
25
50
mcd
2θ1/2
IF=
20
mA
/60
deg
λp
IF=
20
mA
575
nm
λd
IF=
20
mA
573
nm
△λ
IF=
20
mA
/20
nm
EVERLIGHT ELECTRONICS CO.,LTD.
http : //www.everlight.com
Rev.:
1
Page: 4 of 9
Device Number :
CDAE-069-141
Prepared date:
Prepared by:
Lan Feng
Reverse Current
A694B/SYGUY/S530-A3
2005/6/23
Viewing Angle
Peak Wavelength
Dominant Wavelength
Luminous Intensity
Spectrum Radiation
Bandwidth
Condition
Parameter
Forward Voltage
(SYG)


Similar Part No. - A694B-SYGUY-S530-A3

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
A694B-SYGUY-S530-A3 EVERLIGHT-A694B-SYGUY-S530-A3 Datasheet
177Kb / 8P
   3.0mm 2pcs Circuit Board Indicator
A694B-SYGUY-S530-A3 EVERLIGHT-A694B-SYGUY-S530-A3_10 Datasheet
177Kb / 8P
   3.0mm 2pcs Circuit Board Indicator
More results

Similar Description - A694B-SYGUY-S530-A3

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
A694B-SYGUY-S530-A3 EVERLIGHT-A694B-SYGUY-S530-A3_10 Datasheet
177Kb / 8P
   3.0mm 2pcs Circuit Board Indicator
A694B-SURSYG-S530-A3 EVERLIGHT-A694B-SURSYG-S530-A3 Datasheet
136Kb / 7P
   3.0mm 2pcs Circuit Board Indicator
A2794B-UTCSUBC-S400-A4 EVERLIGHT-A2794B-UTCSUBC-S400-A4 Datasheet
132Kb / 8P
   3mm 2Pcs Circuit Board Indicator
A4264B-2SUR-S530-A3 EVERLIGHT-A4264B-2SUR-S530-A3 Datasheet
104Kb / 6P
   3mm 2Pcs Circuit Board Indicator
A2784B-2SYGSDRW-S530-A3 EVERLIGHT-A2784B-2SYGSDRW-S530-A3 Datasheet
148Kb / 7P
   3mm 2pcs Circuit Board Indicator
A2784B EVERLIGHT-A2784B_15 Datasheet
173Kb / 7P
   3mm 2pcs Circuit Board Indicator
logo
Dialight Corporation
551-0601F DIALIGHT-551-0601F Datasheet
86Kb / 8P
   LED CBI Circuit Board Indicator LED CBI Circuit Board Indicator
logo
Bedford Opto Technology...
ORE9801 BOT-ORE9801 Datasheet
50Kb / 2P
   3mm CIRCUIT BOARD INDICATOR
ORE9601 BOT-ORE9601 Datasheet
57Kb / 2P
   3mm CIRCUIT BOARD INDICATOR
logo
Visual Communications C...
6321F VCC-6321F Datasheet
105Kb / 1P
   T-1 Circuit Board Indicator
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com