Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

A593B-2UY-S530-A3 Datasheet(PDF) 6 Page - Everlight Electronics Co., Ltd

Part # A593B-2UY-S530-A3
Description  4.8mm Round Type LED Lamps
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

A593B-2UY-S530-A3 Datasheet(HTML) 6 Page - Everlight Electronics Co., Ltd

  A593B-2UY-S530-A3 Datasheet HTML 1Page - Everlight Electronics Co., Ltd A593B-2UY-S530-A3 Datasheet HTML 2Page - Everlight Electronics Co., Ltd A593B-2UY-S530-A3 Datasheet HTML 3Page - Everlight Electronics Co., Ltd A593B-2UY-S530-A3 Datasheet HTML 4Page - Everlight Electronics Co., Ltd A593B-2UY-S530-A3 Datasheet HTML 5Page - Everlight Electronics Co., Ltd A593B-2UY-S530-A3 Datasheet HTML 6Page - Everlight Electronics Co., Ltd A593B-2UY-S530-A3 Datasheet HTML 7Page - Everlight Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
EVERLIGHT ELECTRONICS CO.,LTD.
Technical Data Sheet
4.8mm Round Type LED Lamps
A593B/2UY/S530-A3
Reliability test items and conditions:
NO
Item
Test Conditions
Sample
Size
1
Solder Heat
TEMP : 260℃ ± 5 ℃
76 PCS
H : +100℃ 15min
2
Temperature Cycle
∫ 5 min
76 PCS
L : -40℃ 15min
H : +100℃ 5min
3
Thermal Shock
∫ 10 sec
76 PCS
L : -10℃ 5min
4
High Temperature Storage
TEMP : 100℃
76 PCS
5
Low Temperature Storage
TEMP : -40℃
76 PCS
TEMP : 25℃
IF = 20mA
7
High Temperature / High
Humidity
85℃ / 85% RH
76 PCS
EVERLIGHT ELECTRONICS CO.,LTD.
http : //www.everlight.com
REV.:
2
Page: 5 of 6
Device Number :
CDAE-059-035
Prepared date:
Prepared by:
Guanxiu Yuan
2005.9.9
1000 HRS
Test
Hours/Cycle
SEC
6
DC Operating Life
Ac/Re
0/1
0/1
0/1
0/1
0/1
0/1
0/1
76 PCS
300 CYCLES
300 CYCLES
1000 HRS
1000 HRS
1000 HRS


Similar Part No. - A593B-2UY-S530-A3

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
A593B-2SUR-S530-A3 EVERLIGHT-A593B-2SUR-S530-A3 Datasheet
124Kb / 7P
   4.8mm Round Type LED Lamps
More results

Similar Description - A593B-2UY-S530-A3

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
A593B-2SUR-S530-A3 EVERLIGHT-A593B-2SUR-S530-A3 Datasheet
124Kb / 7P
   4.8mm Round Type LED Lamps
logo
Lucky Light Electronic
GB-313 LUCKY-LIGHT-GB-313 Datasheet
41Kb / 1P
   Round Type Flangeless LED Lamps (4.8mm)
logo
A-BRIGHT Inc
AL-P483IC A-BRIGHT-AL-P483IC Datasheet
324Kb / 5P
   4.8mm LED Lamps
2006/9/20
AL-P483UGC A-BRIGHT-AL-P483UGC Datasheet
324Kb / 5P
   4.8mm LED Lamps
2006/9/20
logo
BetLux Electronics
BL-L48 BETLUX-BL-L48 Datasheet
193Kb / 4P
   4.8mm Round-Helmet Type LED Lamp
logo
A-BRIGHT Inc
AL-P483OR1C A-BRIGHT-AL-P483OR1C Datasheet
324Kb / 5P
   4.8mm LED Lamps
2006/9/20
AL-P483UY2C A-BRIGHT-AL-P483UY2C Datasheet
324Kb / 5P
   4.8mm LED Lamps
2006/9/20
AL-P483BC A-BRIGHT-AL-P483BC Datasheet
324Kb / 5P
   4.8mm LED Lamps
2006/9/20
AL-P483W2C A-BRIGHT-AL-P483W2C Datasheet
324Kb / 5P
   4.8mm LED Lamps
2006/9/20
logo
LIGITEK electronics co....
L8I2041-PF LIGITEK-L8I2041-PF Datasheet
116Kb / 6P
   ROUND TYPE LED LAMPS
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com