Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C85FCBAA Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # C85FCBAA
Description  7.0 mm x 5.0 mm XO
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

C85FCBAA Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  C85FCBAA Datasheet HTML 1Page - List of Unclassifed Manufacturers C85FCBAA Datasheet HTML 2Page - List of Unclassifed Manufacturers C85FCBAA Datasheet HTML 3Page - List of Unclassifed Manufacturers C85FCBAA Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
7.0 mm x 5.0 mm XO
C85F series
www.bliley.com
2545 West Grandview Blvd Erie, PA. 16506
Tel
(814) 838-3571
Page 3 of 4
Rev 1.2


Similar Part No. - C85FCBAA

ManufacturerPart #DatasheetDescription
logo
EPCOS
C850 EPCOS-C850 Datasheet
436Kb / 16P
   PTC thermistors for overcurrent protection
logo
Bourns Electronic Solut...
C850-100-WH BOURNS-C850-100-WH Datasheet
648Kb / 6P
   Transient Blocking Units - TBU??Devices
C850-100-WH BOURNS-C850-100-WH Datasheet
694Kb / 6P
   C650 and C850 Series TBU짰 High-Speed Protectors
C850-100-WH BOURNS-C850-100-WH Datasheet
667Kb / 6P
   TBU High-Speed Protectors
C850-180-WH BOURNS-C850-180-WH Datasheet
648Kb / 6P
   Transient Blocking Units - TBU??Devices
More results

Similar Description - C85FCBAA

ManufacturerPart #DatasheetDescription
logo
Rakon Limited
QEN101 RAKON-QEN101 Datasheet
458Kb / 4P
   7.0 x 5.0 mm, SMD
05 December 2022
logo
MTRONPTI
PMX MTRONPTI-PMX Datasheet
209Kb / 1P
   5.0 x 7.0 x 1.2 mm
logo
TAITIEN ELECTRONICS CO....
XO-0166-PC-U TAITIEN-XO-0166-PC-U Datasheet
425Kb / 1P
   FASTXO 7.0 x 5.0 mm SMD XO Frequency up to 200MHz
logo
ILSI America LLC
ISM81 ILSI-ISM81 Datasheet
148Kb / 2P
   5.0 mm x 7.0 mm Ceramic Package SMD Oscillator
logo
TAITIEN ELECTRONICS CO....
XO-0055-OC-M TAITIEN-XO-0055-OC-M Datasheet
373Kb / 1P
   7.0 x 5.0 mm SMD Crystal Oscillator
XO-0007-OC-TYPE TAITIEN-XO-0007-OC-TYPE Datasheet
231Kb / 1P
   7.0 x 5.0 mm SMD Crystal Oscillator
XO-0092-OT-HCSL TAITIEN-XO-0092-OT-HCSL Datasheet
342Kb / 1P
   7.0 x 5.0 mm SMD HCSL Crystal Oscillator
logo
MTRONPTI
PM MTRONPTI-PM_08 Datasheet
370Kb / 2P
   Surface Mount Crystals 5.0 x 7.0 x 1.3 mm
logo
TAITIEN ELECTRONICS CO....
XO-0117-OT-M-CMOS TAITIEN-XO-0117-OT-M-CMOS Datasheet
232Kb / 1P
   7.0 x 5.0 mm SMD CMOS Crystal Oscillator
logo
Xtaltq Technologies Co....
BS0507A XTALTQ-BS0507A Datasheet
253Kb / 2P
   Typical 7.0 x 5.0 x 1.3 mm ceramic SMD package
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com