Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M34C02 Datasheet(PDF) 6 Page - STMicroelectronics

Part # M34C02
Description  2 Kbit Serial I짼C Bus EEPROM For DIMM Serial Presence Detect
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M34C02 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button M34C02 Datasheet HTML 2Page - STMicroelectronics M34C02 Datasheet HTML 3Page - STMicroelectronics M34C02 Datasheet HTML 4Page - STMicroelectronics M34C02 Datasheet HTML 5Page - STMicroelectronics M34C02 Datasheet HTML 6Page - STMicroelectronics M34C02 Datasheet HTML 7Page - STMicroelectronics M34C02 Datasheet HTML 8Page - STMicroelectronics M34C02 Datasheet HTML 9Page - STMicroelectronics M34C02 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
M34C02
6/19
Figure 5. How to Set the Write Protection
Figure 6. Write Mode Sequences in the Non Write-Protected Area
Default EEPROM memory area
state before write access
to the Protect Register
AI01936C
Standard
Array
FFh
Standard
Array
80h
7Fh
00h
Standard
Array
FFh
Write
Protected
Array
80h
7Fh
00h
State of the EEPROM memory
area after write access
to the Protect Register
Memory
Area
BYTE WRITE
DEV SEL
BYTE ADDR
DATA IN
PAGE WRITE
DEV SEL
BYTE ADDR
DATA IN 1
DATA IN 2
AI01941
DATA IN N
ACK
ACK
ACK
R/W
ACK
ACK
ACK
R/W
ACK
ACK
significant bits only) is incremented. The transfer is
terminated by the master generating a STOP
condition.
When the master generates a STOP condition
immediately after the Ack bit (in the “10th bit” time
slot), either at the end of a byte write or a page
write, the internal memory write cycle is triggered.
A STOP condition at any other time does not
trigger the internal write cycle.
During the internal write cycle, the SDA input is
disabled internally, and the device does not
respond to any requests.
Minimizing System Delays by Polling On ACK
During the internal write cycle, the memory
disconnects itself from the bus, and copies the
data from its internal latches to the memory cells.
The maximum write time (tw) is shown in Table 9,
but the typical time is shorter. To make use of this,
an Ack polling sequence can be used by the
master.


Similar Part No. - M34C02

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M34C02-L STMICROELECTRONICS-M34C02-L Datasheet
256Kb / 31P
   2 Kbit Serial I짼C Bus EEPROM for DIMM serial presence detect
M34C02-LDW1G STMICROELECTRONICS-M34C02-LDW1G Datasheet
256Kb / 31P
   2 Kbit Serial I짼C Bus EEPROM for DIMM serial presence detect
M34C02-LDW1P STMICROELECTRONICS-M34C02-LDW1P Datasheet
256Kb / 31P
   2 Kbit Serial I짼C Bus EEPROM for DIMM serial presence detect
M34C02-LDW1TG STMICROELECTRONICS-M34C02-LDW1TG Datasheet
256Kb / 31P
   2 Kbit Serial I짼C Bus EEPROM for DIMM serial presence detect
M34C02-LDW1TP STMICROELECTRONICS-M34C02-LDW1TP Datasheet
256Kb / 31P
   2 Kbit Serial I짼C Bus EEPROM for DIMM serial presence detect
More results

Similar Description - M34C02

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M34C02-W STMICROELECTRONICS-M34C02-W Datasheet
256Kb / 31P
   2 Kbit Serial I짼C Bus EEPROM for DIMM serial presence detect
M34E02 STMICROELECTRONICS-M34E02 Datasheet
349Kb / 23P
   2 Kbit Serial IC Bus EEPROM Serial Presence Detect for DDR2 DIMMs
M34E04B STMICROELECTRONICS-M34E04B Datasheet
566Kb / 35P
   4-Kbit Serial Presence Detect EEPROM compatible
logo
Seiko Instruments Inc
S-34C04A SII-S-34C04A Datasheet
1Mb / 22P
   FOR DIMM SERIAL PRESENCE DETECT
logo
Catalyst Semiconductor
CAT34C02 CATALYST-CAT34C02 Datasheet
309Kb / 17P
   2-Kb I2C EEPROM for DDR2 DIMM Serial Presence Detect
logo
ON Semiconductor
CAT34C02 ONSEMI-CAT34C02 Datasheet
173Kb / 15P
   2 kb I2C EEPROM for DDR2 DIMM Serial Presence Detect
December, 2009 ??Rev. 14
CAT34C02VP2IGT4A ONSEMI-CAT34C02VP2IGT4A Datasheet
171Kb / 14P
   2 kb I2C EEPROM for DDR2 DIMM Serial Presence Detect
March, 2011 ??Rev. 17
logo
Catalyst Semiconductor
CAT34WC02 CATALYST-CAT34WC02_05 Datasheet
275Kb / 10P
   2-kb I2C Serial EEPROM, Serial Presence Detect
CAT34RC02 CATALYST-CAT34RC02_05 Datasheet
666Kb / 14P
   2-kb I2C Serial EEPROM, Serial Presence Detect
CAT34RC02 CATALYST-CAT34RC02 Datasheet
433Kb / 16P
   2-kb I2C Serial EEPROM, Serial Presence Detect
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com