Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M34C02 Datasheet(PDF) 9 Page - STMicroelectronics

Part # M34C02
Description  2 Kbit Serial I짼C Bus EEPROM For DIMM Serial Presence Detect
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M34C02 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button M34C02 Datasheet HTML 5Page - STMicroelectronics M34C02 Datasheet HTML 6Page - STMicroelectronics M34C02 Datasheet HTML 7Page - STMicroelectronics M34C02 Datasheet HTML 8Page - STMicroelectronics M34C02 Datasheet HTML 9Page - STMicroelectronics M34C02 Datasheet HTML 10Page - STMicroelectronics M34C02 Datasheet HTML 11Page - STMicroelectronics M34C02 Datasheet HTML 12Page - STMicroelectronics M34C02 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 19 page
background image
9/19
M34C02
for any other write command, the WC input needs
to be held at VSS. Address and data bytes must be
sent with this command, but their values are all
ignored, and are treated as Don’t Care. Once the
Protection Register has been written, the write
protection of the first 128 bytes of the memory is
enabled, and it is not possible to unprotect these
128 bytes, even if the device is powered off and
on, and regardless the state of the WC input.
When the Protection Register has been written,
the M34C02 no longer responds to the device type
identifier 0110b in either read or write mode.
Read Operations
Read operations are performed independently of
the state of the WC pin.
Random Address Read
A dummy write is performed to load the address
into the address counter, as shown in Figure 9.
Then,
without sending a STOP condition, the
master sends another START condition, and
repeats the Device Select Code, with the RW bit
set to ‘1’. The memory acknowledges this, and
outputs the contents of the addressed byte. The
master must
not acknowledge the byte output, and
terminates the transfer with a STOP condition.
Current Address Read
The device has an internal address counter which
is incremented each time a byte is read. For the
Current Address Read mode, following a START
condition, the master sends a Device Select Code
with
the
RW
bit set
to
‘1’.
The
memory
acknowledges
this,
and
outputs
the
byte
addressed by the internal address counter. The
counter
is
then
incremented.
The
master
terminates the transfer with a STOP condition, as
shown in Figure 9,
without acknowledging the byte
output.
Sequential Read
This mode can be initiated with either a Current
Address Read or a Random Address Read. The
master
does acknowledge the data byte output in
this case, and the memory continues to output the
next byte in sequence. To terminate the stream of
bytes, the master must
not acknowledge the last
byte output, and
must generate a STOP condition.
The
output
data
comes
from
consecutive
addresses, with the internal address counter
automatically incremented after each byte output.
After the last memory address, the address
counter ‘rolls-over’ and the memory continues to
output data from address 00h (at the start of the
memory block).
Acknowledge in Read Mode
In all read modes, the memory waits, after each
byte read, for an acknowledgment during the 9th
bit time. If the master does not pull the SDA line
low during this time, the memory terminates the
data transfer and switches to its standby state.
USE WITHIN A DRAM DIMM
In the application, the M34C02 is soldered directly
in the printed circuit module. The 3 Chip Enable
inputs (pins 1, 2 and 3) are connected to pins 165,
166 and 167, respectively, of the 168-pin DRAM
DIMM module. They are wired at VCC or VSS
through the DIMM socket (see Table 5). The SCL
and SDA lines (pins 6 and 5) are connected
respectively to pins 83 and 82 of the memory
module. The pull-up resistors needed for normal
behavior of the I2C bus are connected on the I2C
bus of the mother-board (as shown in Figure 10).
The Write Control input of the M34C02 (WC on pin
7) can be left unconnected. However, connecting
it to VSS is recommended, to maintain full read and
write access to the top half of the memory.
Programming the M34C02
When the M34C02 is delivered, full read and write
access is given to the whole memory array. It is
recommended that the first step is to use the test
equipment to write the module information (such
as its access speed, its size, its organization) to
the first half of the memory, starting from the first
memory location. When the data has been
validated, the test equipment can send a Write
command to the Protection Register, using the
device select code ’01100000b’ followed by an
address and data byte (made up of Don’t Care
values) as shown in Figure 8. The first 128 bytes
of the memory area are then write-protected, and
the M34C02 will no longer respond to the specific
device select code ’0110000xb’. It is not possible
to reverse this sequence.
Table 5. 168 Pin DRAM DIMM Connections
DIMM Position
E2
(pin 167)
E1
(pin 166)
E0
(pin 165)
0
VSS
VSS
VSS
1
VSS
VSS
VCC
2
VSS
VCC
VSS
3
VSS
VCC
VCC
4
VCC
VSS
VSS
5
VCC
VSS
VCC
6
VCC
VCC
VSS
7
VCC
VCC
VCC


Similar Part No. - M34C02

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M34C02-L STMICROELECTRONICS-M34C02-L Datasheet
256Kb / 31P
   2 Kbit Serial I짼C Bus EEPROM for DIMM serial presence detect
M34C02-LDW1G STMICROELECTRONICS-M34C02-LDW1G Datasheet
256Kb / 31P
   2 Kbit Serial I짼C Bus EEPROM for DIMM serial presence detect
M34C02-LDW1P STMICROELECTRONICS-M34C02-LDW1P Datasheet
256Kb / 31P
   2 Kbit Serial I짼C Bus EEPROM for DIMM serial presence detect
M34C02-LDW1TG STMICROELECTRONICS-M34C02-LDW1TG Datasheet
256Kb / 31P
   2 Kbit Serial I짼C Bus EEPROM for DIMM serial presence detect
M34C02-LDW1TP STMICROELECTRONICS-M34C02-LDW1TP Datasheet
256Kb / 31P
   2 Kbit Serial I짼C Bus EEPROM for DIMM serial presence detect
More results

Similar Description - M34C02

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M34C02-W STMICROELECTRONICS-M34C02-W Datasheet
256Kb / 31P
   2 Kbit Serial I짼C Bus EEPROM for DIMM serial presence detect
M34E02 STMICROELECTRONICS-M34E02 Datasheet
349Kb / 23P
   2 Kbit Serial IC Bus EEPROM Serial Presence Detect for DDR2 DIMMs
M34E04B STMICROELECTRONICS-M34E04B Datasheet
566Kb / 35P
   4-Kbit Serial Presence Detect EEPROM compatible
logo
Seiko Instruments Inc
S-34C04A SII-S-34C04A Datasheet
1Mb / 22P
   FOR DIMM SERIAL PRESENCE DETECT
logo
Catalyst Semiconductor
CAT34C02 CATALYST-CAT34C02 Datasheet
309Kb / 17P
   2-Kb I2C EEPROM for DDR2 DIMM Serial Presence Detect
logo
ON Semiconductor
CAT34C02 ONSEMI-CAT34C02 Datasheet
173Kb / 15P
   2 kb I2C EEPROM for DDR2 DIMM Serial Presence Detect
December, 2009 ??Rev. 14
CAT34C02VP2IGT4A ONSEMI-CAT34C02VP2IGT4A Datasheet
171Kb / 14P
   2 kb I2C EEPROM for DDR2 DIMM Serial Presence Detect
March, 2011 ??Rev. 17
logo
Catalyst Semiconductor
CAT34WC02 CATALYST-CAT34WC02_05 Datasheet
275Kb / 10P
   2-kb I2C Serial EEPROM, Serial Presence Detect
CAT34RC02 CATALYST-CAT34RC02_05 Datasheet
666Kb / 14P
   2-kb I2C Serial EEPROM, Serial Presence Detect
CAT34RC02 CATALYST-CAT34RC02 Datasheet
433Kb / 16P
   2-kb I2C Serial EEPROM, Serial Presence Detect
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com