Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IR26-21C Datasheet(PDF) 1 Page - Everlight Electronics Co., Ltd

Part # IR26-21C
Description  1.6mm round Subminiature Infrared LED
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

IR26-21C Datasheet(HTML) 1 Page - Everlight Electronics Co., Ltd

  IR26-21C Datasheet HTML 1Page - Everlight Electronics Co., Ltd IR26-21C Datasheet HTML 2Page - Everlight Electronics Co., Ltd IR26-21C Datasheet HTML 3Page - Everlight Electronics Co., Ltd IR26-21C Datasheet HTML 4Page - Everlight Electronics Co., Ltd IR26-21C Datasheet HTML 5Page - Everlight Electronics Co., Ltd IR26-21C Datasheet HTML 6Page - Everlight Electronics Co., Ltd IR26-21C Datasheet HTML 7Page - Everlight Electronics Co., Ltd IR26-21C Datasheet HTML 8Page - Everlight Electronics Co., Ltd IR26-21C Datasheet HTML 9Page - Everlight Electronics Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
Everlight Electronics Co., Ltd.
http:\\www.everlight.com
Rev 2
Page: 1 of 10
Device No:DTR-026-163
Prepared date:08-26-2005
Prepared by:Jaine Tsai
Technical Data Sheet
1.6mm round Subminiature Infrared LED
IR26-21C/L110/TR8
Features
․Small double-end package
․Low forward voltage
․Good spectral matching to Si photo detector
․Package in 12mm tape on 7〞diameter reel.
․Pb free
․The product itself will remain within RoHS compliant version.
Descriptions
․IR26-21C/L110/TR8 is an infrared emitting diode in miniature SMD
package which is molded in a water clear plastic with spherical
top view lens. The device is spectrally matched with silicon
photodiode and phototransistor
Applications
․PCB mounted infrared sensor
․Infrared emitting for miniature light barrier
․Floppy disk drive
․Optoelectronic switch
․Smoke detector
Device Selection Guide
Chip
LED Part No.
Material
Lens Color
IR
GaAlAs
Water Clear


Similar Part No. - IR26-21C

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
IR26-21C-L110-TR8 EVERLIGHT-IR26-21C-L110-TR8 Datasheet
184Kb / 10P
   1.6mm round Subminiature Infrared LED
IR26-21C-L110-TR8 EVERLIGHT-IR26-21C-L110-TR8_15 Datasheet
216Kb / 9P
   1.6mm round Subminiature Infrared LED
More results

Similar Description - IR26-21C

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
EAIST3216A0 EVERLIGHT-EAIST3216A0 Datasheet
480Kb / 9P
   1.6mm round Subminiature Infrared LED
SIR26-21C EVERLIGHT-SIR26-21C Datasheet
170Kb / 10P
   1.6mm round Subminiature Infrared LED
IR26-21C-L110-TR8 EVERLIGHT-IR26-21C-L110-TR8_15 Datasheet
216Kb / 9P
   1.6mm round Subminiature Infrared LED
IR26-21C-L110-TR8 EVERLIGHT-IR26-21C-L110-TR8 Datasheet
184Kb / 10P
   1.6mm round Subminiature Infrared LED
EAIST3216A3 EVERLIGHT-EAIST3216A3 Datasheet
576Kb / 9P
   1.6mm Round Subminiature Infrared LED
IR26-51C-L110-TR8 EVERLIGHT-IR26-51C-L110-TR8 Datasheet
183Kb / 10P
   1.6mm round Subminiature Side Looking Infrared LED
IR26-51C EVERLIGHT-IR26-51C Datasheet
177Kb / 10P
   1.6mm round Subminiature Side Looking Infrared LED
EAISV3026A0 EVERLIGHT-EAISV3026A0 Datasheet
675Kb / 9P
   1.6mm round Subminiature Side Looking Infrared LED
EAISV3024A0 EVERLIGHT-EAISV3024A0 Datasheet
429Kb / 9P
   1.6mm round Subminiature Side Looking Infrared LED
IR26-51C-L110-TR8 EVERLIGHT-IR26-51C-L110-TR8_15 Datasheet
319Kb / 9P
   1.6mm round Subminiature Side Looking Infrared LED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com