Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IR17-21C-TR8 Datasheet(PDF) 2 Page - Everlight Electronics Co., Ltd

Part # IR17-21C-TR8
Description  Infrared Chip LED
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

IR17-21C-TR8 Datasheet(HTML) 2 Page - Everlight Electronics Co., Ltd

  IR17-21C-TR8 Datasheet HTML 1Page - Everlight Electronics Co., Ltd IR17-21C-TR8 Datasheet HTML 2Page - Everlight Electronics Co., Ltd IR17-21C-TR8 Datasheet HTML 3Page - Everlight Electronics Co., Ltd IR17-21C-TR8 Datasheet HTML 4Page - Everlight Electronics Co., Ltd IR17-21C-TR8 Datasheet HTML 5Page - Everlight Electronics Co., Ltd IR17-21C-TR8 Datasheet HTML 6Page - Everlight Electronics Co., Ltd IR17-21C-TR8 Datasheet HTML 7Page - Everlight Electronics Co., Ltd IR17-21C-TR8 Datasheet HTML 8Page - Everlight Electronics Co., Ltd IR17-21C-TR8 Datasheet HTML 9Page - Everlight Electronics Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
Everlight Electronics Co., Ltd.
http:\\www.everlight.com
Rev 2
Page: 2 of 10
Device No:DTR-017-041
Prepared date:07-20-2005
Prepared by:Jaine Tsai
IR17-21C/TR8
Package Dimensions
Notes: 1.All dimensions are in millimeters
2.Tolerances unless dimensions ±0.1mm
Absolute Maximum Ratings (Ta=25℃)
Parameter
Symbol
Rating
Units
Continuous Forward Current
IF
65
mA
Peak Forward Current
*1
IFP
1.0
A
Reverse Voltage
VR
5
V
Operating Temperature
Topr
-25 ~ +85
Storage Temperature
Tstg
-40 ~ +85
Soldering Temperature
*2
Tsol
260
Power Dissipation at(or below)
25℃Free Air Temperature
Pd
130
mW
Notes: *1:IFP Conditions--Pulse Width≦100μs and Duty≦1%.
*2:Soldering time≦5 seconds.


Similar Part No. - IR17-21C-TR8

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
IR17-21C-TR8 EVERLIGHT-IR17-21C-TR8_15 Datasheet
308Kb / 9P
   0805 Package Infrared Chip LED
More results

Similar Description - IR17-21C-TR8

ManufacturerPart #DatasheetDescription
logo
A-BRIGHT Inc
IR17-21C A-BRIGHT-IR17-21C Datasheet
325Kb / 5P
   Chip Infrared LED
2006/9/28
logo
Everlight Electronics C...
SIR17-21C EVERLIGHT-SIR17-21C Datasheet
232Kb / 10P
   Infrared Chip LED
logo
KODENSHI_AUK CORP.
OPA9425AL KODENSHI-OPA9425AL Datasheet
100Kb / 1P
   Infrared LED Chip
OPA9441F KODENSHI-OPA9441F Datasheet
97Kb / 1P
   Infrared LED Chip
OPA9454 KODENSHI-OPA9454 Datasheet
95Kb / 1P
   Infrared LED Chip
OPA7740EDD KODENSHI-OPA7740EDD Datasheet
103Kb / 1P
   Infrared LED Chip
OPA8328H KODENSHI-OPA8328H Datasheet
105Kb / 1P
   Infrared LED Chip
OPA8525HP KODENSHI-OPA8525HP Datasheet
98Kb / 1P
   Infrared LED Chip
OPA8535H(A) KODENSHI-OPA8535H(A) Datasheet
100Kb / 1P
   Infrared LED Chip
OPA8537RC KODENSHI-OPA8537RC Datasheet
121Kb / 1P
   Infrared LED Chip
OPA8709 KODENSHI-OPA8709 Datasheet
99Kb / 1P
   Infrared LED Chip
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com