Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M34A02 Datasheet(PDF) 10 Page - STMicroelectronics

Part # M34A02
Description  2 Kbit Serial SMBus EEPROM for ACR Card Configuration
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M34A02 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button M34A02 Datasheet HTML 6Page - STMicroelectronics M34A02 Datasheet HTML 7Page - STMicroelectronics M34A02 Datasheet HTML 8Page - STMicroelectronics M34A02 Datasheet HTML 9Page - STMicroelectronics M34A02 Datasheet HTML 10Page - STMicroelectronics M34A02 Datasheet HTML 11Page - STMicroelectronics M34A02 Datasheet HTML 12Page - STMicroelectronics M34A02 Datasheet HTML 13Page - STMicroelectronics M34A02 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
M34A02
10/15
Table 7. Input Parameters1 (TA = 25 °C, f = 100 kHz)
Note: 1. Sampled only, not 100% tested.
Symbol
Parameter
Test Condition
Min.
Max.
Unit
CIN
Input Capacitance (SDA)
8
pF
CIN
Input Capacitance (other pins)
6
pF
ZWCL
WC Input Impedance
VIN < 0.5 V
5
70
k
ZWCH
WC Input Impedance
VIN > 0.7VCC
500
k
tNS
Pulse width ignored
(Input Filter on SCL and SDA)
Single glitch
100
ns
Figure 10. AC Measurement Conditions
AI03799
2.3V
0.4V
2.1V
0.8V
Input Rise and Fall Times
<= 50 ns
Input Pulse Voltages
0.4V to 2.3V
Input and Output Timing
Reference Voltages
0.8V to 2.1V
Figure 11. AC Waveforms
SCL
SDA In
SCL
SDA Out
SCL
SDA In
tCHCL
tDLCL
tCHDX
START
Condition
tCLCH
tDXCX
tCLDX
SDA
Input
SDA
Change
tCHDH
tDHDL
STOP
Condition
Data Valid
tCLQV
tCLQX
tCHDH
STOP
Condition
tCHDX
START
Condition
Write Cycle
tW
AI00795C
START
Condition


Similar Part No. - M34A02

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
M34 VISHAY-M34 Datasheet
75Kb / 5P
   Wet Tantalum Capacitors Surface Mount, Molded Case
Revision: 11-Aug-09
M34 VISHAY-M34 Datasheet
91Kb / 5P
   Wet Tantalum Capacitors Surface Mount, Molded Case
Revision: 28-Jul-11
logo
Gamewell-FCI by Honeywe...
M34-104 GAMEWELL-FCI-M34-104 Datasheet
166Kb / 4P
   Three-Fold Fire Alarm Boxes and Transmitters
M34-110 GAMEWELL-FCI-M34-110 Datasheet
166Kb / 4P
   Three-Fold Fire Alarm Boxes and Transmitters
M34-111 GAMEWELL-FCI-M34-111 Datasheet
166Kb / 4P
   Three-Fold Fire Alarm Boxes and Transmitters
More results

Similar Description - M34A02

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT34AC02 CATALYST-CAT34AC02 Datasheet
68Kb / 10P
   2K-Bit SMBus EEPROM for ACR Card Configuration
logo
Microchip Technology
24LC09 MICROCHIP-24LC09 Datasheet
237Kb / 20P
   8K 2.5V ACR SERIAL EEPROM
2001
24LC09 MICROCHIP-24LC09_04 Datasheet
190Kb / 18P
   8K 2.5V ACR SERIAL EEPROM
2004
logo
STMicroelectronics
M34C02-W STMICROELECTRONICS-M34C02-W Datasheet
256Kb / 31P
   2 Kbit Serial I짼C Bus EEPROM for DIMM serial presence detect
M34C02 STMICROELECTRONICS-M34C02 Datasheet
147Kb / 19P
   2 Kbit Serial I짼C Bus EEPROM For DIMM Serial Presence Detect
M2201 STMICROELECTRONICS-M2201 Datasheet
111Kb / 15P
   2-Wires 1 Kbit x8 Serial EEPROM
logo
ATMEL Corporation
AT24MAC402 ATMEL-AT24MAC402 Datasheet
1Mb / 28P
   I2C-Compatible (2-wire) 2-Kbit Serial EEPROM
logo
STMicroelectronics
M24C08-X STMICROELECTRONICS-M24C08-X Datasheet
370Kb / 37P
   8-Kbit, 4-Kbit, 2-Kbit, and 1-Kbit serial I짼C bus EEPROM
M24C16-WMN6P STMICROELECTRONICS-M24C16-WMN6P Datasheet
453Kb / 38P
   16 Kbit, 8 Kbit, 4 Kbit, 2 Kbit and 1 Kbit serial I짼C bus EEPROM
M24C04-BN6 STMICROELECTRONICS-M24C04-BN6 Datasheet
453Kb / 38P
   16 Kbit, 8 Kbit, 4 Kbit, 2 Kbit and 1 Kbit serial I짼C bus EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com