Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HIR5393C Datasheet(PDF) 8 Page - Everlight Electronics Co., Ltd

Part # HIR5393C
Description  High Power Infrared LED
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

HIR5393C Datasheet(HTML) 8 Page - Everlight Electronics Co., Ltd

  HIR5393C Datasheet HTML 1Page - Everlight Electronics Co., Ltd HIR5393C Datasheet HTML 2Page - Everlight Electronics Co., Ltd HIR5393C Datasheet HTML 3Page - Everlight Electronics Co., Ltd HIR5393C Datasheet HTML 4Page - Everlight Electronics Co., Ltd HIR5393C Datasheet HTML 5Page - Everlight Electronics Co., Ltd HIR5393C Datasheet HTML 6Page - Everlight Electronics Co., Ltd HIR5393C Datasheet HTML 7Page - Everlight Electronics Co., Ltd HIR5393C Datasheet HTML 8Page - Everlight Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
Everlight Electronics Co., Ltd.
http:\\www.everlight.com
Rev 3
Page: 8 of 8
Device No
:DIH-539-096
Prepared date
:12-28-2007
Prepared by
:Jaine Tsai
HIR5393C/L223
5. Soldering Condition
Careful attention should be paid during soldering. When soldering, leave more then 3mm
from solder joint to case, and soldering beyond the base of the tie bar is recommended.
Avoiding applying any stress to the lead frame while the LEDs are at high temperature
particularly when soldering.
Recommended soldering conditions:
Hand Soldering
DIP Soldering
Temp. at tip of iron
400
Max.
(30W
Max.)
Preheat temp.
100
Max.
(60 sec Max.)
Soldering time
3 sec Max.
Bath temp.
265 Max.
Distance
3mm Min.(From solder
joint to case)
Bath time.
5 sec Max.
Distance
3mm Min.
EVERLIGHT ELECTRONICS CO., LTD.
Tel: 886-2-2267-2000, 2267-9936
Office: No 25, Lane 76, Sec 3, Chung Yang Rd,
Fax: 886-2267-6244, 2267-6189, 2267-6306
Tucheng, Taipei 236, Taiwan, R.O.C
http:\\www.everlight.com


Similar Part No. - HIR5393C

ManufacturerPart #DatasheetDescription
logo
CT Micro International ...
HIR500T-F0 CTMICRO-HIR500T-F0 Datasheet
772Kb / 8P
   5mm Lamp Type 850nm Infrared Emitter
More results

Similar Description - HIR5393C

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
HIR38-01C EVERLIGHT-HIR38-01C Datasheet
137Kb / 7P
   High Power Infrared LED
logo
Marktech Corporate
MTE8760N5 MARKTECH-MTE8760N5 Datasheet
582Kb / 4P
   High Power Infrared LED
MTE8560P MARKTECH-MTE8560P Datasheet
535Kb / 2P
   High Power Infrared LED
logo
Roithner LaserTechnik G...
SMB1N-880 ROITHNER-SMB1N-880 Datasheet
708Kb / 4P
   infrared high power led
SMB1N-970 ROITHNER-SMB1N-970 Datasheet
746Kb / 4P
   infrared high power led
logo
Everlight Electronics C...
EAIST3535A3 EVERLIGHT-EAIST3535A3 Datasheet
560Kb / 8P
   High Power Infrared LED
EAIST3535A5 EVERLIGHT-EAIST3535A5 Datasheet
432Kb / 8P
   High Power Infrared LED
EAILP03SXAA0 EVERLIGHT-EAILP03SXAA0 Datasheet
356Kb / 6P
   High Power Infrared LED
HIR30-01C-S16 EVERLIGHT-HIR30-01C-S16_15 Datasheet
183Kb / 7P
   High Power Infrared LED
HIR30-01C EVERLIGHT-HIR30-01C Datasheet
178Kb / 7P
   High Power Infrared LED
logo
Marktech Corporate
MTE8760P MARKTECH-MTE8760P Datasheet
532Kb / 2P
   High Power Infrared LED
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com