Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HIR1363C Datasheet(PDF) 7 Page - Everlight Electronics Co., Ltd

Part # HIR1363C
Description  10mm Round Infrared LED
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

HIR1363C Datasheet(HTML) 7 Page - Everlight Electronics Co., Ltd

  HIR1363C Datasheet HTML 1Page - Everlight Electronics Co., Ltd HIR1363C Datasheet HTML 2Page - Everlight Electronics Co., Ltd HIR1363C Datasheet HTML 3Page - Everlight Electronics Co., Ltd HIR1363C Datasheet HTML 4Page - Everlight Electronics Co., Ltd HIR1363C Datasheet HTML 5Page - Everlight Electronics Co., Ltd HIR1363C Datasheet HTML 6Page - Everlight Electronics Co., Ltd HIR1363C Datasheet HTML 7Page - Everlight Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
Everlight Electronics Co., Ltd.
http:\\www.everlight.com
Rev 2
Page: 7 of 7
Device No:DIH-136-070
Prepared date:07-20-2005
Prepared by:JAINE TSAI
RoHS
HIR1363C
Packing Quantity Specification
1.42Pcs/1Dish,6Dishes/1Box
2.10Boxes/1Carton
Label Form Specification
CPN: Customer’s Production Number
P/N : Production Number
QTY: Packing Quantity
CAT: Ranks
HUE: Peak Wavelength
REF: Reference
LOT No: Lot Number
MADE IN TAIWAN: Production Place
Notes
1. Above specification may be changed without notice. EVERLIGHT will reserve authority on
material change for above specification.
2. When using this product, please observe the absolute maximum ratings and the instructions
for using outlined in these specification sheets. EVERLIGHT assumes no responsibility for
any damage resulting from use of the product which does not comply with the absolute
maximum ratings and the instructions included in these specification sheets.
3. These specification sheets include materials protected under copyright of EVERLIGHT
corporation. Please don’t reproduce or cause anyone to reproduce them without EVERLIGHT’s
consent.
EVERLIGHT ELECTRONICS CO., LTD.
Tel: 886-2-2267-2000, 2267-9936
Office: No 25, Lane 76, Sec 3, Chung Yang Rd,
Fax: 886-2267-6244, 2267-6189, 2267-6306
Tucheng, Taipei 236, Taiwan, R.O.C
http:\\www.everlight.com
HIR1363C


Similar Part No. - HIR1363C

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
HIR11-21C EVERLIGHT-HIR11-21C Datasheet
255Kb / 10P
   Chip Infrared LED With Inner Lens
HIR11-21C-L11-TR8 EVERLIGHT-HIR11-21C-L11-TR8 Datasheet
261Kb / 10P
   1206 Package Chip Infrared LED With Inner Lens
HIR11-21C-L11-TR8 EVERLIGHT-HIR11-21C-L11-TR8 Datasheet
216Kb / 9P
   1206 Package Chip Infrared LED With Inner Lens
HIR11-21C-L11-TR8 EVERLIGHT-HIR11-21C-L11-TR8_15 Datasheet
216Kb / 9P
   1206 Package Chip Infrared LED With Inner Lens
HIR11-21C/L11/TR8 EVERLIGHT-HIR11-21C/L11/TR8 Datasheet
255Kb / 10P
   Chip Infrared LED With Inner Lens
More results

Similar Description - HIR1363C

ManufacturerPart #DatasheetDescription
logo
Kingbright Corporation
WP819IID KINGBRIGHT-WP819IID Datasheet
416Kb / 6P
   10mm ROUND LED LAMP
WP819YYD KINGBRIGHT-WP819YYD Datasheet
416Kb / 6P
   10mm ROUND LED LAMP
logo
OptoSupply Internationa...
OSR5RUA131A OPTOSUPPLY-OSR5RUA131A Datasheet
136Kb / 1P
   10mm Round Red LED
OSV5HLA131A OPTOSUPPLY-OSV5HLA131A Datasheet
154Kb / 1P
   10mm Round Violet LED
logo
A-BRIGHT Inc
AL-103IR-85030C2 A-BRIGHT-AL-103IR-85030C2_08 Datasheet
326Kb / 5P
   10mm Round LED Lamps
2008/3/20
logo
SunLED Corporation
LMRMG02MCC SUNLED-LMRMG02MCC Datasheet
204Kb / 5P
   10mm ROUND LED LAMP
LUGR02M SUNLED-LUGR02M Datasheet
201Kb / 5P
   10mm ROUND LED LAMP
logo
OptoSupply Internationa...
OSY5SAA131A OPTOSUPPLY-OSY5SAA131A Datasheet
96Kb / 1P
   10mm Round Yellow LED
OSO5JAA131A OPTOSUPPLY-OSO5JAA131A Datasheet
136Kb / 1P
   10mm Round Orange LED
logo
A-BRIGHT Inc
AL-103YD A-BRIGHT-AL-103YD_10 Datasheet
265Kb / 5P
   10mm Round LED Lamps
2010/5/5
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com