Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HIR383C Datasheet(PDF) 4 Page - Everlight Electronics Co., Ltd

Part # HIR383C
Description  5mm Infrared LED, T-1 3/4
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

HIR383C Datasheet(HTML) 4 Page - Everlight Electronics Co., Ltd

  HIR383C Datasheet HTML 1Page - Everlight Electronics Co., Ltd HIR383C Datasheet HTML 2Page - Everlight Electronics Co., Ltd HIR383C Datasheet HTML 3Page - Everlight Electronics Co., Ltd HIR383C Datasheet HTML 4Page - Everlight Electronics Co., Ltd HIR383C Datasheet HTML 5Page - Everlight Electronics Co., Ltd HIR383C Datasheet HTML 6Page - Everlight Electronics Co., Ltd HIR383C Datasheet HTML 7Page - Everlight Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
Everlight Electronics Co., Ltd.
http:\\www.everlight.com
Rev 1
Page: 4 of 7
Device No:DIH-383-093
Prepared date:06-29-2006
Prepared by:Daniel Yang
790
0
20
40
60
80
100
890
850
810 830
870
930
910
950
IF=20mA
Ta=25° C
75
-25
800
0
825
850
25
50
875
900
100
0
10
10
1
10
2
3
10
4
14
6
8
23
5
7
0
-40 -20
40
20
0
60
100
80
20
40
60
100
80
120
140
120
HIR383C/L212
Typical Electro-Optical Characteristics Curves
Fig.1 Forward Current vs.
Fig.2 Spectral Distribution
Ambient Temperature
Fig.3
Peak Emission Wavelength
Fig.4
Forward Current
Ambient Temperature
vs. Forward Voltage


Similar Part No. - HIR383C

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
HIR38-01C EVERLIGHT-HIR38-01C Datasheet
137Kb / 7P
   High Power Infrared LED
HIR38-01C EVERLIGHT-HIR38-01C_15 Datasheet
142Kb / 7P
   High Power Infrared LED
More results

Similar Description - HIR383C

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
HIR323C-H0 EVERLIGHT-HIR323C-H0 Datasheet
181Kb / 7P
   5mm Infrared LED, T-1 3/4
HIR313C EVERLIGHT-HIR313C Datasheet
188Kb / 7P
   5mm Infrared LED, T-1 3/4
HIR8323-C16 EVERLIGHT-HIR8323-C16 Datasheet
161Kb / 7P
   5mm Infrared LED, T-1 3/4
IR8353-14C EVERLIGHT-IR8353-14C Datasheet
207Kb / 7P
   5mm Infrared LED , T-1 3/4
IR533C EVERLIGHT-IR533C Datasheet
192Kb / 7P
   5mm Infrared LED , T-1 3/4
IR323-H0-A EVERLIGHT-IR323-H0-A Datasheet
202Kb / 7P
   5mm Infrared LED , T-1 3/4
SIR383 EVERLIGHT-SIR383 Datasheet
178Kb / 7P
   5mm Infrared LED, T-1 3/4
SIR333C-H0 EVERLIGHT-SIR333C-H0 Datasheet
189Kb / 7P
   5mm Infrared LED, T-1 3/4
EAILP05RDLA0 EVERLIGHT-EAILP05RDLA0 Datasheet
269Kb / 8P
   5mm Infrared LED,T-1 3/4
EAILP05RDOA0 EVERLIGHT-EAILP05RDOA0 Datasheet
305Kb / 8P
   5mm Infrared LED,T-1 3/4
IR333C-A EVERLIGHT-IR333C-A Datasheet
368Kb / 7P
   5mm Infrared LED, T-1 3/4
Rev. 3 2010/10/23
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com