Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BIM1-173.250-10 Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # BIM1-173.250-10
Description  VHF Narrow Band FM transceiver
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

BIM1-173.250-10 Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  BIM1-173.250-10 Datasheet HTML 1Page - List of Unclassifed Manufacturers BIM1-173.250-10 Datasheet HTML 2Page - List of Unclassifed Manufacturers BIM1-173.250-10 Datasheet HTML 3Page - List of Unclassifed Manufacturers BIM1-173.250-10 Datasheet HTML 4Page - List of Unclassifed Manufacturers BIM1-173.250-10 Datasheet HTML 5Page - List of Unclassifed Manufacturers BIM1-173.250-10 Datasheet HTML 6Page - List of Unclassifed Manufacturers BIM1-173.250-10 Datasheet HTML 7Page - List of Unclassifed Manufacturers BIM1-173.250-10 Datasheet HTML 8Page - List of Unclassifed Manufacturers BIM1-173.250-10 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
Radiometrix Ltd.,
BiM1 transceiver, TX1H high power transmitter data sheet
Page 5
General
pin
min.
typ.
max.
units
notes
Receiver
RF/IF
RF sensitivity @ 12dB SINAD
2, 13
-120
dBm
RF sensitivity @ 1ppm BER
2, 12
-115
dBm
RSSI threshold
2, 11
-127
dBm
RSSI range
2, 11
60
dB
IF bandwidth
kHz
Blocking
2
85
dB
Image rejection
2
60
dB
Adjacent channel rejection
2
70
dB
2
Spurious response rejection
2
65
dB
LO leakage, conducted
-70
dBm
3
LO leakage, radiated
-60
dBm
3
Baseband
Baseband bandwidth @ -3dB
13
5
kHz
AF level
13
400
mVP-P
7
DC offset on AF out
13
0.8
V
Distortion on recovered AF
12
TBD
%
Load capacitance, AF / RXD
12,13
TBD
pF
Dynamic timing
Power up with signal present
Power up to valid RSSI
16, 11
TBD
ms
Power up to stable AF output
16, 13
2
Power up to stable RXD output
16, 12
10
ms
Signal applied with supply on
Signal to valid AF
2, 11
TBD
ms
Signal to stable data
2, 12
TBD
ms
Time between data transitions
12
0.1
ms
8
Mark : space ratio
12
20
50
80
%
8
Notes:
1. Measured into 50
Ω resistive load.
2. Exceeds EN/EMC requirements at all frequencies.
3. Total over full supply and temperature range.
4. With 0V – 3.0V modulation input.
5. To achieve specified FM deviation.
6. See applications information for further details.
7. For received signal with
±3kHz FM deviation.
8. For 50:50 mark to space ratio (i.e. squarewave).


Similar Part No. - BIM1-173.250-10

ManufacturerPart #DatasheetDescription
logo
Radiometrix Ltd
BIM1-151.300-10 RADIOMETRIX-BIM1-151.300-10 Datasheet
286Kb / 15P
   VHF Narrow Band FM transceiver
More results

Similar Description - BIM1-173.250-10

ManufacturerPart #DatasheetDescription
logo
Radiometrix Ltd
BIM1 RADIOMETRIX-BIM1 Datasheet
286Kb / 15P
   VHF Narrow Band FM transceiver
BIM1H RADIOMETRIX-BIM1H Datasheet
243Kb / 11P
   VHF Narrow Band FM 500mW transceiver
TR1M-151-5 RADIOMETRIX-TR1M-151-5 Datasheet
256Kb / 9P
   Narrow Band FM Multi-channel VHF Transceiver
SMX1 RADIOMETRIX-SMX1 Datasheet
149Kb / 8P
   VHF Narrow Band FM Multi channel Transceiver
logo
List of Unclassifed Man...
WP-MKT4 ETC-WP-MKT4 Datasheet
117Kb / 4P
   FM Narrow Band VHF Transmitter Module
logo
Radiometrix Ltd
HX1 RADIOMETRIX-HX1 Datasheet
227Kb / 9P
   VHF Narrow Band FM 300mW Transmitter
HX1 RADIOMETRIX-HX1_14 Datasheet
529Kb / 9P
   VHF Narrow Band FM 300mW Transmitter
logo
rfsolutions.ltd
X2010 RFSOLUTIONS-X2010 Datasheet
65Kb / 6P
   FM Narrow Band Transceiver Modules
logo
Radiometrix Ltd
NIM2 RADIOMETRIX-NIM2 Datasheet
577Kb / 11P
   UHF Narrow Band FM Transceiver
NTR2 RADIOMETRIX-NTR2 Datasheet
407Kb / 10P
   UHF Narrow Band FM Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com