Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BIM1-173.225-10 Datasheet(PDF) 9 Page - List of Unclassifed Manufacturers

Part # BIM1-173.225-10
Description  VHF Narrow Band FM transceiver
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

BIM1-173.225-10 Datasheet(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button BIM1-173.225-10 Datasheet HTML 5Page - List of Unclassifed Manufacturers BIM1-173.225-10 Datasheet HTML 6Page - List of Unclassifed Manufacturers BIM1-173.225-10 Datasheet HTML 7Page - List of Unclassifed Manufacturers BIM1-173.225-10 Datasheet HTML 8Page - List of Unclassifed Manufacturers BIM1-173.225-10 Datasheet HTML 9Page - List of Unclassifed Manufacturers BIM1-173.225-10 Datasheet HTML 10Page - List of Unclassifed Manufacturers BIM1-173.225-10 Datasheet HTML 11Page - List of Unclassifed Manufacturers BIM1-173.225-10 Datasheet HTML 12Page - List of Unclassifed Manufacturers BIM1-173.225-10 Datasheet HTML 13Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
Radiometrix Ltd.,
BiM1 transceiver, TX1H high power transmitter data sheet
Page 9
"RS232" Serial data
It is possible to transmit "RS232" serial data directly at 600 to 9600bps baud between a pair of BiM1
transceivers in half duplex mode. The data must be "packetised" with no gaps between bytes. i.e. The
data must be preceded by >10ms of preamble (55h or AAh) to allow the data slicer in the BiM1 to settle,
followed by one 00h and one FFh bytes to allow the receive UART to lock, followed by a unique start of
message byte, (01h), then the data bytes and finally terminated by a CRC or check sum. The receiver
data slicer provides the best bit error rate performance on codes with a 50:50 mark:space average over a
5ms period, a string of FFh or 00h is a very asymmetric code and will give poor error rates where
reception is marginal. Only 50:50 codes may be used at data rates above 1kbps.
We recommend 3 methods of improving mark:space ratio of serial codes, all 3 coding methods are
suitable for transmission at 10kbps:-
Method 1 - Bit coding
Bit rate , Max 10kbps , Min 250bps
Redundancy (per bit) 100% (Bi-phase)
Each bit to be sent is divided in half, the first half is the bit to be sent and the second
half, it's compliment. Thus each bit has a guaranteed transition in the centre and a
mark:space of 50:50 . This is Bi-phase or Manchester coding and gives good results,
however the 100% redundancy will give a true throughput of 5kbps.
Another variation of this code is to encode a ‘1’ as a long bit with one transition and ‘0’
as a short bit with two transition or vice versa. Each encoded bit starts with a
guaranteed transition to reverse the voltage level even if stream of 00h/FFh is encoded.
This is called Differential Manchester Encoding. This encoding method is easier to
decode as the decoder has to sample encoded bit several times and if the sample value is
more than 75% of a long bit period, then it is decoded as ‘1’ and if there was transition
then it is decoded as ‘0’ or vice versa.
Method 2 - FEC coding
Bit rate , Max 10kbps, Min 2.4kbps
Redundancy (per byte) 100%
Each byte is sent twice; true then it's logical compliment. e.g. even bytes are true and
odd bytes are inverted. This preserves a 50:50 balance.
A refinement of this simple balancing method is to increase the stagger between the
true and the inverted data streams and add parity to each byte. Thus the decoder may
determine the integrity of each even byte received and on a parity failure select the
subsequent inverted odd byte. The greater the stagger the higher the immunity to
isolated burst errors.
Digitised analogue data
Linear operation of BiM1 transceivers will allow direct transfer of analogue data, however in many
applications the distortion and low frequency roll off are too high (e.g. bio-medical data such as ECG).
The use of delta modulation is an excellent solution for analogue data in the range 1Hz up to 4kHz with
less than 1% distortion. A number of propitiatory IC's
such as Motorola's MC3517/8 provide CVSD Delta mod/demod on a single chip.
Where the signal bandwidth extends down to DC , such as strain gauges, level sensing, load cells etc.
then Voltage to Frequency / Frequency to Voltage chips (such as Nat Semi LM331) provide a simple
means of digitising.


Similar Part No. - BIM1-173.225-10

ManufacturerPart #DatasheetDescription
logo
Radiometrix Ltd
BIM1-151.300-10 RADIOMETRIX-BIM1-151.300-10 Datasheet
286Kb / 15P
   VHF Narrow Band FM transceiver
More results

Similar Description - BIM1-173.225-10

ManufacturerPart #DatasheetDescription
logo
Radiometrix Ltd
BIM1 RADIOMETRIX-BIM1 Datasheet
286Kb / 15P
   VHF Narrow Band FM transceiver
BIM1H RADIOMETRIX-BIM1H Datasheet
243Kb / 11P
   VHF Narrow Band FM 500mW transceiver
TR1M-151-5 RADIOMETRIX-TR1M-151-5 Datasheet
256Kb / 9P
   Narrow Band FM Multi-channel VHF Transceiver
SMX1 RADIOMETRIX-SMX1 Datasheet
149Kb / 8P
   VHF Narrow Band FM Multi channel Transceiver
logo
List of Unclassifed Man...
WP-MKT4 ETC-WP-MKT4 Datasheet
117Kb / 4P
   FM Narrow Band VHF Transmitter Module
logo
Radiometrix Ltd
HX1 RADIOMETRIX-HX1 Datasheet
227Kb / 9P
   VHF Narrow Band FM 300mW Transmitter
HX1 RADIOMETRIX-HX1_14 Datasheet
529Kb / 9P
   VHF Narrow Band FM 300mW Transmitter
logo
rfsolutions.ltd
X2010 RFSOLUTIONS-X2010 Datasheet
65Kb / 6P
   FM Narrow Band Transceiver Modules
logo
Radiometrix Ltd
NIM2 RADIOMETRIX-NIM2 Datasheet
577Kb / 11P
   UHF Narrow Band FM Transceiver
NTR2 RADIOMETRIX-NTR2 Datasheet
407Kb / 10P
   UHF Narrow Band FM Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com