Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HIR42-21C Datasheet(PDF) 9 Page - Everlight Electronics Co., Ltd

Part # HIR42-21C
Description  1.8mm Round Subminiature Infrared LED
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

HIR42-21C Datasheet(HTML) 9 Page - Everlight Electronics Co., Ltd

Back Button HIR42-21C Datasheet HTML 2Page - Everlight Electronics Co., Ltd HIR42-21C Datasheet HTML 3Page - Everlight Electronics Co., Ltd HIR42-21C Datasheet HTML 4Page - Everlight Electronics Co., Ltd HIR42-21C Datasheet HTML 5Page - Everlight Electronics Co., Ltd HIR42-21C Datasheet HTML 6Page - Everlight Electronics Co., Ltd HIR42-21C Datasheet HTML 7Page - Everlight Electronics Co., Ltd HIR42-21C Datasheet HTML 8Page - Everlight Electronics Co., Ltd HIR42-21C Datasheet HTML 9Page - Everlight Electronics Co., Ltd HIR42-21C Datasheet HTML 10Page - Everlight Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
Everlight Electronics Co., Ltd.
http:\\www.everlight.com
Rev 2
Page: 9 of 10
Device No:DTH-042-024
Prepared date:04-25-2006
Prepared by:Jaine Tsai
HIR42-21C/TR8
Package Dimensions
Taping Dimensions
Unit: mm


Similar Part No. - HIR42-21C

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
HIR EVERLIGHT-HIR Datasheet
180Kb / 7P
   5mm Infrared LED, T-1 3/4
HIR-A07 EVERLIGHT-HIR-A07 Datasheet
369Kb / 10P
   High Power Infrared LED
HIR-A07/L183-P01 EVERLIGHT-HIR-A07/L183-P01 Datasheet
369Kb / 10P
   High Power Infrared LED
HIR11-21C EVERLIGHT-HIR11-21C Datasheet
255Kb / 10P
   Chip Infrared LED With Inner Lens
HIR11-21C-L11-TR8 EVERLIGHT-HIR11-21C-L11-TR8 Datasheet
261Kb / 10P
   1206 Package Chip Infrared LED With Inner Lens
More results

Similar Description - HIR42-21C

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
IR42-21C ETC-IR42-21C Datasheet
201Kb / 9P
   1.8MM ROUND SUBMINIATURE INFRARED LED
logo
Everlight Electronics C...
IR42-21C-TR8 EVERLIGHT-IR42-21C-TR8_15 Datasheet
219Kb / 9P
   1.8mm Round Subminiature Infrared LED
IR42-21C-TR8 EVERLIGHT-IR42-21C-TR8 Datasheet
235Kb / 10P
   1.8mm Round Subminiature Infrared LED
EAIST3224A1 EVERLIGHT-EAIST3224A1 Datasheet
483Kb / 9P
   1.8mm Round Subminiature Infrared LED
IR42-21C EVERLIGHT-IR42-21C Datasheet
229Kb / 10P
   1.8mm Round Subminiature Infrared LED
EAIST3224A0 EVERLIGHT-EAIST3224A0 Datasheet
523Kb / 9P
   1.8mm Round Subminiature Infrared LED
BHC-AUW EVERLIGHT-BHC-AUW Datasheet
150Kb / 10P
   1.8mm round Subminiature Chip LED
42-21SYGC EVERLIGHT-42-21SYGC Datasheet
152Kb / 10P
   1.8mm round Subminiature Chip LED
logo
HK TO-GRACE TECHNOLOGY ...
42-21-BHC-AUW-1T TO-GRACE-42-21-BHC-AUW-1T Datasheet
799Kb / 10P
   1.8mm round Subminiature Chip LED
logo
Everlight Electronics C...
42-21A-GHC-YX1Y2N-1T EVERLIGHT-42-21A-GHC-YX1Y2N-1T_11 Datasheet
145Kb / 10P
   1.8mm round Subminiature Chip LED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com