Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PI74SSTUA32864NB Datasheet(PDF) 5 Page - Pericom Semiconductor Corporation

Part # PI74SSTUA32864NB
Description  25-Bit 1:1 or 14-Bit 1:2 Confi gurable Registered Buff er
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI74SSTUA32864NB Datasheet(HTML) 5 Page - Pericom Semiconductor Corporation

  PI74SSTUA32864NB Datasheet HTML 1Page - Pericom Semiconductor Corporation PI74SSTUA32864NB Datasheet HTML 2Page - Pericom Semiconductor Corporation PI74SSTUA32864NB Datasheet HTML 3Page - Pericom Semiconductor Corporation PI74SSTUA32864NB Datasheet HTML 4Page - Pericom Semiconductor Corporation PI74SSTUA32864NB Datasheet HTML 5Page - Pericom Semiconductor Corporation PI74SSTUA32864NB Datasheet HTML 6Page - Pericom Semiconductor Corporation PI74SSTUA32864NB Datasheet HTML 7Page - Pericom Semiconductor Corporation PI74SSTUA32864NB Datasheet HTML 8Page - Pericom Semiconductor Corporation PI74SSTUA32864NB Datasheet HTML 9Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
5
PS8743D
11/06/07
PI74SSTUA32864
25-Bit 1:1, or 14-Bit 1:2
Configurable Registered Buffer
Notes:
1.
The RST and Cn inputs of the device must be held at valid levels (not floating) to ensure proper device operation. The differential inputs must
not be floating, unless RST is low.
Notes:
1.
Stresses greater than those listed under MAXIMUM RAINGS
may cause permanent damage to the device. This is a stress
rating only and functional operation of the device at these
or any other conditions above those indicated in the opera-
tional sections of this specification is not implied. Exposure
to absolute maximum rating conditions for extended periods
may affect reliability.
2.
Theinputandoutputnegative-voltageratingsmaybeexceeded
if the input and output clamp-current ratings are observed.
3.
This value is limited to 2.5V maximum
Maximum Ratings
(Above which the useful life may be impaired. For user guidelines, not tested.)
Storage Temperature ................................................... –65°C to +150°C
Supply Voltage Range, VDD .............................................–0.5V to 2.5V
Input Voltage Range,VI : (See Notes 2 and 3): ................–0.5V to 2.5V
Output Voltage Range, VO (See Notes 2 and 3).... –0.5V to VDD + 0.5V
Input Clamp Current, IIK (VI < 0 or VI = VDD ) .........................–50mA
Output Clamp Current, IOK (VO < 0 or VO > VDD)................... ±50mA
Continous Output Current, IO (VO = 0 to VDD) ........................ ±50mA
Continous Current through each VDD or GND......................... ±100mA
Recommended Operating Conditions(1)
Parameters
Description
Min.
Nom.
Max.
Units
VDD
Supply Voltage
1.7
1.9
V
VREF
Reference Voltage
0.49 x VDD
0.50 x VDD
0.51 x VDD
VTT
Termination Voltage
VREF -40mA
VREF
VREF +40mA
VI
Input Voltage
0
VDD
VIH
AC High - Level Input Voltage
Data
Inputs
VREF +250mV
VIL
AC Low- Level Input Voltage
VREF -250mV
VIH
DC High - Level Input Voltage
VREF +125mV
VIL
DC Low- Level Input Voltage
VREF -125mV
VIH
High Level Input Voltage
RST, CN
0.65 x VDD
VIL
Low Level Input Voltage
0.35 x VDD
VICR
Common-mode input Voltage
CK, CK
0.675
1.125
VID
Differential Input Voltage
600
mV
IOH
High-Level Output Current
-8
mA
IOL
Low-Level Output Current
-8
TA
Operating Free-air Temperature
0
70
ºC
07-0266


Similar Part No. - PI74SSTUA32864NB

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI74SSTU32864 PERICOM-PI74SSTU32864 Datasheet
597Kb / 10P
   25-Bit 1:1 or 14-Bit 1:2 Configurable Registered Buffer
PI74SSTU32864A PERICOM-PI74SSTU32864A Datasheet
596Kb / 10P
   25-Bit 1:1 or 14-Bit 1:2 Configurable Registered BufferTOOTHERCHANNELSCKCKRST1DC1RQCKEAQCKEB
PI74SSTU32864ANB PERICOM-PI74SSTU32864ANB Datasheet
596Kb / 10P
   25-Bit 1:1 or 14-Bit 1:2 Configurable Registered BufferTOOTHERCHANNELSCKCKRST1DC1RQCKEAQCKEB
PI74SSTU32864ANBE PERICOM-PI74SSTU32864ANBE Datasheet
596Kb / 10P
   25-Bit 1:1 or 14-Bit 1:2 Configurable Registered BufferTOOTHERCHANNELSCKCKRST1DC1RQCKEAQCKEB
PI74SSTU32864NB PERICOM-PI74SSTU32864NB Datasheet
597Kb / 10P
   25-Bit 1:1 or 14-Bit 1:2 Configurable Registered Buffer
More results

Similar Description - PI74SSTUA32864NB

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI74SSTU32864 PERICOM-PI74SSTU32864 Datasheet
597Kb / 10P
   25-Bit 1:1 or 14-Bit 1:2 Configurable Registered Buffer
PI74SSTU32864A PERICOM-PI74SSTU32864A Datasheet
596Kb / 10P
   25-Bit 1:1 or 14-Bit 1:2 Configurable Registered BufferTOOTHERCHANNELSCKCKRST1DC1RQCKEAQCKEB
logo
NXP Semiconductors
SSTUG32866 NXP-SSTUG32866 Datasheet
158Kb / 28P
   1.8 V 25-bit 1 : 1 or 14-bit 1 : 2 configurable registered buffer
Rev. 01-29 June 2007
logo
Hitachi Semiconductor
HD74SSTV16857 HITACHI-HD74SSTV16857 Datasheet
138Kb / 15P
   1:1 14-bit SSTL-2 Registered Buffer
logo
SpectraLinear Inc
CY2SSTU32864 SPECTRALINEAR-CY2SSTU32864 Datasheet
98Kb / 9P
   1.8V, 25-bit (1:1) or 14-bit (1:2) JEDEC-Compliant Data Register
logo
NXP Semiconductors
SSTU32866 PHILIPS-SSTU32866 Datasheet
166Kb / 29P
   1.8 V 25-bit 1:1 or 14-bit 1:2 configurable registered buffer with parity for DDR2 RDIMM applications
Rev. 02-11 November 2004
logo
Renesas Technology Corp
HD74SSTV16857 RENESAS-HD74SSTV16857 Datasheet
252Kb / 11P
   1:1 14-bit SSTL_2 Registered Buffer
HD74SSTV16857A RENESAS-HD74SSTV16857A Datasheet
215Kb / 11P
   1:1 14-bit SSTL_2 Registered Buffer
HD74SSTV16857B RENESAS-HD74SSTV16857B Datasheet
3Mb / 16P
   1:1 14-bit SSTL_2 Registered Buffer
logo
NXP Semiconductors
SSTUM32866 NXP-SSTUM32866 Datasheet
158Kb / 28P
   1.8 V 25-bit 1 : 1 or 14-bit 1 : 2 configurable registered buffer with parity for DDR2-1G RDIMM applications
Rev. 01-29 June 2007
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com