Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

F10390 Datasheet(PDF) 11 Page - Seoul Semiconductor

Part # F10390
Description  Power LED TECHNICAL DATA
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEOUL [Seoul Semiconductor]
Direct Link  http://www.seoulsemicon.com
Logo SEOUL - Seoul Semiconductor

F10390 Datasheet(HTML) 11 Page - Seoul Semiconductor

Back Button F10390 Datasheet HTML 7Page - Seoul Semiconductor F10390 Datasheet HTML 8Page - Seoul Semiconductor F10390 Datasheet HTML 9Page - Seoul Semiconductor F10390 Datasheet HTML 10Page - Seoul Semiconductor F10390 Datasheet HTML 11Page - Seoul Semiconductor F10390 Datasheet HTML 12Page - Seoul Semiconductor F10390 Datasheet HTML 13Page - Seoul Semiconductor F10390 Datasheet HTML 14Page - Seoul Semiconductor F10390 Datasheet HTML 15Page - Seoul Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 21 page
background image
Rev06
– 2005/09
11
SEOUL SEMICONDUCTOR CO., LTD.
148-29, Kasan-Dong, Keumchun-Gu, Seoul, Korea
TEL : 82-2-3281-6269
FAX : 82-2-857-5430
9. Radiant pattern for Red
8. Radiant pattern for White
-100
-80
-60
-40
-20
0
20
40
60
80
100
0.0
0.2
0.4
0.6
0.8
1.0
Directional angle (deg.)
-100
-80
-60
-40
-20
0
20
40
60
80
100
0.0
0.2
0.4
0.6
0.8
1.0
Directional angle (deg.)


Similar Part No. - F10390

ManufacturerPart #DatasheetDescription
logo
ITT Industries
F10308RN02B ITT-F10308RN02B Datasheet
231Kb / 4P
   Miniature ROTA-SLIDE Rotary Switches
F10308RN02BE ITT-F10308RN02BE Datasheet
231Kb / 4P
   Miniature ROTA-SLIDE Rotary Switches
logo
C&K Components
F10308RN02BE CK-COMPONENTS-F10308RN02BE Datasheet
219Kb / 4P
   Miniature ROTA-SLIDE Rotary Switches
logo
ITT Industries
F10308RN02Q ITT-F10308RN02Q Datasheet
231Kb / 4P
   Miniature ROTA-SLIDE Rotary Switches
F10308RN02QE ITT-F10308RN02QE Datasheet
231Kb / 4P
   Miniature ROTA-SLIDE Rotary Switches
More results

Similar Description - F10390

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
30-01-R5C-AQSC EVERLIGHT-30-01-R5C-AQSC Datasheet
111Kb / 6P
   Technical Data Sheet POWER LED
30-01-A5C-ASUC-AM EVERLIGHT-30-01-A5C-ASUC-AM Datasheet
344Kb / 10P
   Technical Data Sheet 3mm POWER LED
30-01USOC-S400-A9 EVERLIGHT-30-01USOC-S400-A9 Datasheet
101Kb / 6P
   Technical Data Sheet 3mm POWER LED
37-01 EVERLIGHT-37-01 Datasheet
260Kb / 9P
   Technical Data Sheet Oval POWER LED
34-01-A5C-ASUC-AM EVERLIGHT-34-01-A5C-ASUC-AM Datasheet
239Kb / 10P
   Technical Data Sheet 5mm POWER LED
67-31B-GHC-YX2Y2MZ3-2T EVERLIGHT-67-31B-GHC-YX2Y2MZ3-2T Datasheet
131Kb / 10P
   Technical Data Sheet Power Top View LED
67-31AUBC-B001-TR8 EVERLIGHT-67-31AUBC-B001-TR8 Datasheet
242Kb / 9P
   Technical Data Sheet (Preliminary) Power Top View LED
IR67-21C EVERLIGHT-IR67-21C Datasheet
205Kb / 9P
   Technical Data Sheet Top Infrared LED
67-21UBC-B040-TR8-AM EVERLIGHT-67-21UBC-B040-TR8-AM Datasheet
211Kb / 10P
   Technical Data Sheet -Top View LED
67-31F-RSC-AX2Y2B9Z5-CT EVERLIGHT-67-31F-RSC-AX2Y2B9Z5-CT Datasheet
209Kb / 10P
   Technical Data Sheet Power Top View LED With Lens
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com