Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MIC4421ACN Datasheet(PDF) 2 Page - Micrel Semiconductor

Part # MIC4421ACN
Description  9A Peak Low-Side MOSFET Driver Bipolar/CMOS/DMOS Process
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC4421ACN Datasheet(HTML) 2 Page - Micrel Semiconductor

  MIC4421ACN Datasheet HTML 1Page - Micrel Semiconductor MIC4421ACN Datasheet HTML 2Page - Micrel Semiconductor MIC4421ACN Datasheet HTML 3Page - Micrel Semiconductor MIC4421ACN Datasheet HTML 4Page - Micrel Semiconductor MIC4421ACN Datasheet HTML 5Page - Micrel Semiconductor MIC4421ACN Datasheet HTML 6Page - Micrel Semiconductor MIC4421ACN Datasheet HTML 7Page - Micrel Semiconductor MIC4421ACN Datasheet HTML 8Page - Micrel Semiconductor MIC4421ACN Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
Micrel, Inc.
MIC4421A/4422A
June 2007
2
M9999-062707
Ordering Information
Part Number
Standard
Pb-Free
Configuration
Temperature Range
Package
MIC4421AAM*
Inverting
–55° to +125°C
8-Pin SOIC
MIC4421ABM
MIC4421AYM
Inverting
–40° to +85°C
8-Pin SOIC
MIC4421ACM
MIC4421AZM
Inverting
0° to +70°C
8-Pin SOIC
MIC4421ABN
MIC4421AYN
Inverting
–40° to +85°C
8-Pin PDIP
MIC4421ACN
MIC4421AZN
Inverting
0° to +70°C
8-Pin PDIP
MIC4421ACT
MIC4421AZT
Inverting
0° to +70°C
5-Pin TO-220
MIC4422AAM*
Non-Inverting
–55° to +125°C
8-Pin SOIC
MIC4422ABM
MIC4422AYM
Non-Inverting
–40° to +85°C
8-Pin SOIC
MIC4422ACM
MIC4422AZM
Non-Inverting
0° to +70°C
8-Pin SOIC
MIC4422ABN
MIC4422AYN
Non-Inverting
–40° to +85°C
8-Pin PDIP
MIC4422ACN
MIC4422AZN
Non-Inverting
0° to +70°C
8-Pin PDIP
MIC4422ACT
MIC4422AZT
Non-Inverting
0° to +70°C
5-Pin TO-220
*
Special order. Contact factory.
Pin Configuration
1
2
3
4
8
7
6
5
VS
OUT
OUT
GND
VS
IN
NC
GND
5 OUT
4 GND
3VS
2 GND
1IN
8-Pin PDIP (N)
8-Pin SOIC (M)
5-Pin TO-220 (T)
Pin Description
Pin Number
DIP, SOIC
Pin Number
TO-220-5
Pin Name
Pin Name
2
1
IN
Control Input.
4, 5
2, 4
GND
Ground: Duplicate pins must be externally connected
together.
1, 8
3, TAB
VS
Supply Input: Duplicate pins must be externally connected
together.
6, 7
5
OUT
Output: Duplicate pins must be externally connected
together.
3
NC
Not connected.


Similar Part No. - MIC4421ACN

ManufacturerPart #DatasheetDescription
logo
MIC GROUP RECTIFIERS
MIC4421ACN MIC-MIC4421ACN Datasheet
399Kb / 13P
   High peak-output current: 9A Peak (typ.)
More results

Similar Description - MIC4421ACN

ManufacturerPart #DatasheetDescription
logo
MIC GROUP RECTIFIERS
MIC4421 MIC-MIC4421_11 Datasheet
241Kb / 12P
   9A-Peak Low-Side MOSFET Driver Bipolar/CMOS/DMOS Process
logo
Micrel Semiconductor
MIC4421 MICREL-MIC4421 Datasheet
110Kb / 10P
   9A-Peak Low-Side MOSFET Driver Bipolar/CMOS/DMOS Process
logo
MIC GROUP RECTIFIERS
MIC4420 MIC-MIC4420_11 Datasheet
231Kb / 12P
   6A-Peak Low-Side MOSFET Driver Bipolar/CMOS/DMOS Process
logo
Micrel Semiconductor
MIC4120 MICREL-MIC4120_10 Datasheet
458Kb / 10P
   6A-Peak Low-Side Mosfet Driver Bipolar/CMOS/DMOS Process
MIC4451 MICREL-MIC4451 Datasheet
105Kb / 10P
   12A-Peak Low-Side MOSFET Driver Bipolar/CMOS/DMOS Process
logo
Sensitron
SHD850003D SENSITRON-SHD850003D Datasheet
57Kb / 3P
   3A-Peak Low Side MOSFET Driver Bipolar/CMOS/DMOS Process
SHD850001 SENSITRON-SHD850001 Datasheet
43Kb / 3P
   6A-Peak Low Side MOSFET Driver Bipolar/CMOS/DMOS Process
logo
Micrel Semiconductor
MIC4420 MICREL-MIC4420 Datasheet
96Kb / 10P
   6A-Peak Low-Side MOSFET Driver Bipolar/CMOS/DMOS Process
logo
Microchip Technology
MIC4420 MICROCHIP-MIC4420 Datasheet
2Mb / 26P
   6A Peak Low-Side MOSFET Driver Bipolar/CMOS/DMOS Process
09/14/21
logo
Micrel Semiconductor
MIC4423 MICREL-MIC4423 Datasheet
117Kb / 12P
   Dual 3A-Peak Low-Side MOSFET Driver Bipolar/CMOS/DMOS Process
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com