Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX797CSE Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX797CSE
Description  Step-Down Controllers with Synchronous Rectifier for CPU Power
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX797CSE Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX797CSE Datasheet HTML 2Page - Maxim Integrated Products MAX797CSE Datasheet HTML 3Page - Maxim Integrated Products MAX797CSE Datasheet HTML 4Page - Maxim Integrated Products MAX797CSE Datasheet HTML 5Page - Maxim Integrated Products MAX797CSE Datasheet HTML 6Page - Maxim Integrated Products MAX797CSE Datasheet HTML 7Page - Maxim Integrated Products MAX797CSE Datasheet HTML 8Page - Maxim Integrated Products MAX797CSE Datasheet HTML 9Page - Maxim Integrated Products MAX797CSE Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 32 page
background image
__________________________________________Typical Operating Characteristics
(TA = +25°C, unless otherwise noted.)
100
50
0.001
1
0.1
0.01
10
EFFICIENCY
vs. LOAD CURRENT, 5V/3A CIRCUIT
60
LOAD CURRENT (A)
70
80
90
STANDARD MAX797 5V/3A
CIRCUIT, FIGURE 1
f = 300kHz
VIN = 6V
VIN = 30V
100
50
0.001
1
0.1
0.01
10
EFFICIENCY
vs. LOAD CURRENT, 3.3V/3A CIRCUIT
60
LOAD CURRENT (A)
70
80
90
STANDARD MAX797 3.3V/3A
CIRCUIT, FIGURE 1
f = 300kHz
VIN = 12V
VIN = 30V
VIN = 5V
100
40
50
60
70
80
90
0.1
1
10
EFFICIENCY
vs. LOAD CURRENT, 3.3V/10A CIRCUIT
LOAD CURRENT (A)
SKIP = LOW
SKIP = HIGH
STANDARD MAX797 3.3V/10A
CIRCUIT, FIGURE 1
f = 300kHz
VIN = 5V
Step-Down Controllers with
Synchronous Rectifier for CPU Power
6
_______________________________________________________________________________________
MAX799
SHDN
DH
–5V
OUTPUT
+5V
OUTPUT
INPUT 6V TO 30V
BST
LX
DL
PGND
CSH
CSL
SS
REF
FROM
REF
SYNC
GND
V+
VL
FB
SECFB
_____________________________________Typical Operating Circuits (continued)


Similar Part No. - MAX797CSE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX797CSE MAXIM-MAX797CSE Datasheet
319Kb / 32P
   Step-Down Controllers with Synchronous Rectifier for CPU Power
Rev 3a; 11/97
MAX797CSE-T MAXIM-MAX797CSE-T Datasheet
1,005Kb / 32P
   Step-Down Controllers with Synchronous Rectifier for CPU Power
Rev 4; 9/05
More results

Similar Description - MAX797CSE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX796 MAXIM-MAX796 Datasheet
319Kb / 32P
   Step-Down Controllers with Synchronous Rectifier for CPU Power
Rev 3a; 11/97
MAX797CSE-T MAXIM-MAX797CSE-T Datasheet
1,005Kb / 32P
   Step-Down Controllers with Synchronous Rectifier for CPU Power
Rev 4; 9/05
MAX1624 MAXIM-MAX1624 Datasheet
223Kb / 24P
   High-Speed Step-Down Controllers with Synchronous Rectification for CPU Power
19-1227; Rev 1; 6/97
MAX798 MAXIM-MAX798 Datasheet
89Kb / 12P
   High-Accuracy Step-Down Controller with Synchronous Rectifier for CPU Power
Rev 0; 12/96
MAX797H MAXIM-MAX797H Datasheet
59Kb / 8P
   High-Voltage, Step-Down Controller with Synchronous Rectifier for CPU Power
Rev 0; 7/97
MAX1638 MAXIM-MAX1638 Datasheet
149Kb / 16P
   High-Speed Step-Down Controller with Synchronous Rectification for CPU Power
19-1313; Rev 0; 11/97
MAX1639 MAXIM-MAX1639 Datasheet
108Kb / 13P
   High-Speed Step-Down Controller with Synchronous Rectification for CPU Power
19-1337; Rev 0; 2/98
logo
Texas Instruments
UC3874N-2G4 TI1-UC3874N-2G4 Datasheet
417Kb / 12P
[Old version datasheet]   High Efficiency, Synchronous, Step-down (Buck) Controllers
UC3874N-2G4 TI-UC3874N-2G4 Datasheet
417Kb / 12P
[Old version datasheet]   High Efficiency, Synchronous, Step-down (Buck) Controllers
UC1874 TI-UC1874 Datasheet
350Kb / 10P
[Old version datasheet]   High Efficiency, Synchronous, Step-down Buck Controllers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com