Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX796CPE Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX796CPE
Description  Step-Down Controllers with Synchronous Rectifier for CPU Power
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX796CPE Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX796CPE Datasheet HTML 1Page - Maxim Integrated Products MAX796CPE Datasheet HTML 2Page - Maxim Integrated Products MAX796CPE Datasheet HTML 3Page - Maxim Integrated Products MAX796CPE Datasheet HTML 4Page - Maxim Integrated Products MAX796CPE Datasheet HTML 5Page - Maxim Integrated Products MAX796CPE Datasheet HTML 6Page - Maxim Integrated Products MAX796CPE Datasheet HTML 7Page - Maxim Integrated Products MAX796CPE Datasheet HTML 8Page - Maxim Integrated Products MAX796CPE Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 32 page
background image
Step-Down Controllers with
Synchronous Rectifier for CPU Power
4
_______________________________________________________________________________________
ELECTRICAL CHARACTERISTICS (continued)
(V+ = 15V, GND = PGND = 0V, IVL = IREF = 0A, TA = -40°C to +85°C for MAX79_E, unless otherwise noted.) (Note 3)
Note 3: All -40°C to +85°C specifications above are guaranteed by design.
External resistor divider
0mV < (CSH - CSL) < 80mV, FB = VL, 4.5V < V+ < 30V,
includes line and load regulation
0mV < (CSH - CSL) < 80mV, FB = VL, 6V < V+ < 30V,
includes line and load regulation
CONDITIONS
V
REF
6.0
Nominal Adjustable Output
Voltage Range
V
3.10
3.35
3.56
3.3V Output Voltage (CSL)
V
5.0
30
Input Supply Range
V
4.70
5.10
5.40
5V Output Voltage (CSL)
UNITS
MIN
TYP
MAX
PARAMETER
CSH - CSL, negative
(CSH-CSL) = 0V
6V < V+ < 30V
CSH - CSL, positive
-40
-100
-160
Current-Limit Voltage
V
2.40
2.60
Feedback Voltage
%/V
0.04
0.06
Line Regulation
mV
70
130
FB = CSH = CSL = 6V, VL switched over to CSL
SHDN = 0V, V+ = 30V, CSL = 0V or 6V
Rising edge, hysteresis = 25mV
No external load (Note 1)
0µA < IREF < 100µA
µA
110
V+ Off-State Leakage Current
µA
110
V+ Shutdown Current
V
Rising edge, hysteresis = 15mV
SHDN = 2V, 0mA < IVL < 25mA, 5.5V < V+ < 30V
4.2
4.7
VL/CSL Switchover Voltage
V
2.43
2.505
2.57
Reference Output Voltage
Falling edge, hysteresis = 15mV (MAX796)
Falling edge, hysteresis = 20mV (MAX799)
mV
50
Reference Load Regulation
V
3.75
4.05
VL Fault Lockout Voltage
V
4.7
5.3
VL Output Voltage
2.40
2.60
V
-0.08
0.08
SECFB Regulation Setpoint
SYNC = REF
SYNC = 0V or 5V
89
91
kHz
210
320
Oscillator Sync Range
kHz
SYNC = REF
120
150
180
Oscillator Frequency
ns
250
SYNC High Pulse Width
ns
250
SYNC Low Pulse Width
250
300
350
mW
4.8
8.4
Quiescent Power Consumption
High or low, BST - LX = 4.5V
High or low
SYNC = 0V or 5V
Ω
7
DH On-Resistance
Ω
7
DL On-Resistance
%
93
96
Maximum Duty Cycle
+3.3V and +5V STEP-DOWN CONTROLLERS
FLYBACK/PWM CONTROLLER
INTERNAL REGULATOR AND REFERENCE
OSCILLATOR AND INPUTS/OUTPUTS


Similar Part No. - MAX796CPE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX796CPE MAXIM-MAX796CPE Datasheet
319Kb / 32P
   Step-Down Controllers with Synchronous Rectifier for CPU Power
Rev 3a; 11/97
More results

Similar Description - MAX796CPE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX796 MAXIM-MAX796 Datasheet
319Kb / 32P
   Step-Down Controllers with Synchronous Rectifier for CPU Power
Rev 3a; 11/97
MAX797CSE-T MAXIM-MAX797CSE-T Datasheet
1,005Kb / 32P
   Step-Down Controllers with Synchronous Rectifier for CPU Power
Rev 4; 9/05
MAX1624 MAXIM-MAX1624 Datasheet
223Kb / 24P
   High-Speed Step-Down Controllers with Synchronous Rectification for CPU Power
19-1227; Rev 1; 6/97
MAX798 MAXIM-MAX798 Datasheet
89Kb / 12P
   High-Accuracy Step-Down Controller with Synchronous Rectifier for CPU Power
Rev 0; 12/96
MAX797H MAXIM-MAX797H Datasheet
59Kb / 8P
   High-Voltage, Step-Down Controller with Synchronous Rectifier for CPU Power
Rev 0; 7/97
MAX1638 MAXIM-MAX1638 Datasheet
149Kb / 16P
   High-Speed Step-Down Controller with Synchronous Rectification for CPU Power
19-1313; Rev 0; 11/97
MAX1639 MAXIM-MAX1639 Datasheet
108Kb / 13P
   High-Speed Step-Down Controller with Synchronous Rectification for CPU Power
19-1337; Rev 0; 2/98
logo
Texas Instruments
UC3874N-2G4 TI1-UC3874N-2G4 Datasheet
417Kb / 12P
[Old version datasheet]   High Efficiency, Synchronous, Step-down (Buck) Controllers
UC3874N-2G4 TI-UC3874N-2G4 Datasheet
417Kb / 12P
[Old version datasheet]   High Efficiency, Synchronous, Step-down (Buck) Controllers
UC1874 TI-UC1874 Datasheet
350Kb / 10P
[Old version datasheet]   High Efficiency, Synchronous, Step-down Buck Controllers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com