Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LX2173 Datasheet(PDF) 4 Page - Microsemi Corporation

Part # LX2173
Description  1.25A HIGH-EFFICIENCY 100KHZ SWITCHING REGULATOR
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

LX2173 Datasheet(HTML) 4 Page - Microsemi Corporation

  LX2173 Datasheet HTML 1Page - Microsemi Corporation LX2173 Datasheet HTML 2Page - Microsemi Corporation LX2173 Datasheet HTML 3Page - Microsemi Corporation LX2173 Datasheet HTML 4Page - Microsemi Corporation LX2173 Datasheet HTML 5Page - Microsemi Corporation LX2173 Datasheet HTML 6Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
1.25A HIGH-EFFICIENCY 100KHZ SWITCHING REGULATOR
LX2172/73
PRODUCT DA T ABOOK 1996/1997
Copyright © 1998
Rev. 0.4
a 12/04
4
P RELIMINAR Y D AT A S HEET
GND
1
3
V
C
21
FB
3
2
SYNC
4
ENABLE
4
V
IN
55
E
1
6
V
SW
74
E
2
8
Signal ground. Keep separate from power grounds (E
1 and E2).
Output of transconductance error amplifier. An R-C compensation network is connected from
this pin to the ground to stabilize the feedback loop. If this pin is pulled lower than 0.15V, the
IC goes into micropower mode.
Error amplifier inverting input. A resistor divider from the output of the converter to this pin sets
its nominal voltage.
LX2172 only. This pin is used to synchronize the device directly with a logic level input pulse.
External synchronization frequency must always be at a higher frequency than the minimum
internal clock. When not used, should be left open.
LX2173 only. This pin is the input to the enable comparator. A voltage under 1.4V will put the
device in micropower mode. Pin must be connected to V
IN when not in use.
Input supply voltage (3.0V to 25V).
Power return of first transistor (Q
1).
This pin must be connected to ground.
Collector of output transistors. Connect to external inductor or input voltage, depending on circuit
topology.
Grounding this pin sets the current limit point to the maximum value. If pin is left open, the current
limit is set to half its maximum value.
Pin
Pin #
Pin #
Name
(8-pin Pkgs.) (5-pin TO-220)
Description
FUNCTIONAL PIN DESCRIPTION
FUNCTIONAL PIN DESCRIPTION
FUNCTIONAL PIN DESCRIPTION
FUNCTIONAL PIN DESCRIPTION
FUNCTIONAL PIN DESCRIPTION
ELECTRICAL CHARACTERISTICS
Parameter
Symbol
Test Conditions
Units
LX2172 / 2173
Min.
Typ.
Max.
0.2
2
µsec
26
V
0.7
V
100
400
µA
15
µA
SYNC Pulse Width
SYNC Input HI
SYNC Input LO
SYNC Input Current HI
Input = 2V
SYNC Input Current LO
Input = 0.4V
SYNC Input Section (LX2172 only)
0.4
1.2
2.4
V
200
µA
100
µA
Enable Input Threshold
HI Input Current
Input = 2.4V
LO Input Current
Input = 0.4V
ENABLE Section (LX2173 only)


Similar Part No. - LX2173

ManufacturerPart #DatasheetDescription
logo
Banner Engineering Corp...
LX21 BANNER-LX21 Datasheet
746Kb / 6P
   LX Series Part-Sensing Light Screen
logo
NXP Semiconductors
LX2160A NXP-LX2160A Datasheet
319Kb / 2P
   COMPLETE ENABLEMENT, RICH ECOSYSTEM
October 2018
LX2160A-RDB NXP-LX2160A-RDB Datasheet
319Kb / 2P
   COMPLETE ENABLEMENT, RICH ECOSYSTEM
October 2018
logo
Banner Engineering Corp...
LX21E BANNER-LX21E Datasheet
746Kb / 6P
   LX Series Part-Sensing Light Screen
LX21R BANNER-LX21R Datasheet
746Kb / 6P
   LX Series Part-Sensing Light Screen
More results

Similar Description - LX2173

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
P2172 UTC-P2172_15 Datasheet
180Kb / 7P
   100KHZ, 1.25A HIGH EFFICIENCY SWITCHING REGULATORS
P2172 UTC-P2172 Datasheet
180Kb / 7P
   100KHZ, 1.25A HIGH EFFICIENCY SWITCHING REGULATORS
logo
Linear Technology
LT1170 LINER-LT1170_15 Datasheet
236Kb / 24P
   100kHz, 5A, 2.5A and 1.25A High Efficiency Switching Regulators
LT1072 LINER-LT1072 Datasheet
1,017Kb / 11P
   1.25A High Efficiency Switching Regulator
LT1072CN8 LINER-LT1072CN8 Datasheet
206Kb / 16P
   1.25A High Efficiency Switching Regulator
logo
ON Semiconductor
CS3972 ONSEMI-CS3972 Datasheet
94Kb / 8P
   1.25A High Efficiency Switching Regulator
December, 2001 - Rev. 9
logo
Linear Technology
LT1171 LINER-LT1171_15 Datasheet
236Kb / 24P
   100kHz, 5A, 2.5A and 1.25A High Efficiency Switching Regulators
logo
Cherry Semiconductor Co...
CS3972 CHERRY-CS3972 Datasheet
186Kb / 6P
   1.25A High Efficiency Switching Regulator
logo
Linear Technology
LT1072 LINER-LT1072_15 Datasheet
206Kb / 16P
   1.25A High Efficiency Switching Regulator
LT1072 LINER-LT1072_1 Datasheet
201Kb / 16P
   1.25A High Efficiency Switching Regulator
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com