Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

K4X56163P-L Datasheet(PDF) 3 Page - Samsung semiconductor

Part # K4X56163P-L
Description  16Mx16 Mobile DDR SDRAM
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

K4X56163P-L Datasheet(HTML) 3 Page - Samsung semiconductor

  K4X56163P-L Datasheet HTML 1Page - Samsung semiconductor K4X56163P-L Datasheet HTML 2Page - Samsung semiconductor K4X56163P-L Datasheet HTML 3Page - Samsung semiconductor K4X56163P-L Datasheet HTML 4Page - Samsung semiconductor K4X56163P-L Datasheet HTML 5Page - Samsung semiconductor K4X56163P-L Datasheet HTML 6Page - Samsung semiconductor K4X56163P-L Datasheet HTML 7Page - Samsung semiconductor K4X56163P-L Datasheet HTML 8Page - Samsung semiconductor K4X56163P-L Datasheet HTML 9Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
K4X56163PI - L(F)E/G
- 6 -
Mobile DDR SDRAM
October 2007
6. Package Dimension and Pin Configuration
Ball Name
Ball Function
CK, CK
System Differential Clock
CS
Chip Select
CKE
Clock Enable
A0 ~ A12
Address
BA0 ~ BA1
Bank Select Address
RAS
Row Address Strobe
CAS
Column Address Strobe
WE
Write Enable
L(U)DM
Data Input Mask
L(U)DQS
Data Strobe
DQ0 ~ 15
Data Input/Output
VDD/VSS
Power Supply/Ground
VDDQ/VSSQ
Data Output Power/Ground
< Bottom View*1 >
60Ball(6x10) FBGA
123789
AVSS
DQ15
VSSQ
VDDQ
DQ0
VDD
BVDDQ
DQ13
DQ14
DQ1
DQ2
VSSQ
CVSSQ
DQ11
DQ12
DQ3
DQ4
VDDQ
DVDDQ
DQ9DQ10DQ5
DQ6
VSSQ
EVSSQ
UDQS
DQ8
DQ7
LDQS
VDDQ
FVSS
UDM
N.C.
N.C.
LDM
VDD
G
CKE
CK
CK
WE
CAS
RAS
HA9
A11
A12
CS
BA0
BA1
J
A6
A7
A8
A10/AP
A0
A1
KVSS
A4
A5
A2
A3
VDD
< Top View*2 >
F
E
D
C
B
J
H
G
A
K
63
1
74
5
98
2
E
E1
< Top View*2 >
*2: Top View
*1: Bottom View
Symbol
Min
Typ
Max
A-
-
1.00
A1
0.25
-
-
E
7.9
8.0
8.1
E1
-6.4
-
D
9.9
10.0
10.1
D1
-7.2
-
e
-
0.80
-
b
0.45
0.50
0.55
z-
-
0.10
[Unit:mm]
z
A
A1
b
#A1 Ball Origin Indicator


Similar Part No. - K4X56163P-L

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K4X56163PE SAMSUNG-K4X56163PE Datasheet
698Kb / 48P
   16M x16 Mobile DDR SDRAM
K4X56163PE-LFG SAMSUNG-K4X56163PE-LFG Datasheet
698Kb / 48P
   16M x16 Mobile DDR SDRAM
K4X56163PE-LG SAMSUNG-K4X56163PE-LG Datasheet
698Kb / 48P
   16M x16 Mobile DDR SDRAM
K4X56163PG SAMSUNG-K4X56163PG Datasheet
217Kb / 23P
   16M x16 Mobile-DDR SDRAM
More results

Similar Description - K4X56163P-L

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HY5DU561622FLTP-5 HYNIX-HY5DU561622FLTP-5 Datasheet
185Kb / 28P
   256M(16Mx16) DDR SDRAM
HY5DU561622FLTP-5I HYNIX-HY5DU561622FLTP-5I Datasheet
184Kb / 28P
   256M(16Mx16) DDR SDRAM
logo
Samsung semiconductor
K4S56163LC SAMSUNG-K4S56163LC Datasheet
60Kb / 8P
   16Mx16 Mobile SDRAM 54CSP
logo
Integrated Silicon Solu...
IS43R83200D ISSI-IS43R83200D Datasheet
1Mb / 32P
   8Mx32, 16Mx16, 32Mx8 256Mb DDR SDRAM
logo
Samsung semiconductor
K4X1G163PC-L SAMSUNG-K4X1G163PC-L Datasheet
523Kb / 20P
   Mobile DDR SDRAM
M368L1624DTL SAMSUNG-M368L1624DTL Datasheet
81Kb / 12P
   16Mx64 DDR SDRAM 184pin DIMM based on 16Mx16
K4X51163PE-L SAMSUNG-K4X51163PE-L Datasheet
534Kb / 20P
   32Mx16 Mobile DDR SDRAM
K4X1G323PC-L SAMSUNG-K4X1G323PC-L Datasheet
563Kb / 20P
   32Mx32 Mobile DDR SDRAM
logo
Micron Technology
MT46H64M16LFBF-6 MICRON-MT46H64M16LFBF-6 Datasheet
3Mb / 99P
   Mobile Low-Power DDR SDRAM
logo
Samsung semiconductor
K4X51163PC SAMSUNG-K4X51163PC Datasheet
217Kb / 23P
   32M x16 Mobile-DDR SDRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com