Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRFB4710PBF Datasheet(PDF) 11 Page - International Rectifier

Part # IRFB4710PBF
Description  HEXFET짰 Power MOSFET
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRFB4710PBF Datasheet(HTML) 11 Page - International Rectifier

Back Button IRFB4710PBF Datasheet HTML 4Page - International Rectifier IRFB4710PBF Datasheet HTML 5Page - International Rectifier IRFB4710PBF Datasheet HTML 6Page - International Rectifier IRFB4710PBF Datasheet HTML 7Page - International Rectifier IRFB4710PBF Datasheet HTML 8Page - International Rectifier IRFB4710PBF Datasheet HTML 9Page - International Rectifier IRFB4710PBF Datasheet HTML 10Page - International Rectifier IRFB4710PBF Datasheet HTML 11Page - International Rectifier IRFB4710PBF Datasheet HTML 12Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
IRFB/IRFS/IRFL4710PbF
www.irf.com
11
† This is only applied to TO-220AB package
 Repetitive rating; pulse width limited by
max. junction temperature.
ƒ ISD ≤ 45A, di/dt ≤ 420A/µs, VDD ≤ V(BR)DSS,
TJ ≤ 175°C
Notes:
‚ Starting TJ = 25°C, L = 190µH
RG = 25Ω, IAS = 45A, VGS = 10V
„ Pulse width ≤ 400µs; duty cycle ≤ 2%.
… Coss eff. is a fixed capacitance that gives the same charging time
as Coss while VDS is rising from 0 to 80% VDSS
‡ This is applied to D2Pak, when mounted on 1" square PCB ( FR-4 or G-10 Material ).
For recommended footprint and soldering techniques refer to application note #AN-994.
Data and specifications subject to change without notice.
This product has been designed and qualified for the Industrial market.
Qualification Standards can be found on IR’s Web site.
IR WORLD HEADQUARTERS: 233 Kansas St., El Segundo, California 90245, USA Tel: (310) 252-7105
TAC Fax: (310) 252-7903
Visit us at www.irf.com for sales contact information.04/04
D2Pak Tape & Reel Information
Dimensions are shown in millimeters (inches)
3
4
4
TR R
F E E D D IRE CT IO N
1.85 (.073)
1.65 (.065)
1.60 (.063)
1.50 (.059)
4.10 (.161)
3.90 (.153)
TR L
F E E D DIR E CT IO N
10 .90 (.42 9)
10 .70 (.42 1)
16.10 ( .634)
15.90 ( .626)
1.75 (. 069)
1.25 (. 049)
11.60 (.457 )
11.40 (.449 )
15.4 2 (.609 )
15.2 2 (.601 )
4.7 2 (.136)
4.5 2 (.178)
24.30 (.9 57)
23.90 (.9 41)
0.368 (.0145 )
0.342 (.0135 )
1.60 (.063)
1.50 (.059)
13.50 (.532)
12.80 (.504)
330.00
(14.173)
MAX .
27.40 (1 .079)
23.90 (.941)
60.00 (2 .362)
M IN .
30.40 (1 .197)
M A X .
26.40 (1.039)
24.40 (.961)
N O TES :
1 . C O M F O R M S T O E IA- 4 1 8.
2 . CO N T RO L L IN G D IM E NS IO N: M ILL IM ET ER.
3 . DIM E NSIO N M E ASUR E D @ HU B.
4 . IN C L U D E S F L A N GE DIS T OR T ION @ OUT E R E D GE .


Similar Part No. - IRFB4710PBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFB4710PBF IRF-IRFB4710PBF Datasheet
668Kb / 12P
   High frequency DC-DC converters
IRFB4710PBF IRF-IRFB4710PBF_15 Datasheet
668Kb / 12P
   High frequency DC-DC converters
More results

Similar Description - IRFB4710PBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFBA1405PPBF IRF-IRFBA1405PPBF Datasheet
153Kb / 10P
   HEXFET짰 Power MOSFET
IRFR3707PBF IRF-IRFR3707PBF Datasheet
221Kb / 9P
   HEXFET짰 Power MOSFET
IRFZ44EPBF IRF-IRFZ44EPBF Datasheet
147Kb / 8P
   HEXFET짰 Power MOSFET
IRLZ44NSPBF IRF-IRLZ44NSPBF Datasheet
336Kb / 10P
   HEXFET짰 Power MOSFET
IRF520VPBF IRF-IRF520VPBF Datasheet
150Kb / 8P
   HEXFET짰 Power MOSFET
IRFBC40SPBF IRF-IRFBC40SPBF Datasheet
360Kb / 10P
   HEXFET짰 Power MOSFET
IRLIZ24NPBF IRF-IRLIZ24NPBF Datasheet
843Kb / 8P
   HEXFET짰 Power MOSFET
IRF1010EPBF IRF-IRF1010EPBF Datasheet
231Kb / 8P
   HEXFET짰 Power MOSFET
IRFI1010NPBF IRF-IRFI1010NPBF Datasheet
234Kb / 9P
   HEXFET짰 Power MOSFET
IRFD014PBF IRF-IRFD014PBF Datasheet
2Mb / 8P
   HEXFET짰 Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com