Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HT82V733 Datasheet(PDF) 6 Page - Holtek Semiconductor Inc

Part # HT82V733
Description  240mA Audio Power Amp
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT82V733 Datasheet(HTML) 6 Page - Holtek Semiconductor Inc

  HT82V733 Datasheet HTML 1Page - Holtek Semiconductor Inc HT82V733 Datasheet HTML 2Page - Holtek Semiconductor Inc HT82V733 Datasheet HTML 3Page - Holtek Semiconductor Inc HT82V733 Datasheet HTML 4Page - Holtek Semiconductor Inc HT82V733 Datasheet HTML 5Page - Holtek Semiconductor Inc HT82V733 Datasheet HTML 6Page - Holtek Semiconductor Inc HT82V733 Datasheet HTML 7Page - Holtek Semiconductor Inc  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
Carrier tape dimensions
SOP 8N
Symbol
Description
Dimensions in mm
W
Carrier Tape Width
12.0+0.3
-0.1
P
Cavity Pitch
8.0
±0.1
E
Perforation Position
1.75
±0.1
F
Cavity to Perforation (Width Direction)
5.5
±0.1
D
Perforation Diameter
1.55
±0.1
D1
Cavity Hole Diameter
1.5+0.25
P0
Perforation Pitch
4.0
±0.1
P1
Cavity to Perforation (Length Direction)
2.0
±0.1
A0
Cavity Length
6.4
±0.1
B0
Cavity Width
5.20
±0.1
K0
Cavity Depth
2.1
±0.1
t
Carrier Tape Thickness
0.3
±0.05
C
Cover Tape Width
9.3
HT82V733
Rev. 1.00
6
October 24, 2002
P
D 1
W
P 1
P 0
D
E
.
t
K 0
B 0
A 0
C


Similar Part No. - HT82V733

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT82V733 HOLTEK-HT82V733 Datasheet
111Kb / 8P
   240mA Audio Power Amp
More results

Similar Description - HT82V733

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT82V733 HOLTEK-HT82V733 Datasheet
111Kb / 8P
   240mA Audio Power Amp
logo
Panasonic Semiconductor
LA4289N PANASONIC-LA4289N Datasheet
55Kb / 1P
   Audio Power AMP
logo
Holtek Semiconductor In...
HT82V732 HOLTEK-HT82V732 Datasheet
105Kb / 7P
   60mA Audio Power Amp
logo
Samsung semiconductor
S1A2201X01 SAMSUNG-S1A2201X01 Datasheet
85Kb / 4P
   1.2W AUDIO POWER AMP
S1A2206D01 SAMSUNG-S1A2206D01 Datasheet
74Kb / 6P
   4.6W AUDIO POWER AMP
S1A0067X01 SAMSUNG-S1A0067X01 Datasheet
61Kb / 6P
   4.6W AUDIO POWER AMP
KA2201 SAMSUNG-KA2201 Datasheet
83Kb / 4P
   1.2W AUDIO POWER AMP
logo
Integrated Circuit Syst...
SK3827 ICST-SK3827 Datasheet
90Kb / 1P
   5.8W AUDIO POWER AMP
logo
Unisonic Technologies
2206 UTC-2206 Datasheet
121Kb / 4P
   2.5W DUAL AUDIO POWER AMP
logo
Samsung semiconductor
KA22066 SAMSUNG-KA22066 Datasheet
101Kb / 4P
   4.0W DUAL AUDIO POWER AMP.
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com