Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

A203B-SYG-S530-E2 Datasheet(PDF) 2 Page - Everlight Electronics Co., Ltd

Part # A203B-SYG-S530-E2
Description  5mm 1Pcs Circuit Board Indicator
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

A203B-SYG-S530-E2 Datasheet(HTML) 2 Page - Everlight Electronics Co., Ltd

  A203B-SYG-S530-E2 Datasheet HTML 1Page - Everlight Electronics Co., Ltd A203B-SYG-S530-E2 Datasheet HTML 2Page - Everlight Electronics Co., Ltd A203B-SYG-S530-E2 Datasheet HTML 3Page - Everlight Electronics Co., Ltd A203B-SYG-S530-E2 Datasheet HTML 4Page - Everlight Electronics Co., Ltd A203B-SYG-S530-E2 Datasheet HTML 5Page - Everlight Electronics Co., Ltd A203B-SYG-S530-E2 Datasheet HTML 6Page - Everlight Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
EVERLIGHT ELECTRONICS CO.,LTD.
Technical Data Sheet
5mm 1Pcs Circuit Board Indicator
Package Dimensions
Notes: 1.All dimensions are in millimeters, tolerance is 0.25mm except being specified
2.Lead spacing is measured where the lead emerge from the package
The product itself will remain within RoHS compliant version
█ Absolute Maximum Ratings at Ta = 25℃
Parameter
Symbol
Rating
Unit
Forward Current
IF
25
mA
Operating Temperature
Topr
-40 to +85
Storage Temperature
Tstg
-40 to +100
Soldering Temperature
Tsol
260 ± 5
Electrostatic Discharge
ESD
2000
V
Power Dissipation
Pd
60
mW
Reverse Voltage
VR
5V
Note: *1:Soldering time ≦ 5 seconds.
EVERLIGHT ELECTRONICS CO.,LTD.
http : //www.everlight.com
REV.:
1
Page:
2 0f 6
Device Number :
CDAE-020-014
Prepared date: 2005/8/30
Prepared by:
Xiuzen Feng
A203B/SYG/S530-E2


Similar Part No. - A203B-SYG-S530-E2

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
A203B-SYG-S530-E2 EVERLIGHT-A203B-SYG-S530-E2_15 Datasheet
233Kb / 8P
   LAMP
More results

Similar Description - A203B-SYG-S530-E2

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
A253B-SUR-S530-A3-R EVERLIGHT-A253B-SUR-S530-A3-R Datasheet
96Kb / 6P
   5mm 1Pcs Circuit Board Indicator
A93B-SYGT-S530-E3 EVERLIGHT-A93B-SYGT-S530-E3 Datasheet
101Kb / 6P
   5mm 1Pcs Circuit Board Indicator
A253B-SYG-S530-E2 EVERLIGHT-A253B-SYG-S530-E2 Datasheet
106Kb / 6P
   5mm 1Pcs Circuit Board Indicator
A264B-SYG-S530-E2-R EVERLIGHT-A264B-SYG-S530-E2-R Datasheet
96Kb / 6P
   5mm 1Pcs Circuit Board Indicator
A274B-SYG-S530-E2 EVERLIGHT-A274B-SYG-S530-E2_15 Datasheet
97Kb / 6P
   3mm 1Pcs Circuit Board Indicator
A3724B-SUR-S530-A3 EVERLIGHT-A3724B-SUR-S530-A3 Datasheet
107Kb / 6P
   3mm 1Pcs Circuit Board Indicator
A2703B-SUR-S530-A3 EVERLIGHT-A2703B-SUR-S530-A3 Datasheet
101Kb / 6P
   4.7mm 1Pcs Circuit Board Indicator
A4254B-SUR-S530-A3 EVERLIGHT-A4254B-SUR-S530-A3 Datasheet
105Kb / 6P
   3mm 1Pcs Circuit Board Indicator
A4414B-20-SUBC-S400-A6 EVERLIGHT-A4414B-20-SUBC-S400-A6 Datasheet
98Kb / 6P
   3mm 1Pcs Circuit Board Indicator
A4254B-UY-S530-A3 EVERLIGHT-A4254B-UY-S530-A3 Datasheet
107Kb / 6P
   3mm 1Pcs Circuit Board Indicator
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com