Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS312XAXXDBV Datasheet(PDF) 7 Page - Texas Instruments

Part # TPS312XAXXDBV
Description  ULTRA-LOW VOLTAGE PROCESSOR SUPERVISORY CIRCUITS
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS312XAXXDBV Datasheet(HTML) 7 Page - Texas Instruments

Back Button TPS312XAXXDBV Datasheet HTML 3Page - Texas Instruments TPS312XAXXDBV Datasheet HTML 4Page - Texas Instruments TPS312XAXXDBV Datasheet HTML 5Page - Texas Instruments TPS312XAXXDBV Datasheet HTML 6Page - Texas Instruments TPS312XAXXDBV Datasheet HTML 7Page - Texas Instruments TPS312XAXXDBV Datasheet HTML 8Page - Texas Instruments TPS312XAXXDBV Datasheet HTML 9Page - Texas Instruments TPS312XAXXDBV Datasheet HTML 10Page - Texas Instruments TPS312XAXXDBV Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
www.ti.com
TIMING REQUIREMENTS
SWITCHING CHARACTERISTICS
TPS3123-xx
TPS3124-xx, TPS3125-xx
TPS3126-xx, TPS3128-xx
SLVS227D – AUGUST 1999 – REVISED DECEMBER 2006
at R
L = 1 MΩ, CL = 50 pF, TA = +25°C.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
At VDD
VIH = VIT– + 0.2 V,
VIL = VIT –– 0.2 V
6
tw
Pulse width
At MR
1
µs
VDD≥ VIT– + 0.2 V,
VIL = 0.3 x VDD,
VIH = 0.7 × VDD
At WDI
0.1
at R
L = 1 MΩ, CL = 50 pF, TA = +25°C.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VDD ≥ VIT– + 0.2 V,
ttout
Watchdog time out
0.8
1.4
2.1
s
See timing diagram
VDD > VIT–+ 0.2 V,
td
Delay time
100
180
260
ms
See timing diagram
MR to RESET delay
tPHL
Propagation delay time, high-to-low-level output
0.1
VDD ≥ VIT–+ 0.2 V,
(TPS3123/5/6/8)
VIL = 0.2 × VDD,
µs
MR to RESET delay
VIH = 0.8 × VDD
tPLH
Propagation delay time, low-to-high-level output
0.1
(TPS3125/6)
tPHL
Propagation delay time, high-to-low-level output
VDD to RESET delay
10
VIL = VIT––0.2 V,
µs
VDD to RESET delay
VIH = VIT– + 0.2 V
tPLH
Propagation delay time, low-to-high-level output
10
(TPS3124/5/6)
7
Submit Documentation Feedback


Similar Part No. - TPS312XAXXDBV

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS3123 TI-TPS3123 Datasheet
218Kb / 12P
[Old version datasheet]   ULTRA-LOW VOLTAGE PROCESSOR SUPERVISORY CIRCUITS
TPS3123 TI-TPS3123 Datasheet
780Kb / 22P
[Old version datasheet]   ULTRA-LOW VOLTAGE PROCESSOR SUPERVISORY CIRCUITS
TPS3123-XX TI-TPS3123-XX Datasheet
218Kb / 12P
[Old version datasheet]   ULTRA-LOW VOLTAGE PROCESSOR SUPERVISORY CIRCUITS
TPS3123-xx TI1-TPS3123-xx Datasheet
813Kb / 21P
[Old version datasheet]   ULTRA-LOW VOLTAGE PROCESSOR SUPERVISORY CIRCUITS
TPS3123-XX TI1-TPS3123-XX_16 Datasheet
813Kb / 21P
[Old version datasheet]   ULTRA-LOW VOLTAGE PROCESSOR SUPERVISORY CIRCUITS
More results

Similar Description - TPS312XAXXDBV

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS3125L30DBVTG4 TI-TPS3125L30DBVTG4 Datasheet
780Kb / 22P
[Old version datasheet]   ULTRA-LOW VOLTAGE PROCESSOR SUPERVISORY CIRCUITS
TPS3123-XX TI-TPS3123-XX Datasheet
218Kb / 12P
[Old version datasheet]   ULTRA-LOW VOLTAGE PROCESSOR SUPERVISORY CIRCUITS
TPS3123-XX TI1-TPS3123-XX_16 Datasheet
813Kb / 21P
[Old version datasheet]   ULTRA-LOW VOLTAGE PROCESSOR SUPERVISORY CIRCUITS
TPS3123J12 TI-TPS3123J12 Datasheet
229Kb / 13P
[Old version datasheet]   ULTRA-LOW VOLTAGE PROCESSOR SUPERVISORY CIRCUITS
TPS3820-XX TI-TPS3820-XX_08 Datasheet
384Kb / 17P
[Old version datasheet]   PROCESSOR SUPERVISORY CIRCUITS
logo
Diodes Incorporated
APX823 DIODES-APX823 Datasheet
173Kb / 12P
   PROCESSOR SUPERVISORY CIRCUITS
logo
Texas Instruments
TPS3820- TI-TPS3820- Datasheet
217Kb / 14P
[Old version datasheet]   PROCESSOR SUPERVISORY CIRCUITS
TPS3820-XX-Q1 TI-TPS3820-XX-Q1 Datasheet
225Kb / 13P
[Old version datasheet]   PROCESSOR SUPERVISORY CIRCUITS
TPS3820-33DBVR TI1-TPS3820-33DBVR Datasheet
837Kb / 20P
[Old version datasheet]   Processor Supervisory Circuits
TPS3820-33-Q1 TI1-TPS3820-33-Q1 Datasheet
280Kb / 15P
[Old version datasheet]   PROCESSOR SUPERVISORY CIRCUITS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com