Part Name
         Description
7383-V7C3-ARTA

 Specially designed for applications ( 9 Page)


EVERLIGHT
100% 
Zoom Out Zoom In
   
 3 page
background image
EVERLIGHT ELECTRONICS CO.,LTD.
Technical Data Sheet
7383/V7C3-ARTA/R/MS
Everlight Electronics Co., Ltd.
http\\:www.everlight.com
Rev : 1
Page: 3 of 9
Device Number : DT1-738-029
Prepared date: 08-27-2007
Prepared :Flourix Chen
Absolute Maximum Ratings (Ta=25℃)
Parameter
Symbol
Rating
Units
Forward Current
IF
30
mA
Pulse Forward Current*1
IFP
100
mA
Operating Temperature
Topr
-40 ~ +85
Storage Temperature
Tstg
-40 ~ +100
Electrostatic Discharge
ESD
1K
V
Soldering Temperature*2
Tsol
260 ±5
Power Dissipation
Pd
120
mW
Reverse Voltage
VR
5
V
Notes: *1:IFP Conditions--Pulse Width≦10msec and Duty≦1/10.
*2:Soldering time≦5 seconds.
Electro-Optical Characteristics (Ta=25℃)
Parameter
Symbol
Condition
Min.
Typ.
Max.
Units
Forward Voltage
VF
IF=20mA
2.8
3.2
3.6
V
Luminous Intensity
IV
IF=20mA
4500
6300
9000
mcd
Viewing Angle
2θ1/2
IF=20mA
--
30
--
deg
Peak Wavelength
λp
IF=20mA
--
502
--
nm
Dominant Wavelength
λd
IF=20mA
498
505
513
nm
Spectrum Radiation
Bandwidth
Δλ
IF=20mA
--
25
--
nm
Reverse Current
IR
VR=5V
--
--
50
μ
A



Html Pages

1  2  3  4  5  6  7  8  9 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
79LXXfixed-voltage monolithic integrated-circuit voltage regulators is designed for a wide range of applications 1 2 3 4 5 MoreEstek Electronics Co. Ltd
SMD1210This product line is designed for surface-mount applications with a range in hold currents from 50 mA to 1.5 A and voltages from 6 V to 30 V. 1 2 Littelfuse
TMG40C60Jdesigned for full wave AC control applications 1 2 SanRex Corporation
TMG40C60Ldesigned for full wave AC control applications 1 2 SanRex Corporation
SF2072CDesigned for Broadband Receiver IF Applications 1 2 3 4 5 MoreRF Monolithics, Inc
TOIM4232SIR Endec for IrDA Applications Integrated Interface Circuit 1 2 3 4 5 MoreVishay Siliconix
LP3991300mA Linear Voltage Regulator for Digital Applications Coming SoonNational Semiconductor
MBT35200MT1_05High Current Surface Mount PNP Silicon Switching Transistor for Load Management in Portable Applications 1 2 3 4 5 MoreON Semiconductor
AAT2550Total Power Solution for Portable Applications 1 2 3 4 5 MoreAdvanced Analogic Technologies
AAT3143High Efficiency 1X/1.5X/2X Charge Pump with PWM Control for White LED Applications 1 2 3 4 5 MoreAdvanced Analogic Technologies

Link URL

Sponsor of Alldatasheet


Alldistributor will be your best source to find out the prices for your daily purchasing of Electronic Components.
Alldistributor.com

World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com

Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com

Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com

Japanese Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICBAIBAI.com

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Partner program   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2013    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl