Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S400-X9 Datasheet(PDF) 7 Page - Everlight Electronics Co., Ltd

Part # S400-X9
Description  4.6 mm Round LED (T-1)
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

S400-X9 Datasheet(HTML) 7 Page - Everlight Electronics Co., Ltd

  S400-X9 Datasheet HTML 1Page - Everlight Electronics Co., Ltd S400-X9 Datasheet HTML 2Page - Everlight Electronics Co., Ltd S400-X9 Datasheet HTML 3Page - Everlight Electronics Co., Ltd S400-X9 Datasheet HTML 4Page - Everlight Electronics Co., Ltd S400-X9 Datasheet HTML 5Page - Everlight Electronics Co., Ltd S400-X9 Datasheet HTML 6Page - Everlight Electronics Co., Ltd S400-X9 Datasheet HTML 7Page - Everlight Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
Everlight Electronics Co., Ltd.
http\\:www.everlight.com
Rev: 1
Page: 7 of 7
Device Number: CDLE-632-032
Established date:2006/5/23
Established by: GuangXiu Yuan
6324-15UTC/S400-X9
Label Form Specification
CPN: Customer’s Production Number
P/N : Production Number
QTY: Packing Quantity
CAT: IV&VF Rank
HUE: Color Rank
REF: Reference
LOT No: Lot Number
MADE IN TAIWAN: Production Place
Notes
1. Above specification may be changed without notice. EVERLIGHT will reserve authority on
material change for above specification.
2. When using this product, please observe the absolute maximum ratings and the instructions
for using outlined in these specification sheets. EVERLIGHT assumes no responsibility for
any damage resulting from use of the product which does not comply with the absolute
maximum ratings and the instructions included in these specification sheets.
3. These specification sheets include materials protected under copyright of EVERLIGHT
corporation. Please don’t reproduce or cause anyone to reproduce them without EVERLIGHT’s
consent.
4. When the LED is connected using serial circuit, if either piece of LED is no light up but current
can’t flow through causing others to light down. In new design, the LED is parallel with zener diode.
if either piece of LED is no light up but current can flow through causing others to light up
CPN:
P/N:
EVERLIGHT
6324-15UTC/S400-X9
QTY:
MADE
IN
TAIWAN
CAT:
HUE:
REF:
LOT NO:


Similar Part No. - S400-X9

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
S400-X9 EVERLIGHT-S400-X9 Datasheet
86Kb / 6P
   5.0mm Round Type LED Lamps
S400-X9 EVERLIGHT-S400-X9 Datasheet
111Kb / 6P
   4.6mm Round Type LED Lamps
S400-X9 EVERLIGHT-S400-X9 Datasheet
123Kb / 8P
   3 mm Round LED (T-1)
More results

Similar Description - S400-X9

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
204-15UTC-S400-X9 EVERLIGHT-204-15UTC-S400-X9_13 Datasheet
123Kb / 8P
   3 mm Round LED (T-1)
234 EVERLIGHT-234 Datasheet
101Kb / 8P
   3 mm Round LED (T-1)
264-15-T2C4-1NRB EVERLIGHT-264-15-T2C4-1NRB Datasheet
101Kb / 9P
   3 mm Round LED (T-1)
264-15-T2C4-1NRB EVERLIGHT-264-15-T2C4-1NRB_11 Datasheet
252Kb / 12P
   3 mm Round LED (T-1)
234-T2C3-1PSB EVERLIGHT-234-T2C3-1PSB Datasheet
101Kb / 8P
   3 mm Round LED (T-1)
204-15-T2C3-1LQA EVERLIGHT-204-15-T2C3-1LQA Datasheet
105Kb / 10P
   3 mm Round White LED (T-1)
204-15-T2C3-4LQA EVERLIGHT-204-15-T2C3-4LQA Datasheet
101Kb / 9P
   3 mm Round White LED (T-1)
3384-15UTC-S400 EVERLIGHT-3384-15UTC-S400 Datasheet
77Kb / 6P
   5.0 mm Round LED (T-1 3/4 )
3384-15UTC EVERLIGHT-3384-15UTC Datasheet
79Kb / 6P
   5.0 mm Round LED (T-1 3/4 )
484-10UTC-S400-A6 EVERLIGHT-484-10UTC-S400-A6 Datasheet
208Kb / 6P
   3 mm Round LED (T-1 3/4 )
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com