Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN74CBT6800A Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # SN74CBT6800A
Description  10-BIT FET BUS SWITCH WITH PRECHARGED OUTPUTS
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74CBT6800A Datasheet(HTML) 4 Page - Texas Instruments

  SN74CBT6800A Datasheet HTML 1Page - Texas Instruments SN74CBT6800A Datasheet HTML 2Page - Texas Instruments SN74CBT6800A Datasheet HTML 3Page - Texas Instruments SN74CBT6800A Datasheet HTML 4Page - Texas Instruments SN74CBT6800A Datasheet HTML 5Page - Texas Instruments SN74CBT6800A Datasheet HTML 6Page - Texas Instruments SN74CBT6800A Datasheet HTML 7Page - Texas Instruments SN74CBT6800A Datasheet HTML 8Page - Texas Instruments SN74CBT6800A Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
SN74CBT6800A
10-BIT FET BUS SWITCH
WITH PRECHARGED OUTPUTS
SCDS005N – MARCH 1993 – REVISED MARCH 2001
4
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
PARAMETER MEASUREMENT INFORMATION
VOH
VOL
From Output
Under Test
CL = 50 pF
(see Note A)
LOAD CIRCUIT
S1
7 V
Open
GND
500
500
tPLH
tPHL
Output
Control
(low-level
enabling)
Output
Waveform 1
S1 at 7 V
(see Note B)
Output
Waveform 2
S1 at Open
(see Note B)
tPZL
tPZH
tPLZ
tPHZ
3 V
0 V
VOH
VOL
0 V
VOL + 0.3 V
VOH – 0.3 V
0 V
Input
3 V
3.5 V
VOLTAGE WAVEFORMS
PROPAGATION DELAY TIMES
VOLTAGE WAVEFORMS
ENABLE AND DISABLE TIMES
Output
tpd
tPLZ/tPZL
tPHZ/tPZH
Open
7 V
Open
TEST
S1
NOTES: A. CL includes probe and jig capacitance.
B. Waveform 1 is for an output with internal conditions such that the output is low except when disabled by the output control.
Waveform 2 is for an output with internal conditions such that the output is high except when disabled by the output control.
C. All input pulses are supplied by generators having the following characteristics: PRR
≤ 10 MHz, ZO = 50 Ω, tr ≤ 2.5 ns, tf ≤ 2.5 ns.
D. The outputs are measured one at a time with one transition per measurement.
E. tPLZ and tPHZ are the same as tdis.
F. tPZL and tPZH are the same as ten.
G. tPLH and tPHL are the same as tpd.
1.5 V
1.5 V
1.5 V
1.5 V
1.5 V
1.5 V
1.5 V
1.5 V
Figure 1. Load Circuit and Voltage Waveforms


Similar Part No. - SN74CBT6800A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74CBT6800A TI-SN74CBT6800A Datasheet
56Kb / 4P
[Old version datasheet]   10-BIT FET BUS SWITCH WITH PRECHARGED OUTPUTS
SN74CBT6800A TI1-SN74CBT6800A Datasheet
858Kb / 14P
[Old version datasheet]   10-BIT FET BUS SWITCH WITH PRECHARGED OUTPUTS
SN74CBT6800ADB TI-SN74CBT6800ADB Datasheet
56Kb / 4P
[Old version datasheet]   10-BIT FET BUS SWITCH WITH PRECHARGED OUTPUTS
SN74CBT6800ADBQ TI-SN74CBT6800ADBQ Datasheet
56Kb / 4P
[Old version datasheet]   10-BIT FET BUS SWITCH WITH PRECHARGED OUTPUTS
SN74CBT6800ADBQR TI1-SN74CBT6800ADBQR Datasheet
858Kb / 14P
[Old version datasheet]   10-BIT FET BUS SWITCH WITH PRECHARGED OUTPUTS
More results

Similar Description - SN74CBT6800A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74CBT6800A TI-SN74CBT6800A Datasheet
56Kb / 4P
[Old version datasheet]   10-BIT FET BUS SWITCH WITH PRECHARGED OUTPUTS
SN74CBT6800A TI1-SN74CBT6800A_16 Datasheet
858Kb / 14P
[Old version datasheet]   10-BIT FET BUS SWITCH WITH PRECHARGED OUTPUTS
SN74CB3Q6800 TI1-SN74CB3Q6800_15 Datasheet
853Kb / 17P
[Old version datasheet]   10-BIT FET BUS SWITCH WITH PRECHARGED OUTPUTS
logo
Pericom Semiconductor C...
PI5C6800C PERICOM-PI5C6800C Datasheet
370Kb / 5P
   10-Bit Bus Switch with Precharged Outputs
PI5C6800 PERICOM-PI5C6800 Datasheet
353Kb / 5P
   10-Bit Bus Switch with Precharged Outputs
logo
Integrated Device Techn...
IDT74FST6800 IDT-IDT74FST6800 Datasheet
57Kb / 5P
   10-BIT BUS SWITCH WITH PRECHARGED OUTPUTS
IDT74FST6800 IDT-IDT74FST6800_15 Datasheet
100Kb / 5P
   10-BIT BUS SWITCH WITH PRECHARGED OUTPUTS
logo
Renesas Technology Corp
IDT74FST6800 RENESAS-IDT74FST6800 Datasheet
273Kb / 6P
   10-BIT BUS SWITCH WITH PRECHARGED OUTPUTS
APRIL 2015
logo
Texas Instruments
SN74CBT16800 TI1-SN74CBT16800 Datasheet
71Kb / 5P
[Old version datasheet]   20-BIT FET BUS SWITCH WITH PRECHARGED OUTPUTS
SN74CBTS6800 TI-SN74CBTS6800 Datasheet
57Kb / 4P
[Old version datasheet]   10-BIT FET BUS SWITCH WITH PRECHARGED OUTPUTS AND SCHOTTKY DIODE CLAMPING
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com