Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

7343-2SURC-S400-AX Datasheet(PDF) 5 Page - Everlight Electronics Co., Ltd

Part # 7343-2SURC-S400-AX
Description  Light Emitting Diode (5 mm Round LED,T-1 3/4)
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

7343-2SURC-S400-AX Datasheet(HTML) 5 Page - Everlight Electronics Co., Ltd

  7343-2SURC-S400-AX Datasheet HTML 1Page - Everlight Electronics Co., Ltd 7343-2SURC-S400-AX Datasheet HTML 2Page - Everlight Electronics Co., Ltd 7343-2SURC-S400-AX Datasheet HTML 3Page - Everlight Electronics Co., Ltd 7343-2SURC-S400-AX Datasheet HTML 4Page - Everlight Electronics Co., Ltd 7343-2SURC-S400-AX Datasheet HTML 5Page - Everlight Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
EVERLIGHT ELECTRONICS CO.,LTD.
Technical Data Sheet
Light Emitting Diode
(5 mm Round LED,T-1 3/4)
7343-2SURC/S400-AX
Everlight Electronics Co., Ltd.
http:\\www.everlight.com
Rev 2
Page: 5 of 5
Device No:DLE-734-083
Prepared date:09-02-2005
Prepared by:Grace Shen
1.500PCS/1Bag,5Bags/1Box
2.10Boxes/1Carton
Label Form Specification
CPN: Customer’s Production Number
P/N : Production Number
QTY: Packing Quantity
AT: Ranks
HUE: Peak Wavelength
REF: Reference
LOT No: Lot Number
MADE IN TAIWAN: Production Place
Notes
1. Above specification may be changed without notice. EVERLIGHT will reserve authority on
material change for above specification.
2. When using this product, please observe the absolute maximum ratings and the instructions
for using outlined in these specification sheets. EVERLIGHT assumes no responsibility for
any damage resulting from use of the product which does not comply with the absolute
maximum ratings and the instructions included in these specification sheets.
3. These specification sheets include materials protected under copyright of EVERLIGHT
corporation. Please don’t reproduce or cause anyone to reproduce them without EVERLIGHT’s
consent.
EVERLIGHT ELECTRONICS CO., LTD.
Tel: 886-2-2267-2000, 2267-9936
Office: No 25, Lane 76, Sec 3, Chung Yang Rd,
Fax: 886-2267-6244, 2267-6189, 2267-6306
Tucheng, Taipei 236, Taiwan, R.O.C
http:\\www.everlight.com
RoHS
CPN:
P/N:
EVERLIGHT
7343-2SURC/S400-AX
QTY:
MADE
IN
TAIWAN
CAT:
HUE:
REF:
LOT NO:
RoHS


Similar Part No. - 7343-2SURC-S400-AX

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
7343-2SURC-S400-A9-P3 EVERLIGHT-7343-2SURC-S400-A9-P3 Datasheet
98Kb / 6P
   5.0mm Round Type LED Lamps
7343-2SURC-S400-A9-P3 EVERLIGHT-7343-2SURC-S400-A9-P3 Datasheet
98Kb / 6P
   5.0mm Round Type LED Lamps
More results

Similar Description - 7343-2SURC-S400-AX

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
7383-Y5C3-APSB EVERLIGHT-7383-Y5C3-APSB Datasheet
126Kb / 8P
   Light Emitting Diode (5 mm Round LED,T-1 3/4)
7343-2UYC EVERLIGHT-7343-2UYC Datasheet
91Kb / 5P
   Light Emitting Diode (5 mm Round LED,T-1 3/4)
A2C1-AUYB EVERLIGHT-A2C1-AUYB Datasheet
110Kb / 7P
   Light Emitting Diode (5 mm Round LED,T-1 3/4)
7343-2SURC-H2-S530-AX EVERLIGHT-7343-2SURC-H2-S530-AX Datasheet
93Kb / 6P
   Light Emitting Diode (5 mm Round LED,T-1 3/4)
Y2C1-ASWB EVERLIGHT-Y2C1-ASWB Datasheet
117Kb / 7P
   Light Emitting Diode (5 mm Round LED,T-1 3/4)
7343-2SURC-S530-AX EVERLIGHT-7343-2SURC-S530-AX Datasheet
95Kb / 6P
   Light Emitting Diode (5 mm Round LED,T-1 3/4)
7343-2UYC-H2 EVERLIGHT-7343-2UYC-H2 Datasheet
91Kb / 5P
   Light Emitting Diode (5 mm Round LED,T-1 3/4)
7343-2USOC-S400-AX EVERLIGHT-7343-2USOC-S400-AX Datasheet
91Kb / 5P
   Light Emitting Diode (5 mm Round LED,T-1 3/4)
7343-2SURC-H2-S400-AX EVERLIGHT-7343-2SURC-H2-S400-AX Datasheet
92Kb / 5P
   Light Emitting Diode (5 mm Round LED,T-1 3/4)
A2C1-ASWB EVERLIGHT-A2C1-ASWB Datasheet
132Kb / 7P
   Light Emitting Diode (5 mm Round LED,T-1 3/4)
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com