Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN74LV11APW Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # SN74LV11APW
Description  TRIPLE 3-INPUT POSITIVE-AND GATES
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74LV11APW Datasheet(HTML) 3 Page - Texas Instruments

  SN74LV11APW Datasheet HTML 1Page - Texas Instruments SN74LV11APW Datasheet HTML 2Page - Texas Instruments SN74LV11APW Datasheet HTML 3Page - Texas Instruments SN74LV11APW Datasheet HTML 4Page - Texas Instruments SN74LV11APW Datasheet HTML 5Page - Texas Instruments SN74LV11APW Datasheet HTML 6Page - Texas Instruments SN74LV11APW Datasheet HTML 7Page - Texas Instruments SN74LV11APW Datasheet HTML 8Page - Texas Instruments SN74LV11APW Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
SN54LV11A, SN74LV11A
TRIPLE 3INPUT POSITIVEAND GATES
SCES345D − DECEMBER 2000 − REVISED APRIL 2005
3
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
recommended operating conditions (see Note 4)
SN54LV11A
SN74LV11A
UNIT
MIN
MAX
MIN
MAX
UNIT
VCC
Supply voltage
2
5.5
2
5.5
V
VCC = 2 V
1.5
1.5
VIH
High-level input voltage
VCC = 2.3 V to 2.7 V
VCC × 0.7
VCC × 0.7
V
VIH
High-level input voltage
VCC = 3 V to 3.6 V
VCC × 0.7
VCC × 0.7
V
VCC = 4.5 V to 5.5 V
VCC × 0.7
VCC × 0.7
VCC = 2 V
0.5
0.5
VIL
Low-level input voltage
VCC = 2.3 V to 2.7 V
VCC × 0.3
VCC × 0.3
V
VIL
Low-level input voltage
VCC = 3 V to 3.6 V
VCC × 0.3
VCC × 0.3
V
VCC = 4.5 V to 5.5 V
VCC × 0.3
VCC × 0.3
VI
Input voltage
0
5.5
0
5.5
V
VO
Output voltage
0
VCC
0
VCC
V
VCC = 2 V
−50
−50
µA
IOH
High-level output current
VCC = 2.3 V to 2.7 V
−2
−2
IOH
High-level output current
VCC = 3 V to 3.6 V
−6
−6
mA
VCC = 4.5 V to 5.5 V
−12
−12
mA
VCC = 2 V
50
50
µA
IOL
Low-level output current
VCC = 2.3 V to 2.7 V
2
2
IOL
Low-level output current
VCC = 3 V to 3.6 V
6
6
mA
VCC = 4.5 V to 5.5 V
12
12
mA
VCC = 2.3 V to 2.7 V
200
200
∆t/∆v
Input transition rise or fall rate
VCC = 3 V to 3.6 V
100
100
ns/V
∆t/∆v
Input transition rise or fall rate
VCC = 4.5 V to 5.5 V
20
20
ns/V
TA
Operating free-air temperature
−55
125
−40
85
°C
NOTE 4: All unused inputs of the device must be held at VCC or GND to ensure proper device operation. Refer to the TI application report,
Implications of Slow or Floating CMOS Inputs, literature number SCBA004.
electrical characteristics over recommended operating free-air temperature range (unless
otherwise noted)
PARAMETER
TEST CONDITIONS
VCC
SN54LV11A
SN74LV11A
UNIT
PARAMETER
TEST CONDITIONS
VCC
MIN
TYP
MAX
MIN
TYP
MAX
UNIT
IOH = −50 µA
2 V to 5.5 V
VCC−0.1
VCC−0.1
VOH
IOH = −2 mA
2.3 V
2
2
V
VOH
IOH = −6 mA
3 V
2.48
2.48
V
IOH = −12 mA
4.5 V
3.8
3.8
IOL = 50 µA
2 V to 5.5 V
0.1
0.1
VOL
IOL = 2 mA
2.3 V
0.4
0.4
V
VOL
IOL = 6 mA
3 V
0.44
0.44
V
IOL = 12 mA
4.5 V
0.55
0.55
II
VI = 5.5 V or GND
0 to 5.5 V
±1
±1
µA
ICC
VI = VCC or GND,
IO = 0
5.5 V
20
20
µA
Ioff
VI or VO = 0 to 5.5 V
0 V
5
5
µA
Ci
VI = VCC or GND
3.3 V
1.9
1.9
pF
PRODUCT PREVIEW information concerns products in the formative or
design phase of development. Characteristic data and other
specifications are design goals. Texas Instruments reserves the right to
change or discontinue these products without notice.


Similar Part No. - SN74LV11APW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LV11APW TI-SN74LV11APW Datasheet
323Kb / 13P
[Old version datasheet]   TRIPLE 3-INPUT POSITIVE-AND GATES
SN74LV11APW TI-SN74LV11APW Datasheet
475Kb / 15P
[Old version datasheet]   TRIPLE 3-INPUT POSITIVE-AND GATES
SN74LV11APWE4 TI-SN74LV11APWE4 Datasheet
323Kb / 13P
[Old version datasheet]   TRIPLE 3-INPUT POSITIVE-AND GATES
SN74LV11APWE4 TI-SN74LV11APWE4 Datasheet
475Kb / 15P
[Old version datasheet]   TRIPLE 3-INPUT POSITIVE-AND GATES
SN74LV11APWG4 TI-SN74LV11APWG4 Datasheet
323Kb / 13P
[Old version datasheet]   TRIPLE 3-INPUT POSITIVE-AND GATES
More results

Similar Description - SN74LV11APW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54LV11A TI-SN54LV11A Datasheet
323Kb / 13P
[Old version datasheet]   TRIPLE 3-INPUT POSITIVE-AND GATES
54ACT11011 TI-54ACT11011 Datasheet
68Kb / 5P
[Old version datasheet]   TRIPLE 3-INPUT POSITIVE-AND GATES
SN54AC11 TI-SN54AC11 Datasheet
521Kb / 15P
[Old version datasheet]   TRIPLE 3-INPUT POSITIVE-AND GATES
SN54HC11 TI-SN54HC11 Datasheet
518Kb / 15P
[Old version datasheet]   TRIPLE 3-INPUT POSITIVE-AND GATES
SN54LS11 TI-SN54LS11 Datasheet
179Kb / 7P
[Old version datasheet]   TRIPLE 3-INPUT POSITIVE-AND GATES
SN54HC11 TI1-SN54HC11_15 Datasheet
878Kb / 19P
[Old version datasheet]   TRIPLE 3-INPUT POSITIVE-AND GATES
SN54F11 TI1-SN54F11_14 Datasheet
778Kb / 16P
[Old version datasheet]   TRIPLE 3-INPUT POSITIVE-AND GATES
SN74HC11 TI-SN74HC11_07 Datasheet
665Kb / 17P
[Old version datasheet]   TRIPLE 3-INPUT POSITIVE-AND GATES
SN54AC11 TI-SN54AC11_07 Datasheet
695Kb / 17P
[Old version datasheet]   TRIPLE 3-INPUT POSITIVE-AND GATES
SN54ALS11A TI-SN54ALS11A_08 Datasheet
690Kb / 17P
[Old version datasheet]   TRIPLE 3-INPUT POSITIVE-AND GATES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com