Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CD74HCT166MTG4 Datasheet(PDF) 9 Page - Texas Instruments

Part # CD74HCT166MTG4
Description  High-Speed CMOS Logic 8-Bit Parallel-In/Serial-Out Shift Register
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CD74HCT166MTG4 Datasheet(HTML) 9 Page - Texas Instruments

Back Button CD74HCT166MTG4 Datasheet HTML 5Page - Texas Instruments CD74HCT166MTG4 Datasheet HTML 6Page - Texas Instruments CD74HCT166MTG4 Datasheet HTML 7Page - Texas Instruments CD74HCT166MTG4 Datasheet HTML 8Page - Texas Instruments CD74HCT166MTG4 Datasheet HTML 9Page - Texas Instruments CD74HCT166MTG4 Datasheet HTML 10Page - Texas Instruments CD74HCT166MTG4 Datasheet HTML 11Page - Texas Instruments CD74HCT166MTG4 Datasheet HTML 12Page - Texas Instruments CD74HCT166MTG4 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
ACTIVE: Product device recommended for new designs.
LIFEBUY: TI has announced that the device will be discontinued, and a lifetime-buy period is in effect.
NRND: Not recommended for new designs. Device is in production to support existing customers, but TI does not recommend using this part in
a new design.
PREVIEW: Device has been announced but is not in production. Samples may or may not be available.
OBSOLETE: TI has discontinued the production of the device.
(2) Eco Plan - The planned eco-friendly classification: Pb-Free (RoHS), Pb-Free (RoHS Exempt), or Green (RoHS & no Sb/Br) - please check
http://www.ti.com/productcontent for the latest availability information and additional product content details.
TBD: The Pb-Free/Green conversion plan has not been defined.
Pb-Free (RoHS): TI's terms "Lead-Free" or "Pb-Free" mean semiconductor products that are compatible with the current RoHS requirements
for all 6 substances, including the requirement that lead not exceed 0.1% by weight in homogeneous materials. Where designed to be soldered
at high temperatures, TI Pb-Free products are suitable for use in specified lead-free processes.
Pb-Free (RoHS Exempt): This component has a RoHS exemption for either 1) lead-based flip-chip solder bumps used between the die and
package, or 2) lead-based die adhesive used between the die and leadframe. The component is otherwise considered Pb-Free (RoHS
compatible) as defined above.
Green (RoHS & no Sb/Br): TI defines "Green" to mean Pb-Free (RoHS compatible), and free of Bromine (Br) and Antimony (Sb) based flame
retardants (Br or Sb do not exceed 0.1% by weight in homogeneous material)
(3) MSL, Peak Temp. -- The Moisture Sensitivity Level rating according to the JEDEC industry standard classifications, and peak solder
temperature.
Important Information and Disclaimer:The information provided on this page represents TI's knowledge and belief as of the date that it is
provided. TI bases its knowledge and belief on information provided by third parties, and makes no representation or warranty as to the
accuracy of such information. Efforts are underway to better integrate information from third parties. TI has taken and continues to take
reasonable steps to provide representative and accurate information but may not have conducted destructive testing or chemical analysis on
incoming materials and chemicals. TI and TI suppliers consider certain information to be proprietary, and thus CAS numbers and other limited
information may not be available for release.
In no event shall TI's liability arising out of such information exceed the total purchase price of the TI part(s) at issue in this document sold by TI
to Customer on an annual basis.
PACKAGE OPTION ADDENDUM
www.ti.com
9-Oct-2007
Addendum-Page 2


Similar Part No. - CD74HCT166MTG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD74HCT166MT TI-CD74HCT166MT Datasheet
274Kb / 13P
[Old version datasheet]   High-Speed CMOS Logic 8-Bit Parallel-In/Serial-Out Shift Register
CD74HCT166MTE4 TI-CD74HCT166MTE4 Datasheet
274Kb / 13P
[Old version datasheet]   High-Speed CMOS Logic 8-Bit Parallel-In/Serial-Out Shift Register
More results

Similar Description - CD74HCT166MTG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD74HC164 TI-CD74HC164 Datasheet
47Kb / 7P
[Old version datasheet]   High Speed CMOS Logic 8-Bit Serial-In/Parallel-Out Shift Register
CD74HC166 TI-CD74HC166 Datasheet
274Kb / 13P
[Old version datasheet]   High-Speed CMOS Logic 8-Bit Parallel-In/Serial-Out Shift Register
CD54HC164 TI-CD54HC164_08 Datasheet
444Kb / 14P
[Old version datasheet]   High-Speed CMOS Logic 8-Bit Serial-In/Parallel-Out Shift Register
CD54HC165 TI-CD54HC165 Datasheet
261Kb / 13P
[Old version datasheet]   High-Speed CMOS Logic 8-Bit Parallel-In/Serial-Out Shift Register
CD54HC164 TI-CD54HC164 Datasheet
269Kb / 11P
[Old version datasheet]   High-Speed CMOS Logic 8-Bit Serial-In/Parallel-Out Shift Register
CD74HC165 TI-CD74HC165 Datasheet
52Kb / 9P
[Old version datasheet]   High Speed CMOS Logic 8-Bit Parallel-In/Serial-Out Shift Register
CD54HC164 TI-CD54HC164_07 Datasheet
339Kb / 15P
[Old version datasheet]   High-Speed CMOS Logic 8-Bit Serial-In/Parallel-Out Shift Register
CD54HC165 TI-CD54HC165_07 Datasheet
418Kb / 15P
[Old version datasheet]   High-Speed CMOS Logic 8-Bit Parallel-In/Serial-Out Shift Register
logo
Toshiba Semiconductor
TC74VHC9164FK TOSHIBA-TC74VHC9164FK Datasheet
666Kb / 10P
   8-Bit Shift Register (Parallel-IN/ Serial-OUT, Serial -IN/ Parallel -OUT)
2018-06-22
logo
Integral Corp.
IN74LV164 INTEGRAL-IN74LV164 Datasheet
45Kb / 6P
   8-BIT SERIAL-IN/PARALLEL-OUT SHIFT REGISTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com