Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RSB12Z Datasheet(PDF) 1 Page - Rohm

Part # RSB12Z
Description  Low Capacitance Protection Device
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

RSB12Z Datasheet(HTML) 1 Page - Rohm

  RSB12Z Datasheet HTML 1Page - Rohm RSB12Z Datasheet HTML 2Page - Rohm RSB12Z Datasheet HTML 3Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
RSB12Z
Diodes
1/2
Low Capacitance Protection Device
RSB12Z
Application
ESD Protection
Features
1) Ultra small mold type. (VMD3)
2) Low capacitance
3) Bi direction
Construction
Silicon Epitaxial Planar
Absolute maximum ratings (Ta=25
°C)
Symbol
Unit
PmW
Tj
Tstg
Limits
Parameter
Power dissipation
150
Junction temperature
Storage temperature
150
-55 to +150
Electrical characteristics (Ta=25
°C)
Symbol
Min.
Typ.
Max.
Unit
Conditions
Zener voltage
VZ
9.6
-
14.4
V
IZ=5mA
Reverse current
IR
--
0.10
µA
VR=9V
Ct
-1
-
pF
f=1MHz,VR=0V
Capacitance between terminals
Parameter
Dimensions (Unit : mm)
Land size figure (Unit : mm)
Structure
ROHM : VMD3
dot(year week factory)
0.5±0.05
0.13±0.05
0.22±0.05
(3)
1.2±0.1
0.4
0.4
(1)
(2)
0.22±0.05
0.32±0.05
0~0.1
VMD3
0.4
0.4
0.8
0.5
Taping specifications (Unit : mm)
1.3±0.05
    0
(4.0±0.1)
4.0±0.07
2.0±0.04
φ1.55±0.05
0.3±0.1
0.6±0.05
0
φ0.5±0.05
2.0±0.05


Similar Part No. - RSB12Z

ManufacturerPart #DatasheetDescription
logo
Rohm
RSB12Z ROHM-RSB12Z Datasheet
376Kb / 3P
   Low Capacitance Protection Device
RSB12ZFH ROHM-RSB12ZFH Datasheet
841Kb / 6P
   Low Capacitance Protection Device
RSB12ZT2L ROHM-RSB12ZT2L Datasheet
234Kb / 3P
   Low Capacitance Protection Device
RSB12Z ROHM-RSB12Z_10 Datasheet
376Kb / 3P
   Low Capacitance Protection Device
More results

Similar Description - RSB12Z

ManufacturerPart #DatasheetDescription
logo
Rohm
RSB12JS2 ROHM-RSB12JS2_11 Datasheet
992Kb / 3P
   Low Capacitance Protection Device
RSB12W ROHM-RSB12W_11 Datasheet
1Mb / 3P
   Low Capacitance Protection Device
RSB12ZT2L ROHM-RSB12ZT2L Datasheet
234Kb / 3P
   Low Capacitance Protection Device
RSB12ZFH ROHM-RSB12ZFH Datasheet
841Kb / 6P
   Low Capacitance Protection Device
RSB12Z ROHM-RSB12Z_10 Datasheet
376Kb / 3P
   Low Capacitance Protection Device
RSB12W ROHM-RSB12W Datasheet
142Kb / 3P
   Low Capacitance Protection Device
RSB12JS2T2R ROHM-RSB12JS2T2R Datasheet
333Kb / 3P
   Low Capacitance Protection Device
RSB12JS2FH ROHM-RSB12JS2FH Datasheet
775Kb / 6P
   Low Capacitance Protection Device
RSB12WFH ROHM-RSB12WFH Datasheet
858Kb / 6P
   Low Capacitance Protection Device
logo
Chip Integration Techno...
T0534TL CITC-T0534TL Datasheet
844Kb / 9P
   Low Capacitance ESD Protection Device
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com